Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC3958PWP-3 Datasheet(PDF) 5 Page - Texas Instruments

Part # UCC3958PWP-3
Description  Single Cell Lithium-Ion Battery Protection Circuit
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC3958PWP-3 Datasheet(HTML) 5 Page - Texas Instruments

  UCC3958PWP-3 Datasheet HTML 1Page - Texas Instruments UCC3958PWP-3 Datasheet HTML 2Page - Texas Instruments UCC3958PWP-3 Datasheet HTML 3Page - Texas Instruments UCC3958PWP-3 Datasheet HTML 4Page - Texas Instruments UCC3958PWP-3 Datasheet HTML 5Page - Texas Instruments UCC3958PWP-3 Datasheet HTML 6Page - Texas Instruments UCC3958PWP-3 Datasheet HTML 7Page - Texas Instruments UCC3958PWP-3 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
UCC3958 -1/-2/-3/-4
Over Current Monitoring and Protection
Discharge current is continuously monitored via an inter-
nal sense resistor. In the event of excessive current, an
Over Current condition is declared if the high current
state persists for over 350
µs. This delay allows for charg-
ing of the system bypass capacitors without tripping the
overcurrent. A delay of 350
µs guarantees that the pack
can charge up to 680
µF without declaring an Over Cur-
rent condition. The delay may be extended to charge
larger load capacitors by connecting an external delay
capacitor from the CDLY pin to one of the BNEG pins.
Once an Over Current condition has been declared, the
internal MOSFET turns off. The only way to return the
pack to normal operation is to remove the load by un-
plugging the pack from the system. The overcurrent is re-
set when an internal pull down brings PACK– to within
less than 0.05V above BNEG. At this point, the pack re-
turns to its normal state of operation. A capacitor on the
CBPS pin provides momentary holdup for the UCC3958
to assure proper operation in the event that a hard short
suddenly pulls the cell voltage below the minimum oper-
ating voltage. This cap value can be 0.15
µF if the op-
tional CDLY capacitor is not used. An internal 10k
resistor buffers the bypass capacitor from the Li-Ion cell.
System Status Indicators
The UCC3958 provides several convenient system moni-
toring signals. The first one is the Low Power Warning.
This output goes high when the cell voltage is less than
300mV above the Under Voltage Threshold. It signals
the system that the battery is getting close to its dis-
charge limit.
The second monitoring signal is a tri-statable OV/UV out-
put. Under normal operations conditions, this signal is
tri-stated. When an Over Voltage condition is declared,
the output is pulled high. When an Under Voltage condi-
tion is declared, the output is pulled low. This signal is
especially useful during test, allowing easy verification of
the OV and UV thresholds. These outputs are with re-
spect to BNEG.
0
400
800
1200
1600
2000
4.0
5.0
6.0
7.0
8.0
9.0
10.0
CHARGER VOLTAGE (V)
APPLICATION INFORMATION (continued)
Figure 2. Typical OV Leakage Current with Runaway
Charger at 25°C
Figure 3. State Diagram
UDG-98051

#

#

#
!

"
$&

CDLYCAP VALUE(pf)
Figure 4. Typical Overcurrent Delay Time vs CDLY


Similar Part No. - UCC3958PWP-3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3958 TI-UCC3958 Datasheet
289Kb / 8P
[Old version datasheet]   Single Cell Lithium-Ion Battery Protection Circuit
UCC3958-1 TI-UCC3958-1 Datasheet
289Kb / 8P
[Old version datasheet]   Single Cell Lithium-Ion Battery Protection Circuit
UCC3958-2 TI-UCC3958-2 Datasheet
289Kb / 8P
[Old version datasheet]   Single Cell Lithium-Ion Battery Protection Circuit
UCC3958-3 TI-UCC3958-3 Datasheet
289Kb / 8P
[Old version datasheet]   Single Cell Lithium-Ion Battery Protection Circuit
UCC3958-4 TI-UCC3958-4 Datasheet
289Kb / 8P
[Old version datasheet]   Single Cell Lithium-Ion Battery Protection Circuit
More results

Similar Description - UCC3958PWP-3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3958 TI-UCC3958 Datasheet
289Kb / 8P
[Old version datasheet]   Single Cell Lithium-Ion Battery Protection Circuit
logo
Silicon Standard Corp.
SS6821 SSC-SS6821 Datasheet
157Kb / 10P
   Single-Cell Lithium-Ion Battery Protection IC
logo
E-CMOS Corporation
EC9523 E-CMOS-EC9523 Datasheet
846Kb / 10P
   Single Cell Lithium-ion/Lithium-polymer Battery Protection IC
logo
Shenzhen Huazhimei Semi...
HM5054A HMSEMI-HM5054A Datasheet
1Mb / 11P
   Single-cell lithium-ion battery
HM5055A HMSEMI-HM5055A Datasheet
2Mb / 11P
   Single-cell lithium-ion battery
logo
Texas Instruments
UCC3952- TI-UCC3952- Datasheet
35Kb / 5P
[Old version datasheet]   Enhanced Single Cell Lithium-Ion Battery Protection IC
logo
SHOUDING Shouding Semic...
SD8057T SHOUDING-SD8057T Datasheet
1Mb / 11P
   single-cell lithium-ion battery charger
logo
Analog Intergrations Co...
AIC1802 AIC-AIC1802 Datasheet
132Kb / 10P
   Two-Cell Lithium-Ion Battery Protection IC
AIC1811 AIC-AIC1811 Datasheet
118Kb / 8P
   One-Cell Lithium-Ion Battery Protection IC
AIC1821 AIC-AIC1821 Datasheet
207Kb / 7P
   ONE-CELL LITHIUM-ION BATTERY PROTECTION IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com