Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD33120P Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # SD33120P
Description  SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES 2-, 2.5-, 3-, AND 4-MINUTE DURATIONS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SD33120P Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button SD33120P Datasheet HTML 5Page - List of Unclassifed Manufacturers SD33120P Datasheet HTML 6Page - List of Unclassifed Manufacturers SD33120P Datasheet HTML 7Page - List of Unclassifed Manufacturers SD33120P Datasheet HTML 8Page - List of Unclassifed Manufacturers SD33120P Datasheet HTML 9Page - List of Unclassifed Manufacturers SD33120P Datasheet HTML 10Page - List of Unclassifed Manufacturers SD33120P Datasheet HTML 11Page - List of Unclassifed Manufacturers SD33120P Datasheet HTML 12Page - List of Unclassifed Manufacturers SD33120P Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
   
5
ISD
   && :*: " =$ H&  &&
 J " 7;$ H& 
&&! ! #
'& M &&! !N  ! ;) "  
 #& C "  #! "#
  &#  &    
C & " #&&! #!# <&
.! !",  '.!,(
 5 2  "  ..AAA &
&   +4 , & &
 "!   " 4   &#+
! 2 "<   O  "
&"  "< &  # 
 , ,   ## #+
  ! ,! !& & " C
 ####5## #&    #+
& C&   2 &  4 
,  5 #( & #+
(  ,! !& & " C  #+
###5## #&   C 
#& C&  ! 4 & & +
## " & # ! &
" ! & & <(  ,  C
2 !  6 3  & "4&@
& ## 2 & &  C
, C&  &!  &#! "+
&  "5 &( &! C#&   "
 &#  ""& "#   ##+
       2 &  (
&  2 & ## , C 4 +
 If the XCLK is not used, this input should
be connected to ground.
"%/  '% (
&  & &  !    "
   " &  &! 4
 & C4   & & & &
 # & '4 ; B " ) 4
 &  &! '( ! & " &) 
 H9   ! & C  
    &  C#&   "
  2   4 &&& 
&! , & 2 , & #   +
 & &  #   
  9 ! &!&    +
 & &  A B 4 ; B "  &
" &   H9  & ""&  
 4    " !& 4 
&! #    "  C
&C C !      %
! !  '(
"
 ..AAA && & "#    & +
"    " & 4 
"4! 
  &"  &&#&   #+
F&   &" !&&  2  
"! ! "   3 J  ..AAA( 
& 2        &! 2
!  & 2       
"! 2 !
1.
 &  &"& C! 4  "!
! "  
2.
 &   J !  & ##+
&   :*: C4 &&
3.
 & 2    &! 2 !
  & 2    "! 2
!
4.
   &   C
C!  , C &&!   
 J( &"!      &&
"   ..AAA , '"  
 ## C   5
!)
Table 1:
External Clock Input Precision
Power Regulation
Part
Number
Sample Rate
Required Clock

 
 

 
 

 
 

 
 


Similar Part No. - SD33120P

ManufacturerPart #DatasheetDescription
logo
SHOUDING Shouding Semic...
SD3312A SHOUDING-SD3312A Datasheet
625Kb / 7P
   LIght-to-SwItchIng FunctIon-SwItched FunctIon-SwItchable FunctIonal-Controlled IC
More results

Similar Description - SD33120P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ISD4000 ETC1-ISD4000 Datasheet
317Kb / 2P
   Single-Chip Voice Record/Playback Devices 2- to 16-Minute Durations
ISD4003 ETC-ISD4003 Datasheet
2Mb / 30P
   Single-Chip Voice Record/Playback Devices 4-, 5-, 6-, and 8-Minute Durations
logo
Winbond
ISD4004 WINBOND-ISD4004 Datasheet
980Kb / 28P
   Single-Chip Voice Record/Playback Devices 8-, 10-, 12-, and 16-Minute Durations
logo
List of Unclassifed Man...
ISD5008 ETC-ISD5008 Datasheet
1Mb / 47P
   SINGLE CHIP VOICE RECORD PLAYBACK DEVICE 4-, 5-, 6-, AND 8- MINUTE DURATIONS
ISD1000A ETC-ISD1000A Datasheet
402Kb / 20P
   Single-Chip Voice Record/Playback Devices 16- and 20-Second Durations
ISD1400 ETC-ISD1400 Datasheet
1Mb / 25P
   Single-Chip Voice Record/Playback Devices 16-and 20-Second Durations
ISD1200 ETC-ISD1200 Datasheet
1Mb / 25P
   Single-Chip Voice Record/Playback Devices 10- and 12-Second Durations
logo
Generalplus Technology ...
GPCR20A GENERALPLUS-GPCR20A Datasheet
266Kb / 12P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
logo
List of Unclassifed Man...
ISD2560 ETC1-ISD2560 Datasheet
801Kb / 26P
   Single-Chip Voice Record/Playback Devices 60-, 75-, 90-, and 120-Second Durations
ISD1100 ETC-ISD1100 Datasheet
265Kb / 24P
   SINGLE CHIP VOICE RECORD / PLAYBACK DEVICES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com