Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


M306V5ME-XXXSP Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part No. M306V5ME-XXXSP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
Download  262 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo 

 
 5 page
background image
M306V5ME-XXXSP
M306V5EESP
MITSUBISHI MICROCOMPUTERS
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
5
Rev. 1.0
Item
Performance
Number of basic instructions
91 instructions
Shortest instruction execution time
100 ns(f(XIN)=10 MHz)
Memory
ROM
192K bytes
size
RAM
5K bytes
OSD ROM
61K bytes
OSD RAM
2.2K bytes
I/O port
P0, P2 to P10
8 bits ! 3, 5 bits ! 1, 4 bits ! 2, 3 bits ! 2, 2 bits ! 1,
1 bit ! 1
Multifunction
TA0, TA1, TA2, TA3, TA4
16 bits ! 5
timer
TB0, TB1, TB2
16 bits ! 3
Serial I/O
UART0
1 unit: UART or clock synchronous
UART2
1 unit: UART or clock synchronous
Multi-master I2C-BUS interface 0 1 unit (2 channels)
Multi-master I2C-BUS interface 1 1 unit (1 channels)
A-D converter
8 bits ! 6 channels
D-A converter
8 bits ! 2 channels
DMAC
2 channels (trigger: 23 sources)
OSD function
Triple layer, 890 kinds of fonts, 42 character ! 16 lines
Data slicer
32-bit buffer
HSYNC counter
8 bits ! 2 channels
Watchdog timer
15 bits ! 1 (with prescaler)
Interrupt
21 internal and 3 external sources, 4 software sources, 7 levels
Clock generating circuit
2 built-in clock generation circuits
Power source voltage
4.5 V to 5.5V (f(XIN ) = 10 MHz)
Power consumption
250 mW
I/O
I/O withstand voltage
5 V
characteristics
Output current
5 mA
Operating ambient temperature
–10 o C to 70 o C
Device configuration
CMOS high performance silicon gate
Package
64-pin plastic molded SDIP
Table 1.5.1 Performance outline
1.5 Performance Outline
Table 1.5.1 is a performance outline.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ISD33120SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES 2- 2.5- 3- AND 4-MINUTE DURATIONS 1 2 3 4 5 MoreList of Unclassifed Manufacturers
AD798016-bit 1 MSPS PulSAR ADC in MSOP/QFN 1 2 3 4 5 MoreAnalog Devices
TDPXRack and Panel Filter Connectors 1 2 3 4 5 MoreITT Industries
PIC16LV5XEPROM-Based 8-Bit CMOS Microcontroller Series 1 2 3 4 5 MoreMicrochip Technology
AP3842High Performance Current Mode PWM Controller 1 2 3 4 5 MoreAnachip Corp
BI3101ADUAL RWM CCFL CONTROLLER 1 2 3 4 5 MoreList of Unclassifed Manufacturers
BCM97110SINGLE-CHIP DOCSIS 1.1/PVR SET-TOP BOX DEVELOPMENT PLATFORM 1 2 Broadcom Corporation.
HMC585MS8GHIGH IP3 GaAs MMIC MIXER with INTEGRATED LO AMPLIFIER 400 - 650 MHz 1 2 3 4 5 MoreHittite Microwave Corporation
IDT821034QUAD PCM CODEC WITH PROGRAMMABLE GAIN 1 2 3 4 5 MoreIntegrated Device Technology
AD81974:1 HDMI/DVI Switch with Equalization 1 2 3 4 5 MoreAnalog Devices

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl