Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61SF25616-10TQ Datasheet(PDF) 11 Page - Integrated Silicon Solution, Inc

Part # IS61SF25616-10TQ
Description  256K x 16, 256K x 18 SYNCHRONOUS FLOW-THROUGH STATIC RAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61SF25616-10TQ Datasheet(HTML) 11 Page - Integrated Silicon Solution, Inc

Back Button IS61SF25616-10TQ Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61SF25616-10TQ Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61SF25616-10TQ Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS61SF25616-10TQ Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS61SF25616-10TQ Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS61SF25616-10TQ Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS61SF25616-10TQ Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS61SF25616-10TQ Datasheet HTML 14Page - Integrated Silicon Solution, Inc IS61SF25616-10TQ Datasheet HTML 15Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
IS61SF25616
IS61SF25618
ISSI®
Integrated Silicon Solution, Inc. — 1-800-379-4774
11
Rev. A
04/17/01
WRITE CYCLE SWITCHING CHARACTERISTICS (Over Operating Range)
8
8.5
10
12
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Unit
tKC(1)
Cycle Time
10
11
15
15
ns
tKH(1)
Clock High Time
4
4.5
4.5
4.5
ns
tKL(1)
Clock Low Time
4
4.5
4.5
4.5
ns
tAS(1)
Address Setup Time
2
2
2
4
ns
tSS(1)
Address Status Setup Time
2
2
2
4
ns
tWS(1)
Write Setup Time
2
2
2
4
ns
tDS(1)
Data In Setup Time
2
2
2
4
ns
tCES(1)
Chip Enable Setup Time
2
2
2
4
ns
tAVS(1)
Address Advance Setup Time
2
2
2
4
ns
tAH(1)
Address Hold Time
0.5
0.5
0.5
1.5
ns
tSH(1)
Address Status Hold Time
0.5
0.5
0.5
1.5
ns
tDH(1)
Data In Hold Time
0.5
0.5
0.5
1.5
ns
tWH(1)
Write Hold Time
0.5
0.5
0.5
1.5
ns
tCEH(1)
Chip Enable Hold Time
0.5
0.5
0.5
1.5
ns
tAVH(1)
Address Advance Hold Time
0.5
0.5
0.5
1.5
ns
Notes:
1. Tested with load in Figure 1.


Similar Part No. - IS61SF25616-10TQ

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61SF12832 ISSI-IS61SF12832 Datasheet
112Kb / 16P
   128K x 32, 128K x 36 SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61SF12832-10B ISSI-IS61SF12832-10B Datasheet
112Kb / 16P
   128K x 32, 128K x 36 SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61SF12832-10TQ ISSI-IS61SF12832-10TQ Datasheet
112Kb / 16P
   128K x 32, 128K x 36 SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61SF12832-10TQI ISSI-IS61SF12832-10TQI Datasheet
112Kb / 16P
   128K x 32, 128K x 36 SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61SF12832-12B ISSI-IS61SF12832-12B Datasheet
112Kb / 16P
   128K x 32, 128K x 36 SYNCHRONOUS FLOW-THROUGH STATIC RAM
More results

Similar Description - IS61SF25616-10TQ

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61SP25616 ISSI-IS61SP25616 Datasheet
120Kb / 15P
   256K x 16, 256K x 18 SYNCHRONOUS PIPELINED STATIC RAM
logo
Motorola, Inc
MCM69F817 MOTOROLA-MCM69F817 Datasheet
175Kb / 16P
   256K x 18 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM69F819 MOTOROLA-MCM69F819 Datasheet
274Kb / 20P
   256K x 18 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
logo
Integrated Silicon Solu...
IS61LF25636A ISSI-IS61LF25636A Datasheet
206Kb / 32P
   256K x 36, 512K x 18 9 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61LF25636A ISSI-IS61LF25636A_10 Datasheet
549Kb / 32P
   256K x 36, 512K x 18 9 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61LF25672A ISSI-IS61LF25672A Datasheet
276Kb / 35P
   256K x 72, 512K x 36, 1024K x 18 18Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
logo
Cypress Semiconductor
CY7C1041BV33 CYPRESS-CY7C1041BV33 Datasheet
187Kb / 11P
   256K x 16 Static RAM
CY7C1041 CYPRESS-CY7C1041 Datasheet
182Kb / 10P
   256K x 16 Static RAM
CY62146CV18 CYPRESS-CY62146CV18 Datasheet
299Kb / 12P
   256K x 16 Static RAM
CY62147CV18 CYPRESS-CY62147CV18_02 Datasheet
300Kb / 11P
   256K x 16 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com