Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61SF25616-8.5B Datasheet(PDF) 6 Page - Integrated Silicon Solution, Inc

Part # IS61SF25616-8.5B
Description  256K x 16, 256K x 18 SYNCHRONOUS FLOW-THROUGH STATIC RAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61SF25616-8.5B Datasheet(HTML) 6 Page - Integrated Silicon Solution, Inc

Back Button IS61SF25616-8.5B Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61SF25616-8.5B Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61SF25616-8.5B Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61SF25616-8.5B Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61SF25616-8.5B Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61SF25616-8.5B Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61SF25616-8.5B Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61SF25616-8.5B Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS61SF25616-8.5B Datasheet HTML 10Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
IS61SF25616
IS61SF25618
ISSI®
6
Integrated Silicon Solution, Inc. — 1-800-379-4774
Rev. A
04/17/01
INTERLEAVED BURST ADDRESS TABLE (MODE = VCC or No Connect)
External Address
1st Burst Address
2nd Burst Address
3rd Burst Address
A1 A0
A1 A0
A1 A0
A1 A0
00
01
10
11
01
00
11
10
10
11
00
01
11
10
01
00
LINEAR BURST ADDRESS TABLE (MODE = GND)
ABSOLUTE MAXIMUM RATINGS(1)
Symbol
Parameter
Value
Unit
TBIAS
Temperature Under Bias
–40 to +85
°C
TSTG
Storage Temperature
–55 to +150
°C
PD
Power Dissipation
1.6
W
IOUT
Output Current (per I/O)
100
mA
VIN, VOUT Voltage Relative to GND for I/O Pins
–0.5 to VCCQ + 0.3
V
VIN
Voltage Relative to GND for
–0.5 to VCC + 0.5
V
for Address and Control Inputs
VCC
Voltage on Vcc Supply Relatiive to GND
–0.5 to 4.6
V
Notes:
1. Stress greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation of the
device at these or any other conditions above those indicated in the operational sections of
this specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect reliability.
2. This device contains circuitry to protect the inputs against damage due to high static
voltages or electric fields; however, precautions may be taken to avoid application of any
voltage higher than maximum rated voltages to this high-impedance circuit.
3. This device contains circuitry that will ensure the output devices are in High-Z at power up.
0,0
1,0
0,1
A1', A0' = 1,1


Similar Part No. - IS61SF25616-8.5B

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61SF12832 ISSI-IS61SF12832 Datasheet
112Kb / 16P
   128K x 32, 128K x 36 SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61SF12832-10B ISSI-IS61SF12832-10B Datasheet
112Kb / 16P
   128K x 32, 128K x 36 SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61SF12832-10TQ ISSI-IS61SF12832-10TQ Datasheet
112Kb / 16P
   128K x 32, 128K x 36 SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61SF12832-10TQI ISSI-IS61SF12832-10TQI Datasheet
112Kb / 16P
   128K x 32, 128K x 36 SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61SF12832-12B ISSI-IS61SF12832-12B Datasheet
112Kb / 16P
   128K x 32, 128K x 36 SYNCHRONOUS FLOW-THROUGH STATIC RAM
More results

Similar Description - IS61SF25616-8.5B

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61SP25616 ISSI-IS61SP25616 Datasheet
120Kb / 15P
   256K x 16, 256K x 18 SYNCHRONOUS PIPELINED STATIC RAM
logo
Motorola, Inc
MCM69F817 MOTOROLA-MCM69F817 Datasheet
175Kb / 16P
   256K x 18 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM69F819 MOTOROLA-MCM69F819 Datasheet
274Kb / 20P
   256K x 18 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
logo
Integrated Silicon Solu...
IS61LF25636A ISSI-IS61LF25636A Datasheet
206Kb / 32P
   256K x 36, 512K x 18 9 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61LF25636A ISSI-IS61LF25636A_10 Datasheet
549Kb / 32P
   256K x 36, 512K x 18 9 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61LF25672A ISSI-IS61LF25672A Datasheet
276Kb / 35P
   256K x 72, 512K x 36, 1024K x 18 18Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
logo
Cypress Semiconductor
CY7C1041BV33 CYPRESS-CY7C1041BV33 Datasheet
187Kb / 11P
   256K x 16 Static RAM
CY7C1041 CYPRESS-CY7C1041 Datasheet
182Kb / 10P
   256K x 16 Static RAM
CY62146CV18 CYPRESS-CY62146CV18 Datasheet
299Kb / 12P
   256K x 16 Static RAM
CY62147CV18 CYPRESS-CY62147CV18_02 Datasheet
300Kb / 11P
   256K x 16 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com