Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS41LV32256-35PQ Datasheet(PDF) 5 Page - Integrated Silicon Solution, Inc

Part # IS41LV32256-35PQ
Description  256K x 32 (8-Mbit) EDO DYNAMIC RAM 3.3V, 100/83/66 MHz
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS41LV32256-35PQ Datasheet(HTML) 5 Page - Integrated Silicon Solution, Inc

  IS41LV32256-35PQ Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS41LV32256-35PQ Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS41LV32256-35PQ Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS41LV32256-35PQ Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS41LV32256-35PQ Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS41LV32256-35PQ Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS41LV32256-35PQ Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS41LV32256-35PQ Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS41LV32256-35PQ Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Integrated Silicon Solution, Inc.
5
Rev. A
09/29/00
IS41LV32256
ISSI®
POWER-ON
The initial application of the VCC supply requires a 200-µs
wait followed by a minimum of any eight initialization
cycles containing a
RAS clock. During Power-On, the VCC
current is dependent on the input levels of
RAS and CAS.
It is recommended that
RAS and CAS track with VCC or be
held at a valid VIH during Power-On to avoid current
surges.
RECOMMENDED OPERATING CONDITIONS(1) (TA = 0°C to 70°C)
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Power Supply
3.0
3.3
3.6
V
VIH
Input High Voltage
2.4
VCC + 0.5
V
VIL
Input Low Voltage
–0.5
0.4
V
Note:
1. Voltages are referenced to GND.
ABSOLUTE MAXIMUM RATINGS(1)
Symbol
Parameters
Rating
Unit
tA
Ambient Temperature Under Bias
–1.0 to +80
°C
tSTG
Storage Temperature
–50 to +125
°C
VT
Voltage Relative to GND
–1.0 to +5.5
V
IOUT
Data Output Current
50
mA
PD
Power Dissipation
1.0
W
Note:
1. Stress greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent
damage to the device. This is a stress rating only and functional operation of the device at these
or any other conditions above those indicated in the operational sections of this specification is
not implied. Exposure to absolute maximum rating conditions for extended periods may affect
reliability.
CAPACITANCE(1,2)
Symbol
Parameter
Max.
Unit
CIN
Input Capacitance
5
pF
CIO
Data Input/Output Capacitance
7
pF
Notes:
1. Capacitance is sampled and 100% tested.
2. Test conditions: TA = 25°C, f = 1 MHz, VCC = 3.3V.


Similar Part No. - IS41LV32256-35PQ

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS41LV16100 ISSI-IS41LV16100 Datasheet
169Kb / 23P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41LV16100-50K ISSI-IS41LV16100-50K Datasheet
123Kb / 20P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41LV16100-50KI ISSI-IS41LV16100-50KI Datasheet
123Kb / 20P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41LV16100-50KI ISSI-IS41LV16100-50KI Datasheet
169Kb / 23P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41LV16100-50T ISSI-IS41LV16100-50T Datasheet
123Kb / 20P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
More results

Similar Description - IS41LV32256-35PQ

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IS41LV16256 ICSI-IS41LV16256 Datasheet
215Kb / 20P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41LV16256B ISSI-IS41LV16256B Datasheet
145Kb / 22P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Siemens Semiconductor G...
HYB514265BJ-400 SIEMENS-HYB514265BJ-400 Datasheet
1Mb / 28P
   256K x 16-Bit EDO-Dynamic RAM
logo
Integrated Silicon Solu...
IS41C16256 ISSI-IS41C16256 Datasheet
153Kb / 19P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Taiwan Memory Technolog...
T224162B TMT-T224162B Datasheet
143Kb / 9P
   256K x 16 DYNAMIC RAM EDO PAGE MODE
logo
Mosel Vitelic, Corp
V53C8258H MOSEL-V53C8258H Datasheet
219Kb / 18P
   HIGH PERFORMANCE 256K X 8 EDO PAGE MODE CMOS DYNAMIC RAM
logo
Integrated Circuit Solu...
IS41C8512 ICSI-IS41C8512 Datasheet
201Kb / 18P
   512K x 8 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41C85120 ISSI-IS41C85120 Datasheet
145Kb / 19P
   512K x 8 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Siemens Semiconductor G...
HYB3116405BJBTL-50- SIEMENS-HYB3116405BJBTL-50- Datasheet
285Kb / 26P
   3.3V 4M x 4-Bit EDO-Dynamic RAM
logo
Integrated Circuit Solu...
IC41C82002 ICSI-IC41C82002 Datasheet
195Kb / 18P
   2M x 8 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com