Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT8535-01 Datasheet(PDF) 8 Page - Integrated Device Technology

Part # IDT8535-01
Description  LOW SKEW, 1-TO-4 LVCMOS-TO-3.3V LVPECL FANOUT BUFFER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT8535-01 Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button IDT8535-01 Datasheet HTML 3Page - Integrated Device Technology IDT8535-01 Datasheet HTML 4Page - Integrated Device Technology IDT8535-01 Datasheet HTML 5Page - Integrated Device Technology IDT8535-01 Datasheet HTML 6Page - Integrated Device Technology IDT8535-01 Datasheet HTML 7Page - Integrated Device Technology IDT8535-01 Datasheet HTML 8Page - Integrated Device Technology IDT8535-01 Datasheet HTML 9Page - Integrated Device Technology IDT8535-01 Datasheet HTML 10Page - Integrated Device Technology IDT8535-01 Datasheet HTML 11Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
COMMERCIALANDINDUSTRIALTEMPERATURERANGES
IDT8535-01
LOW SKEW, 1-TO-4 LVCMOS-TO-3.3V LVPECL
APPLICATION INFORMATION
TERMINATION FOR LVPECL OUTPUTS
TheclocklayouttopologyshownbelowisatypicalterminationforLVPECLoutputs. Thetwodifferentlayoutsmentionedarerecommendedonlyasguidelines.
FOUTandxFOUTarelowimpedancefolloweroutputsthatgenerateECL/LVPECLcompatibleoutputs. Therefore,terminatingresistors(DCcurrent pathto
ground)orcurrentsourcesmustbeusedforfunctionality. Theseoutputsaredesignedtodrive50
Ωtransmissionlines. Matchedimpedancetechniquesshould
be used to maximize operating frequency and minimize signal distortion. The diagrams below show two different layouts which are recommended only as
guidelines. Othersuitableclocklayoutsmayexist. Itisrecommendedthattheboarddesignerssimulatetoguaranteecompatibilityacrossallprintedcircuitand
clockcomponentprocessvariations.
LVPECL Output Termination, layout A
LVPECL Output Termination, layout B
FOUT
50
50
Zo = 50
VDD - 2V
Zo = 50
RTT
FIN
RTT =
(VOH + VOL / VDD - 2) - 2
1
Zo
FOUT
Zo = 50
Zo = 50
FIN
Zo
3
2
Zo
3
2
Zo
5
2
Zo
5
2
3.3V


Similar Part No. - IDT8535-01

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT85304 IDT-IDT85304 Datasheet
77Kb / 11P
   LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
IDT85304-01 IDT-IDT85304-01 Datasheet
77Kb / 11P
   LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
More results

Similar Description - IDT8535-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8535-01 ICST-ICS8535-01 Datasheet
115Kb / 12P
   LOW SKEW, 1-TO-4 LVCMOS-TO-3.3V LVPECL FANOUT BUFFER
logo
Pericom Semiconductor C...
PI6C48535-01 PERICOM-PI6C48535-01 Datasheet
347Kb / 5P
   3.3V Low Skew 1-to-4 LVTTL/LVCMOS to LVPECL Fanout Buffer
PI6C48535-11 PERICOM-PI6C48535-11 Datasheet
286Kb / 5P
   3.3V Low Skew 1-to-4 Crystal/LVCMOS to LVPECL Fanout Buffer
PI6C48535-01B PERICOM-PI6C48535-01B Datasheet
575Kb / 6P
   3.3V Low Skew 1-to-4 LVTTL/LVCMOS to LVPECL Fanout Buffer
PI6C48535-01 PERICOM-PI6C48535-01_11 Datasheet
400Kb / 5P
   3.3V Low Skew 1-to-4 LVTTL/LVCMOS to LVPECL Fanout Buffer
logo
Renesas Technology Corp
ICS8535I-01 RENESAS-ICS8535I-01 Datasheet
495Kb / 17P
   Low Skew, 1-to-4 LVCMOS/LVTTL-to-3.3V LVPECL Fanout Buffer
2019
logo
Pericom Semiconductor C...
PI6C48533-01 PERICOM-PI6C48533-01 Datasheet
409Kb / 7P
   3.3V Low Skew 1-to-4 Differential/LVCMOS to LVPECL Fanout Buffer
logo
Integrated Device Techn...
ICS8535BI-01 IDT-ICS8535BI-01 Datasheet
368Kb / 16P
   LOW SKEW, 1-to-4 LVCMOS/LVTTL-TO- 3.3V LVPECL FANOUT BUFFER
ICS8535I-01 IDT-ICS8535I-01 Datasheet
235Kb / 16P
   Low Skew, 1-to-4 LVCMOS/LVTTL-to-3.3V LVPECL Fanout Buffer
logo
Pericom Semiconductor C...
PI6C48533-01 PERICOM-PI6C48533-01_15 Datasheet
668Kb / 7P
   3.3V Low Skew 1-to-4 Differential/LVCMOS to LVPECL Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com