Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDPX Datasheet(PDF) 7 Page - ITT Industries

Part # TDPX
Description  Rack and Panel Filter Connectors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

TDPX Datasheet(HTML) 7 Page - ITT Industries

  TDPX Datasheet HTML 1Page - ITT Industries TDPX Datasheet HTML 2Page - ITT Industries TDPX Datasheet HTML 3Page - ITT Industries TDPX Datasheet HTML 4Page - ITT Industries TDPX Datasheet HTML 5Page - ITT Industries TDPX Datasheet HTML 6Page - ITT Industries TDPX Datasheet HTML 7Page - ITT Industries TDPX Datasheet HTML 8Page - ITT Industries TDPX Datasheet HTML 9Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
www.ittcannon.com
322
Dimensions are shown in inches (millimeters).
Dimensions subject to change.
ARINC 600 Rack and Panel Filter Connectors
TBKAD
Performance and Material Specifications
Contact Arrangements (Receptacle-Engaging Face Shown)
MATERIALS AND FINISHES
ELECTRICAL DATA (Size #16, Size #20 and Size #22)
BKAD
SPECIFICATIONS
Aluminum Alloy
Clear chromate
over cadmium
Thermoplastic
Copper alloy
Gold over nickel
Crimp
Coper alloy
Sliver
Filter Description
Catalog Indicator
Voltage Rating
Current Rating (amp DC)
Insulation Resistance, 2 min. electrification
time max. at 25˚C
DWV, sea level, with 500 microamps max.
charge/discharge
Capacitance at 1 KHz 0.1 V rms Picofarads
200 VDC-120 VAC rms 400 Hz
15 amp size 16, 7.5 size 20, 5.0 amp size 22
Mid Freq.
M
Std Freq.
T
High Freq.
H
Low Freq.
L
5,000 megohms min. @ 100 VDC
500VDC
500VDC
500VDC
300V DC size 22
500V DC size 16
& 20
8000
12000
3300
5000
850
1300
32000
45000
0.1
1.0
2
10
100
500 to 1000
2 min.
10 min.
16 min.
40 min.
60 min.
65 min.
Pi
-
2 min.
7 min.
18 min.
55 min.
60 min.
Pi
-
-
2 min.
8 min.
45 min.
55 min.
Pi
-
-
-
2 min.
30 min.
45 min.
Pi
Freq. MHz
Filter Type/Construction
Consult factory for higher or mixed attenuation values and higher voltage ratings.
Size 1
Sizes 2 & 3
Attenuation per MIL-STD-220
@ 25˚C with no applied
voltage or current
QQ-A-591/A380
QQ-P-416
N/A
AA-C-533
N/A
Material
Finish
Material
Material
Finish
Termination
Material
Finish
Shell
Insulator
Contacts
Ground Spring
150
150 #22
SHELL CAVITY A, B, D, or E
100
100 #22
SHELL CAVITY C or F
NOT TOOLED
60
60 #22
SHELL CAVITY A or B
NOT TOOLED


Similar Part No. - TDPX

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TDP VISHAY-TDP Datasheet
260Kb / 4P
   Molded, Dual-In-Line Resistor Networks
Revision: 16-May-07
logo
C&K Components
TDP CK-COMPONENTS-TDP Datasheet
195Kb / 3P
   Half-pitch Side-Actuated DIP Switches
logo
Delta Electronics, Inc.
TDP DELTA-TDP Datasheet
684Kb / 1P
   HIGH PERFORMANCE 3-PHASE 3-WIRE PLASTIC CASE FILTERS
logo
C&K Components
TDP CK-COMPONENTS-TDP Datasheet
326Kb / 3P
   Ultra-miniature Surface Mount Half-pitch Side-Actuated DIP Switches
logo
Vishay Siliconix
TDP VISHAY-TDP Datasheet
91Kb / 4P
   Molded, Dual-In-Line Thin Film Resistor, Through-Hole Network
07-Apr-2021
More results

Similar Description - TDPX

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DPXNA ITT-DPXNA Datasheet
492Kb / 16P
   Rack and Panel Connectors
logo
Vishay Siliconix
MM22 VISHAY-MM22_08 Datasheet
261Kb / 8P
   Rack and Panel Connectors
Revision: 15-Feb-07
A20 VISHAY-A20 Datasheet
106Kb / 3P
   Rack and Panel Connectors
Revision: 08-Feb-07
MM22MM24 VISHAY-MM22MM24 Datasheet
209Kb / 6P
   Rack and Panel Connectors
Revision 22-Aug-00
logo
ITT Industries
BKAD3-A653-30001 ITT-BKAD3-A653-30001 Datasheet
2Mb / 120P
   Cannon Rack and Panel Connectors
logo
Vishay Siliconix
G16P-AB VISHAY-G16P-AB Datasheet
375Kb / 2P
   Rack and Panel Connectors Side Mount
Revision: 08-Feb-07
SM20 VISHAY-SM20 Datasheet
216Kb / 5P
   Rack and Panel Connectors Subminiature Rectangular
Revision: 15-Feb-07
SM20 VISHAY-SM20_09 Datasheet
850Kb / 5P
   Rack and Panel Connectors Subminiature Rectangular
Revision: 05-May-09
SM20 VISHAY-SM20_V01 Datasheet
856Kb / 5P
   Rack and Panel Connectors Subminiature Rectangular
01-Jan-2022
A20 VISHAY-A20_V01 Datasheet
459Kb / 3P
   Rack and Panel Connectors Side Mount
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com