Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX7325ATG+ Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX7325ATG+
Description  I2C Port Expander with 8 Push-Pull and 8 Open-Drain I/Os
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7325ATG+ Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX7325ATG+ Datasheet HTML 2Page - Maxim Integrated Products MAX7325ATG+ Datasheet HTML 3Page - Maxim Integrated Products MAX7325ATG+ Datasheet HTML 4Page - Maxim Integrated Products MAX7325ATG+ Datasheet HTML 5Page - Maxim Integrated Products MAX7325ATG+ Datasheet HTML 6Page - Maxim Integrated Products MAX7325ATG+ Datasheet HTML 7Page - Maxim Integrated Products MAX7325ATG+ Datasheet HTML 8Page - Maxim Integrated Products MAX7325ATG+ Datasheet HTML 9Page - Maxim Integrated Products MAX7325ATG+ Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
I2C Port Expander with 8 Push-Pull
and 8 Open-Drain I/Os
6
_______________________________________________________________________________________
PART
I2C
SLAVE
ADDRESS
INPUTS
INPUT
INTERRUPT
MASK
OPEN-
DRAIN
OUTPUTS
PUSH-
PULL
OUTPUTS
CONFIGURATION
MAX7326
4
Yes
12
4 input-only, 12 push-pull output versions:
4 input ports with programmable latching transition
detection interrupt and selectable pullups.
12 push-pull outputs with selectable default logic
levels.
Offers maximum versatility for automatic input
monitoring. An interrupt mask selects which inputs
cause an interrupt on transitions, and transition flags
identify which inputs have changed (even if only
for a transient) since the ports were last read.
MAX7327
101xxxx
and
110xxxx
Up to 4
Up to 4
12
4 I/O, 12 push-pull output versions:
4 open-drain I/O ports with latching transition
detection interrupt and selectable pullups.
12 push-pull outputs with selectable default logic
levels.
Open-drain outputs can level shift the logic-high
state to a higher or lower voltage than V+ using
external pullup resistors, but pullups draw current
when output is low. Any open-drain port can be used
as an input by setting the open-drain output to logic-
high. Transition flags identify which open-drain port
inputs have changed (even if only for a transient)
since the ports were last read.
8-PORT EXPANDERS
MAX7319
110xxxx
8
Yes
Input-only versions:
8 input ports with programmable latching transition
detection interrupt and selectable pullups.
MAX7320
101xxxx
——
8
Output-only versions:
8 push-pull outputs with selectable power-up default
levels.
MAX7321
110xxxx
Up to 8
Up to 8
I/O versions:
8 open-drain I/O ports with latching transition
detection interrupt and selectable pullups.
MAX7322
110xxxx
4
Yes
4
4 input-only, 4 output-only versions:
4 input ports with programmable latching transition
detection interrupt and selectable pullups.
4 push-pull outputs with selectable power-up default
levels.
Table 1. MAX7319–MAX7329 Family Comparison (continued)


Similar Part No. - MAX7325ATG+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7325ATG++ MAXIM-MAX7325ATG+ Datasheet
193Kb / 17P
   I2C Port Expander with 8 Push-Pull and 8 Open-Drain I/Os
Rev 1; 9/12
MAX7325ATG++ MAXIM-MAX7325ATG+ Datasheet
1,008Kb / 17P
   I2C Port Expander with 8 Push-Pull and 8 Open-Drain I/Os
19-3807; Rev 2; 12/15
More results

Similar Description - MAX7325ATG+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7325 MAXIM-MAX7325_V01 Datasheet
1,008Kb / 17P
   I2C Port Expander with 8 Push-Pull and 8 Open-Drain I/Os
19-3807; Rev 2; 12/15
MAX7325 MAXIM-MAX7325_12 Datasheet
217Kb / 17P
   I2C Port Expander with 8 Push-Pull and 8 Open-Drain I/Os
Rev 1; 9/12
MAX7325 MAXIM-MAX7325_14 Datasheet
193Kb / 17P
   I2C Port Expander with 8 Push-Pull and 8 Open-Drain I/Os
Rev 1; 9/12
MAX7321 MAXIM-MAX7321 Datasheet
664Kb / 17P
   I2C Port Expander with 8 Open-Drain I/Os
Rev 0; 7/05
MAX7321 MAXIM-MAX7321_14 Datasheet
974Kb / 15P
   I2C Port Expander with 8 Open-Drain I/Os
Rev 4; 7/14
MAX7327 MAXIM-MAX7327 Datasheet
1Mb / 21P
   I2C Port Expander with 12 Push-Pull Outputs and 4 Open-Drain I/Os
Rev 0; 8/06
MAX7327 MAXIM-MAX7327_V01 Datasheet
971Kb / 17P
   I2C Port Expander with 12 Push-Pull Outputs and 4 Open-Drain I/Os
19-3805; Rev 1; 5/14
MAX7323 MAXIM-MAX7323_V01 Datasheet
1,006Kb / 15P
   I2C Port Expander with 4 Push-Pull Outputs and 4 Open-Drain I/Os
19-3806; Rev 2; 5/14
MAX7323 MAXIM-MAX7323 Datasheet
213Kb / 17P
   I2C Port Expander with 4 Push-Pull Outputs
Rev 1; 7/07
logo
Microchip Technology
MCP23009 MICROCHIP-MCP23009 Datasheet
643Kb / 50P
   8-Bit I/O Expander with Open-Drain Outputs
2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com