Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BLV2044 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BLV2044
Description  UHF power transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLV2044 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BLV2044 Datasheet HTML 4Page - NXP Semiconductors BLV2044 Datasheet HTML 5Page - NXP Semiconductors BLV2044 Datasheet HTML 6Page - NXP Semiconductors BLV2044 Datasheet HTML 7Page - NXP Semiconductors BLV2044 Datasheet HTML 8Page - NXP Semiconductors BLV2044 Datasheet HTML 9Page - NXP Semiconductors BLV2044 Datasheet HTML 10Page - NXP Semiconductors BLV2044 Datasheet HTML 11Page - NXP Semiconductors BLV2044 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
1996 Nov 14
8
Philips Semiconductors
Product specification
UHF power transistor
BLV2044
Notes
1. American Technical Ceramics type 100A or capacitor of the same quality.
2. American Technical Ceramics type 100B or capacitor of the same quality.
3. The striplines are on a double copper-clad printed-circuit board with epoxy fibre-glass dielectric (
εr = 6.15);
thickness 0.64 mm.
L8
stripline; note 3
23
length 6.4 mm
width 3 mm
L9
2 turns enamelled 1 mm copper wire
9 nH
length 4 mm
int. dia. 3 mm
R1
metal film resistor
10
Ω; 0.4 W
2311 153 51009
COMPONENT
DESCRIPTION
VALUE
DIMENSIONS
CATALOGUE NO.


Similar Part No. - BLV2044

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLV2042 PHILIPS-BLV2042 Datasheet
109Kb / 16P
   UHF power transistor
2000 May 08
BLV2045N PHILIPS-BLV2045N Datasheet
75Kb / 12P
   UHF power transistor
2000 Feb 21
BLV2046 PHILIPS-BLV2046 Datasheet
128Kb / 12P
   UHF power transistor
1997 Aug 22
BLV2047 PHILIPS-BLV2047 Datasheet
84Kb / 12P
   UHF power transistor
1999 Jun 09
More results

Similar Description - BLV2044

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLU60-12 PHILIPS-BLU60-12 Datasheet
59Kb / 10P
   UHF power transistor
March 1986
logo
Motorola, Inc
MRA0510-50H MOTOROLA-MRA0510-50H Datasheet
60Kb / 4P
   UHF POWER TRANSISTOR
logo
NXP Semiconductors
BFG21W PHILIPS-BFG21W Datasheet
116Kb / 12P
   UHF power transistor
1998 Jul 06
BLT61 PHILIPS-BLT61 Datasheet
55Kb / 8P
   UHF power transistor
1998 Jan 28
BLV193 PHILIPS-BLV193 Datasheet
108Kb / 14P
   UHF power transistor
March 1993
BLV920 PHILIPS-BLV920 Datasheet
109Kb / 12P
   UHF power transistor
1997 Nov 17
BLV934 PHILIPS-BLV934 Datasheet
75Kb / 12P
   UHF power transistor
1995 Apr 11
BLV98CE PHILIPS-BLV98CE Datasheet
62Kb / 11P
   UHF power transistor
March 1993
BLW90 PHILIPS-BLW90 Datasheet
58Kb / 11P
   UHF power transistor
August 1986
logo
Motorola, Inc
TP3021 MOTOROLA-TP3021 Datasheet
88Kb / 4P
   UHF Power Transistor
logo
New Jersey Semi-Conduct...
BLT53 NJSEMI-BLT53 Datasheet
123Kb / 4P
   UHF power transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com