Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLX6256-BN Datasheet(PDF) 11 Page - Honeywell Solid State Electronics Center

Part # HLX6256-BN
Description  32K x 8 STATIC RAM Low Power SOI
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HLX6256-BN Datasheet(HTML) 11 Page - Honeywell Solid State Electronics Center

Back Button HLX6256-BN Datasheet HTML 4Page - Honeywell Solid State Electronics Center HLX6256-BN Datasheet HTML 5Page - Honeywell Solid State Electronics Center HLX6256-BN Datasheet HTML 6Page - Honeywell Solid State Electronics Center HLX6256-BN Datasheet HTML 7Page - Honeywell Solid State Electronics Center HLX6256-BN Datasheet HTML 8Page - Honeywell Solid State Electronics Center HLX6256-BN Datasheet HTML 9Page - Honeywell Solid State Electronics Center HLX6256-BN Datasheet HTML 10Page - Honeywell Solid State Electronics Center HLX6256-BN Datasheet HTML 11Page - Honeywell Solid State Electronics Center HLX6256-BN Datasheet HTML 12Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
HLX6256
VDD = 3.9V, R
≤ 10 KΩ, VIH = VDD, VIL = VSS
Ambient Temperature
≥ 125 °C, F0 ≥ 100 KHz Sq Wave
Frequency of F1 = F0/2, F2 = F0/4, F3 = F0/8, etc.
VDD = 3.6V min., R
≤ 10 KΩ
Ambient Temperature
≥ 125 °C
36-LEAD FLAT PACK (22018131-001)
[1] Parts delivered with leads unformed
[2] At tie bar
[3] Lid tied to VSS
A
b
C
D
E
e
F
G
H
I
J
L
0.095 ± 0.014
0.008 ± 0.002
0.005 to 0.0075
0.650 ± 0.010
0.630 ± 0.007
0.025 ± 0.002 [2]
0.425 ± 0.005 [2]
0.525 ± 0.005
0.135 ± 0.005
0.030 ± 0.005
0.080 typ.
0.285 ± 0.015
M
N
O
P
R
S
T
U
V
W
X
Y
0.008 ± 0.003
0.050 ± 0.010
0.090 ref
0.015 ref
0.075 ref
0.113 ± 0.010
0.050 ref
0.030 ref
0.080 ref
0.005 ref
0.450 ref
0.400 ref
All dimensions are in inches [1]
Kovar
Lid [3]
Ceramic
Body
A
J
I
C
M
0.004
N
X
VDD
Optional
Capacitors
1
VSS
V
S
W
P
U
Y
VDD
VSS
O
T
R
Non-
Conductive
Tie-Bar
b
(width)
e
(pitch)
E
1
H
L
L
Top
View
22018131-001
R
F0
F15
F12
F11
F10
F17
F9
F17
F1
F1
F1
F1
F1
VSS
VDD
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
DQ1
DQ2
VSS
VDD
NWE
A13
A8
A9
A11
NOE
A10
NCS
DQ7
DQ6
DQ5
DQ4
DQ3
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
F16
F7
F6
F5
F4
F3
F2
F8
F13
F14
F1
F1
F1
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
VSS
VDD
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
DQ1
DQ2
VSS
VDD
NWE
A13
A8
A9
A11
NOE
A10
NCS
DQ7
DQ6
DQ5
DQ4
DQ3
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
VDD
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
DYNAMIC BURN-IN DIAGRAM*
STATIC BURN-IN DIAGRAM*
*36-lead Flat Pack burn-in diagram has similar connections and is available on request.


Similar Part No. - HLX6256-BN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HLX6228 ETC-HLX6228 Datasheet
156Kb / 12P
   128K x 8 STATIC RAM-Low Power SOI
HLX6228ABF ETC-HLX6228ABF Datasheet
156Kb / 12P
   128K x 8 STATIC RAM-Low Power SOI
HLX6228ABH ETC-HLX6228ABH Datasheet
156Kb / 12P
   128K x 8 STATIC RAM-Low Power SOI
HLX6228ABN ETC-HLX6228ABN Datasheet
156Kb / 12P
   128K x 8 STATIC RAM-Low Power SOI
HLX6228ABR ETC-HLX6228ABR Datasheet
156Kb / 12P
   128K x 8 STATIC RAM-Low Power SOI
More results

Similar Description - HLX6256-BN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HX6356 ETC1-HX6356 Datasheet
145Kb / 12P
   32K x 8 STATIC RAM-SOI
HLX6228 ETC-HLX6228 Datasheet
156Kb / 12P
   128K x 8 STATIC RAM-Low Power SOI
65C256 ETC-65C256 Datasheet
74Kb / 11P
   32K x 8 LOW POWER CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T15M256B TMT-T15M256B_03 Datasheet
89Kb / 13P
   32K X 8 LOW POWER CMOS STATIC RAM
T15L256A TMT-T15L256A Datasheet
83Kb / 10P
   32K X 8 LOW POWER CMOS STATIC RAM???
T15V256A TMT-T15V256A Datasheet
80Kb / 11P
   32K X 8 LOW POWER CMOS STATIC RAM?
T15M256A TMT-T15M256A Datasheet
82Kb / 10P
   32K X 8 LOW POWER CMOS STATIC RAM????
T15M256B TMT-T15M256B Datasheet
87Kb / 13P
   32K X 8 LOW POWER CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62C256 ISSI-IS62C256 Datasheet
38Kb / 8P
   32K x 8 LOW POWER CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T15V256A TMT-T15V256A_03 Datasheet
77Kb / 11P
   32K X 8 LOW POWER CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com