Electronic Components Datasheet Search |
|
HLX6256NBN Datasheet(PDF) 5 Page - Honeywell Solid State Electronics Center |
|
HLX6256NBN Datasheet(HTML) 5 Page - Honeywell Solid State Electronics Center |
5 / 12 page 5 HLX6256 IDDSB1 Static Supply Current 1.0 mA IDDSBMF Standby Supply Current - Deselected 1.0 mA IDDOPW Dynamic Supply Current, Selected (Write) 3.0 mA IDDOPR Dynamic Supply Current, Selected (Read) 3.0 mA II Input Leakage Current -1 +1 µA IOZ Output Leakage Current -1 +1 µA VIL Low-Level Input Voltage VIH High-Level Input Voltage DC ELECTRICAL CHARACTERISTICS Units Test Conditions Min Max Worst Case (2) Symbol Parameter Typical (1) NCS=VDD, IO=0, f=40 MHz VIH=VDD IO=0 VIL=VSS Inputs Stable f=1 MHz, IO=0, CE=VIH=VDD NCS=VIL=VSS f=1 MHz, IO=0, CE=VIH=VDD NCS=VIL=VSS VSS ≤VI≤VDD VSS ≤VIO≤VDD Output=high Z 0.7xVDD VDD+.3 V March Pattern V VDD = 3.6V 0.4 V VDD = 3.0V, IOL = 8 mA 2.7 V VDD = 3.0V, IOH = -4 mA -0.3 0.3xVDD V March Pattern V VDD = 3.0V VOL Low-Level Output Voltage VOH High-Level Output Voltage (1) Typical operating conditions: VDD=3.3 V, TA=25 °C, pre-radiation. (2) Worst case operating conditions: VDD=3.0 V to 3.6 V, TA=-55 °C to +125°C, post total dose at 25°C. (3) All inputs switching. DC average current. DUT output Valid low output Vref1 CL >50 pF* 249 Ω Tester Equivalent Load Circuit 2.2 V Valid high output Vref2 - + - + *CL = 5 pF for TWLQZ, TSHQZ, TELQZ, and TGHQZ |
Similar Part No. - HLX6256NBN |
|
Similar Description - HLX6256NBN |