Electronic Components Datasheet Search |
|
HLX6256RQN Datasheet(PDF) 4 Page - Honeywell Solid State Electronics Center |
|
HLX6256RQN Datasheet(HTML) 4 Page - Honeywell Solid State Electronics Center |
4 / 12 page HLX6256 4 VDD Positive Supply Voltage (2) -0.5 6.5 V VPIN Voltage on Any Pin (2) -0.5 VDD+0.5 V TSTORE Storage Temperature (Zero Bias) -65 150 °C TSOLDER Soldering Temperature • Time 270•5 °C•s PD Total Package Power Dissipation (3) 2.0 W IOUT DC or Average Output Current 2.0 mA VPROT ESD Input Protection Voltage (4) 2000 V 28 FP/36 FP 2 28 DIP 10 TJ Junction Temperature 175 °C Parameter Symbol Parameter Max Symbol Test Conditions Worst Case Units CAPACITANCE (1) Symbol Test Conditions Min Max Typical (1) Units VDR Data Retention Voltage 1.65 V IDR Data Retention Current 300 µA ΘJC Thermal Resistance (Jct-to-Case) (1) This parameter is tested during initial design characterization only. RECOMMENDED OPERATING CONDITIONS Symbol Max Typ Description Parameter Min Worst Case (2) °C/W Units VDD Supply Voltage (referenced to VSS) 3.0 3.3 3.6 V TA Ambient Temperature -55 25 125 °C VPIN Voltage on Any Pin (referenced to VSS) -0.3 VDD+0.3 V Min Typical (1) CI Input Capacitance 7 pF VI=VDD or VSS, f=1 MHz CO Output Capacitance 9 pF VIO=VDD or VSS, f=1 MHz Units Rating Min Max (1) Typical operating conditions: TA= 25 °C, pre-radiation. (2) Worst case operating conditions: TA= -55 °C to +125°C, post total dose at 25°C. DATA RETENTION CHARACTERISTICS Parameter (1) Stresses in excess of those listed above may result in permanent damage. These are stress ratings only, and operation at these levels is not implied. Frequent or extended exposure to absolute maximum conditions may affect device reliability. (2) Voltage referenced to VSS. (3) RAM power dissipation (IDDSB + IDDOP) plus RAM output driver power dissipation due to external loading must not exceed this specification. (4) Class 2 electrostatic discharge (ESD) input protection. Tested per MIL-STD-883, Method 3015 by DESC certified lab. ABSOLUTE MAXIMUM RATINGS (1) NCS=VDD=VDR VI=VDR or VSS NCS=VDR VI=VDR or VSS |
Similar Part No. - HLX6256RQN |
|
Similar Description - HLX6256RQN |