Electronic Components Datasheet Search |
|
HLX6256NVN Datasheet(PDF) 10 Page - Honeywell Solid State Electronics Center |
|
HLX6256NVN Datasheet(HTML) 10 Page - Honeywell Solid State Electronics Center |
10 / 12 page HLX6256 10 E 1 e b (width) (pitch) L TOP VIEW U W X Y Capacitor Pads [1] BSC – Basic lead spacing between centers [2] Where lead is brazed to package [3] Parts delivered with leads unformed [4] Lid connected to VSS A b C D e E E2 E3 F G L Q S U W X Y 0.105 ± 0.015 0.017 ± 0.002 0.003 to 0.006 0.720 ± 0.008 0.050 ± 0.005 [1] 0.500 ± 0.007 0.380 ± 0.008 0.060 ref 0.650 ± 0.005 [2] 0.035 ± 0.004 0.295 min [3] 0.026 to 0.045 0.045 ± 0.010 0.130 ref 0.050 ref 0.075 ref 0.010 ref All dimensions in inches 1 A Lead Alloy 42 [3] Ceramic Body C E2 G Q Kovar Lid [4] E3 BOTTOM VIEW S Index The 32K x 8 SRAM is offered in a custom 36-lead flat pack (FP), 28-Lead FP, or standard 28-lead DIP. Each package is constructed of multilayer ceramic (Al 2O3) and features internal power and ground planes. The 36-lead FP also features a non-conductive ceramic tie bar on the lead frame. The tie bar allows electrical testing of the device, while preserving the lead integrity during shipping and handling, up to the point of lead forming and insertion. PACKAGING 28-LEAD FLAT PACK (22018131-001) Ceramic chip capacitors can be mounted to the package by the user to maximize supply noise decoupling and increase board packing density. These capacitors attach directly to the internal package power and ground planes. This design minimizes resistance and inductance of the bond wire and package. All NC (no connect) pins should be connected to VSS to prevent charge build up in the radiation environment. 36-LEAD FP PINOUT VDD NWE A13 A8 A9 A11 NOE A10 NCS DQ7 DQ6 DQ5 DQ4 DQ3 A14 A12 A7 A6 A5 A4 A3 A2 A1 A0 DQ0 DQ1 DQ2 VSS 28 27 26 25 24 23 22 21 20 19 18 17 16 15 1 2 3 4 5 6 7 8 9 10 11 12 13 14 Top View 28-LEAD DIP & FP PINOUT 28-LEAD DIP For 28-Lead DIP description, see MIL-STD-1835, Type CDIP2-T28, Config. C, Dimensions D-10 VSS VDD NWE CE A13 A8 A9 A11 NOE A10 NCS DQ7 DQ6 DQ5 DQ4 DQ3 VDD VSS VSS VDD A14 A12 A7 A6 A5 A4 A3 A2 A1 A0 DQ0 DQ1 DQ2 NC VDD VSS 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 36 35 34 33 32 31 30 29 28 27 26 25 24 23 22 21 20 19 Top View |
Similar Part No. - HLX6256NVN |
|
Similar Description - HLX6256NVN |