Electronic Components Datasheet Search |
|
HLX6256KQH Datasheet(PDF) 7 Page - Honeywell Solid State Electronics Center |
|
HLX6256KQH Datasheet(HTML) 7 Page - Honeywell Solid State Electronics Center |
7 / 12 page 7 HLX6256 ADDRESS HIGH IMPEDANCE DATA OUT NWE DATA IN DATA VALID TAVAVW NCS CE TAVWH TWLWH TAVWL TWLQZ TDVWH TWHQX TWHDX TSLWH TEHWH TWHAX TWHWL WRITE CYCLE AC TIMING CHARACTERISTICS (1) Symbol Parameter Typical -55 to 125 °C Units (2) Min Max Worst Case (3) TAVAVW Write Cycle Time (4) 25 ns TWLWH Write Enable Write Pulse Width 20 ns TSLWH Chip Select to End of Write Time 20 ns TDVWH Data Valid to End of Write Time 15 ns TAVWH Address Valid to End of Write Time 20 ns TWHDX Data Hold Time after End of Write Time 0 ns TAVWL Address Valid Setup to Start of Write Time 0 ns TWHAX Address Valid Hold after End of Write Time 0 ns TWLQZ Write Enable to Output Disable Time 12.6 ns TWHQX Write Disable to Output Enable Time 5 ns TWHWL Write Disable to Write Enable Pulse Width (5) 5 ns TEHWH Chip Enable to End of Write Time (6) 20 ns (1) Test conditions: input switching levels, VIL/VIH=0V/3V, input rise and fall times <1 ns/V, input and output timing reference levels shown in the Tester AC Timing Characteristics table, capacitive output loading >50 pF, or equivalent capacitive load of 5 pF for TWLQZ. (2) Typical operating conditions: VDD=3.3 V, TA=25 °C, pre-radiation. (3) Worst case operating conditions: VDD=3.0 V to 3.6 V, -55 to 125 °C, post total dose at 25°C. (4) TAVAVW = TWLWH + TWHWL (5) Guaranteed but not tested. (6) Chip Enable (CE) pin not available on 28-lead FP or DIP. |
Similar Part No. - HLX6256KQH |
|
Similar Description - HLX6256KQH |