Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLX6256XEF Datasheet(PDF) 1 Page - Honeywell Solid State Electronics Center

Part # HLX6256XEF
Description  32K x 8 STATIC RAM Low Power SOI
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HLX6256XEF Datasheet(HTML) 1 Page - Honeywell Solid State Electronics Center

  HLX6256XEF Datasheet HTML 1Page - Honeywell Solid State Electronics Center HLX6256XEF Datasheet HTML 2Page - Honeywell Solid State Electronics Center HLX6256XEF Datasheet HTML 3Page - Honeywell Solid State Electronics Center HLX6256XEF Datasheet HTML 4Page - Honeywell Solid State Electronics Center HLX6256XEF Datasheet HTML 5Page - Honeywell Solid State Electronics Center HLX6256XEF Datasheet HTML 6Page - Honeywell Solid State Electronics Center HLX6256XEF Datasheet HTML 7Page - Honeywell Solid State Electronics Center HLX6256XEF Datasheet HTML 8Page - Honeywell Solid State Electronics Center HLX6256XEF Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
OTHER
• Read/Write Cycle Times
≤ 17 ns (Typical)
≤ 25 ns (-55 to 125°C)
• Typical Operating Power <10 mW/MHz
• Asynchronous Operation
• JEDEC Standard Low Voltage
CMOS Compatible I/O
• Single 3.3 V
± 0.3V Power Supply
• Packaging Options
- 28-Lead Flat Pack (0.500 in. x 0.720 in.)
- 28-Lead DIP, MIL-STD-1835, CDIP2-T28
- 36-Lead Flat Pack (0.630 in. x 0.650 in.)
- Various Multi-Chip Module (MCM) Configurations
32K x 8 STATIC RAM—Low Power SOI
HLX6256
Military & Space Products
RADIATION
• Fabricated with RICMOSIV Silicon on Insulator (SOI)
0.55
µm Low Power Process
• Total Dose Hardness through 1x106 rad(SiO
2)
• Neutron Hardness through 1x1014 cm-2
• Dynamic and Static Transient Upset Hardness
through 1x109 rad(Si)/s
• Dose Rate Survivability through 1x1011 rad(Si)/s
• Soft Error Rate of <1x10-10 upsets/bit-day
• Latchup Free
GENERAL DESCRIPTION
The 32K x 8 Radiation Hardened Static RAM is a high
performance 32,768 word x 8-bit static random access
memory with industry-standard functionality. It is fabri-
cated with Honeywell’s radiation hardened technology,
and is designed for use in low voltage systems operating in
radiation environments. The RAM operates over the full
military temperature range and requires only a single 3.3 V
± 0.3V power supply. The RAM is compatible with JEDEC
standard low voltage CMOS I/O. Power consumption is
typically less than 10 mW/MHz in operation, and less than
2 mW when de-selected. The RAM read operation is fully
asynchronous, with an associated typical access time of 14
ns at 3.3 V.
Honeywell’s enhanced SOI RICMOSIV (Radiation Insen-
sitive CMOS) technology is radiation hardened through the
use of advanced and proprietary design, layout and pro-
cess hardening techniques. The RICMOSIV low power
process is a SIMOX CMOS technology with a 150 Å gate
oxide and a minimum drawn feature size of 0.7
µm (0.55 µm
effective gate length—L
eff).
Additional features include
tungsten via plugs, Honeywell’s proprietary SHARP pla-
narization process and a lightly doped drain (LDD) struc-
ture for improved short channel reliability. A 7 transistor
(7T) memory cell is used for superior single event upset
hardening, while three layer metal power bussing and the
low collection volume SIMOX substrate provide improved
dose rate hardening.
FEATURES


Similar Part No. - HLX6256XEF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HLX6228 ETC-HLX6228 Datasheet
156Kb / 12P
   128K x 8 STATIC RAM-Low Power SOI
HLX6228ABF ETC-HLX6228ABF Datasheet
156Kb / 12P
   128K x 8 STATIC RAM-Low Power SOI
HLX6228ABH ETC-HLX6228ABH Datasheet
156Kb / 12P
   128K x 8 STATIC RAM-Low Power SOI
HLX6228ABN ETC-HLX6228ABN Datasheet
156Kb / 12P
   128K x 8 STATIC RAM-Low Power SOI
HLX6228ABR ETC-HLX6228ABR Datasheet
156Kb / 12P
   128K x 8 STATIC RAM-Low Power SOI
More results

Similar Description - HLX6256XEF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HX6356 ETC1-HX6356 Datasheet
145Kb / 12P
   32K x 8 STATIC RAM-SOI
HLX6228 ETC-HLX6228 Datasheet
156Kb / 12P
   128K x 8 STATIC RAM-Low Power SOI
65C256 ETC-65C256 Datasheet
74Kb / 11P
   32K x 8 LOW POWER CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T15M256B TMT-T15M256B_03 Datasheet
89Kb / 13P
   32K X 8 LOW POWER CMOS STATIC RAM
T15L256A TMT-T15L256A Datasheet
83Kb / 10P
   32K X 8 LOW POWER CMOS STATIC RAM???
T15V256A TMT-T15V256A Datasheet
80Kb / 11P
   32K X 8 LOW POWER CMOS STATIC RAM?
T15M256A TMT-T15M256A Datasheet
82Kb / 10P
   32K X 8 LOW POWER CMOS STATIC RAM????
T15M256B TMT-T15M256B Datasheet
87Kb / 13P
   32K X 8 LOW POWER CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62C256 ISSI-IS62C256 Datasheet
38Kb / 8P
   32K x 8 LOW POWER CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T15V256A TMT-T15V256A_03 Datasheet
77Kb / 11P
   32K X 8 LOW POWER CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com