Electronic Components Datasheet Search |
|
MDM-9SBSP-TL61A174 Datasheet(PDF) 4 Page - ITT Industries |
|
MDM-9SBSP-TL61A174 Datasheet(HTML) 4 Page - ITT Industries |
4 / 4 page Micro-D PCB - .050" Contact Spacing MDM-PCB CBR (Condensed Board Right Angle) Series 21 www.ittcannon.com Dimensions shown in inch (mm) Specifications and dimensions subject to change + + PCB Termination Arrangements (Viewed from bottom of connector, PCB solder side.) Identification number shown for plug connector, use reverse order for socket connector. 54 2 1 1 3 5 7 24 10 12 14 16 17 19 21 23 25 27 29 30 18 20 22 26 28 31 2 4 6 8 9 11 13 15 1 3 5 7 24 10 12 14 16 17 19 21 23 25 27 29 30 32 34 36 18 20 22 26 28 31 33 35 37 2 4 6 8 9 11 13 15 1 3 5 7 24 10 12 14 16 17 19 21 23 25 27 29 46 43 41 30 32 34 36 37 38 39 40 44 45 42 47 48 49 50 51 18 20 22 26 28 31 33 35 2 4 6 8 9 11 13 15 1 3 5 7 24 10 12 14 16 17 19 21 23 25 27 29 37 39 41 43 45 47 49 51 28 30 32 34 36 38 40 42 44 46 48 50 53 55 57 59 61 63 65 67 69 71 73 75 52 54 56 58 60 62 64 66 68 70 72 74 76 78 80 82 84 86 88 90 92 94 96 98 100 77 79 81 83 85 87 89 91 93 95 97 99 18 20 22 26 31 33 35 2 4 6 8 9 11 13 15 98 3 7 6 2 4 5 7 86 12 3 1 9 1 1 2 2 3 3 4 4 5 5 6 6 7 7 8 8 9 9 10 10 11 11 17 17 14 14 21 21 23 25 20 20 22 24 19 19 18 18 16 16 15 15 13 13 12 12 10 11 13 14 15 .083 (2.11) LAST CAV. .109 ± .015 (2.77 ± 0.38) JACKPOST 2-56 UNC-2B TYP. (Size 9-51) .186 (4.72) MAX.PLUG .198 (5.03) MAX. RECEPT. .096 ± .005 (2.44 ± 0.31) DIA.TYP. (Size 9-51) SEE VIEW X SEE VIEW Y SEE VIEW W G * * F H FOR 31: 1.085(27.56) MAX. FOR 37: 1.185(30.10) MAX. FOR 51: 1.225(31.12) MAX. * * .125 ± .005 (3.18 ± 0.31) DIA. TYP. .185 (4.70)MAX. C H JACKPOST #4-40 UNC 2B TYP. G F 1.815 (46.10) MAX. 100 VIEW CAV. #1 A C D E B H G F .020 (0.51) .158 (4.00) .020 (0.51) .020 (0.51) .183 (4.65) .108 (2.73) .050 (1.27) .108 (2.73) .100 (2.54) TYP. .050 (1.27) TYP. .020 (0.51) .083 (2.11) .020 (0.51) .083 (2.11) .020 (0.51) .325 (8.26) .275 (6.98) .100 ± .005 (2.54 ± 0.13) 9 Contacts View X 15 Contacts View X 21 Contacts View X 25 Contacts View X 100 Contacts View W 51 Contacts View Y 37 Contacts View Y 31 Contacts View Y NOTE: Standard lead termination is #24 AWG, solid copper, solder or tin dripped. *For jackpost, add letter "P" or "M7" for sizes 9-51, "M17" for size 100. Part Number By Shell Size MDM-9PCBR* MDM-9SCBR* MDM-15PCBR* MDM-15SCBR* MDM-21PCBR* MDM-21SCBR* MDM-25PCBR* MDM-25SCBR* MDM-31PCBR* MDM-31SCBR* MDM-37PCBR* MDM-37SCBR* MDM-51PCBR* MDM-51SCBR* MDM-100PCBR* MDM-100SCBR* .785 (19.94) .785 (19.94) .935 (23.75) .935 (23.75) 1.085 (27.56) 1.085 (27.56) 1.185 (30.10) 1.185 (30.10) 1.335 (33.91) 1.335 (33.91) 1.485 (37.72) 1.485 (37.72) 1.435 (36.45) 1.435 (36.45) 2.170 (55.12) 2.170 (55.12) .565 (14.35) .565 (14.35) .715 (18.16) .715 (18.16) .865 (21.97) .865 (21.97) .965 (24.51) .965 (24.51) 1.115 (28.32) 1.115 (28.32) 1.265 (32.13) 1.265 (32.13) 1.215 (30.86) 1.215 (30.86) 1.800 (45.72) 1.800 (45.72) .334 (8.48) .402 (10.21) .484 (12.29) .552 (13.97) .634 (16.10) .702 (17.83) .734 (18.64) .802 (20.37) .884 (22.45) .952 (24.18) 1.034 (26.26) 1.102 (27.99) .984 (24.99) 1.052 (26.72) 1.384 (35.15) 1.508 (38.10) .308 (7.82) .308 (7.82) .308 (7.82) .308 (7.82) .308 (7.82) .308 (7.82) .308 (7.82) .308 (7.82) .308 (7.82) .308 (7.82) .308 (7.82) .308 (7.82) .351 (8.92) .351 (8.92) .394 (10.01) .394 (10.01) .185 (4.70) .253 (6.43) .185 (4.70) .253 (6.43) .185 (4.70) .253 (6.43) .184 (4.70) .253 (6.43) .185 (4.70) .253 (6.43) .185 (4.70) .253 (6.43) .228 (5.79) .296 (7.52) .271 (6.88) .394 (10.01) .420 (10.67) .420 (10.67) .420 (10.67) .420 (10.67) .420 (10.67) .420 (10.67) .420 (10.67) .420 (10.67) .520 (13.21) .520 (13.21) .520 (13.21) .520 (13.21) .650 (16.15) .650 (16.15) 1.000 (25.40) 1.000 (25.40) .250 (6.35) .250 (6.35) .250 (6.35) .250 (6.35) .250 (6.35) .250 (6.35) .250 (6.35) .250 (6.35) .250 (6.35) .250 (6.35) .250 (6.35) .250 (6.35) .300 (7.62) .300 (7.62) .400 (10.16) .400 (10.16) .230 (5.81) .230 (5.81) .130 (3.30) .130 (3.30) .130 (3.30) .130 (3.30) .130 (3.30) .130 (3.30) .130 (3.30) .130 (3.30) .130 (3.30) .130 (3.30) .150 (3.81) .150 (3.81) .200 (5.08) .200 (5.08) A Max. B ± .005 (.13) G ± .010 (.25) H ± .010 (.25) C Max. D Max. E Max. F Max. All Termination Configurations .100 (2.54) x .100 (2.54) Grid Pattern, Offset .050 (1.27). |
Similar Part No. - MDM-9SBSP-TL61A174 |
|
Similar Description - MDM-9SBSP-TL61A174 |