Electronic Components Datasheet Search |
|
W20013TC8WCAQ2 Datasheet(PDF) 4 Page - ITT Industries |
|
W20013TC8WCAQ2 Datasheet(HTML) 4 Page - ITT Industries |
4 / 5 page M–47 Dimensions are shown: Inch (mm) Specifications and dimensions subject to change www.ittcannon.com M C&K W Series 4 & 6 Tumbler Switchlocks TERMINATIONS MOUNTING/LOCK STYLE CONTACT MATERIAL 22 AWG INSULATED WIRE, BLACK STD. WC WIRE LEAD 05 QUICK CONNECT A WITH NUT All models with all options. Switch and Lock Assembly Instructions 1. Place lock assembly in mounting hole on panel, secure with mounting nut. 2. Place locking ring on lock assembly. 3. Align keying tab on switch assembly with keying slot on lock assembly. 4. Snap assemblies together. 5. Slide locking ring over junction of lock and switch assemblies. 6. Switch installation is permanent. Switch cannot be removed from lock after assembly. Attempting to separate switch and lock may cause damage to switchlock. 1 CONTACTS & TERMINALS: Copper, silver plated (standard with all termination options). * Note: See Technical Data section of this catalog for RoHS compliant and compatible definitions and specifications. NOTE: Other colors and lengths available, consult Customer Service Center. UL style 1015. Nut part number: 175050700 .195 (4,95) max. (STD.) WITH NUT A PANEL THICKNESS MOUNTING STYLE OPTION CODE CONTACT AND OPTION CODE TERMINAL MATERIAL RATING Q 4 AMPS @ 125 V AC; 2 AMPS @ 250 V AC (UL/CSA). SILVER 1 POWER RoHS COMPLIANT* RoHS COMPATIBLE* YES YES 2 AMPS @ 125 V AC; 1 AMP @ 250 V AC, T65 (VDE). |
Similar Part No. - W20013TC8WCAQ2 |
|
Similar Description - W20013TC8WCAQ2 |