Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT821034 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT821034
Description  QUAD PCM CODEC WITH PROGRAMMABLE GAIN
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT821034 Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT821034 Datasheet HTML 1Page - Integrated Device Technology IDT821034 Datasheet HTML 2Page - Integrated Device Technology IDT821034 Datasheet HTML 3Page - Integrated Device Technology IDT821034 Datasheet HTML 4Page - Integrated Device Technology IDT821034 Datasheet HTML 5Page - Integrated Device Technology IDT821034 Datasheet HTML 6Page - Integrated Device Technology IDT821034 Datasheet HTML 7Page - Integrated Device Technology IDT821034 Datasheet HTML 8Page - Integrated Device Technology IDT821034 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2
INDUSTRIAL TEMPERATURE RANGE
IDT821034 QUAD PCM CODEC WITH PROGRAMMABLE GAIN
PIN CONFIGURATIONS
PIN DESCRIPTION
Name
Type
Pin Number
Description
GNDA
--
46
51
52
40
41
Analog Ground.
All ground pins should be connected to the ground plane of the circuit board.
VDDA
--
47
45
+5 V Analog Power Supply.
This pin should be bypassed to ground using 0.1µF capacitor. All power supply pins should be connected to
the power plane of the circuit board.
VFRO3
VFRO2
VFRO1
VFRO0
O
3
48
44
37
Voice Frequency Receiver Output.
This is the output of receive power amplifier. It can drive 2000 Ω (or greater) load.
GSX3
GSX2
GSX1
GSX0
O
2
49
43
38
Gain Setting Transmit Amplifier Output.
This pin is the output of the gain setting amplifier, and the input to the differential transmit filter. It should be
connected to the corresponding VFXI pin through a resistive network to set the transmit gain. Refer to Figure
5 for details.
VFXI3
VFXI2
VFXI1
VFXI0
I
1
50
42
39
Voice Frequency Transmitter Input.
This pin is the input to the gain setting amplifier in the transmit path.
O3_4
O3_3
O3_2
O
9
10
11
SLIC Signaling Output for Channel 3.
O2_4
O2_3
O2_2
O
4
5
6
SLIC Signaling Output for Channel 2.
52-Pin PQFP
26
25
24
23
22
21
20
19
18
17
16
15
14
I/O0_0
GND
CS
CI
CO
CCLK
BCLK
MCLK
FS
TSX
DR
VDD
DX
40
41
42
43
44
45
46
47
48
49
50
51
52
GNDA
GNDA
VFXI1
GSX1
VFRO1
VDDA
GNDA
VDDA
VFRO2
GSX2
VFXI2
GNDA
GNDA


Similar Part No. - IDT821034

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT821034 RENESAS-IDT821034 Datasheet
466Kb / 20P
   QUAD PCM CODEC WITH PROGRAMMABLE GAIN
2003
IDT821034DNG RENESAS-IDT821034DNG Datasheet
466Kb / 20P
   QUAD PCM CODEC WITH PROGRAMMABLE GAIN
2003
More results

Similar Description - IDT821034

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT821034 RENESAS-IDT821034 Datasheet
466Kb / 20P
   QUAD PCM CODEC WITH PROGRAMMABLE GAIN
2003
821024 RENESAS-821024 Datasheet
919Kb / 15P
   QUAD NON-PROGRAMMABLE PCM CODEC
JUNE 25, 2014
logo
Integrated Device Techn...
821024 IDT-821024_14 Datasheet
696Kb / 14P
   QUAD NON-PROGRAMMABLE PCM CODEC
IDT82V1054A IDT-IDT82V1054A Datasheet
492Kb / 42P
   QUAD PROGRAMMABLE PCM CODEC WITH MPI INTERFACE
logo
List of Unclassifed Man...
IDT821054PQFG ETC-IDT821054PQFG Datasheet
512Kb / 45P
   QUAD PROGRAMMABLE PCM CODEC WITH MPI INTERFACE
logo
Integrated Device Techn...
IDT821054 IDT-IDT821054 Datasheet
506Kb / 45P
   QUAD PROGRAMMABLE PCM CODEC WITH MPI INTERFACE
IDT821064 IDT-IDT821064 Datasheet
510Kb / 33P
   QUAD PROGRAMMABLE PCM CODEC WITH GCI INTERFACE
IDT821024 IDT-IDT821024 Datasheet
247Kb / 13P
   QUAD NON-PROGRAMMABLE PCM CODEC
logo
Renesas Technology Corp
821004J RENESAS-821004J Datasheet
1,003Kb / 16P
   QUAD NON-PROGRAMMABLE PCM CODEC
NOVEMBER 2020
IDT821054 RENESAS-IDT821054 Datasheet
788Kb / 46P
   QUAD PROGRAMMABLE PCM CODEC WITH MPI INTERFACE
2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com