Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SERUOABRN Datasheet(PDF) 1 Page - ITT Industries

Part # SERUOABRN
Description  DIGITAST Microminiature SPDT, Key Switches
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

SERUOABRN Datasheet(HTML) 1 Page - ITT Industries

  SERUOABRN Datasheet HTML 1Page - ITT Industries SERUOABRN Datasheet HTML 2Page - ITT Industries SERUOABRN Datasheet HTML 3Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DIGITAST
Microminiature SPDT, Key Switches
www.ittcannon.com
E–26
Dimensions are shown: mm (inch)
Specifications and dimensions subject to change
E
Series
SER Narrow button
SET Wide button
SERU Switch body
only (no button)
LED
NONE No LED
L
1 LED
2L
2 LED’s
Button Color**
None (SERU)
BK
Black
GY
Gray
1st LED Color
NONE No LED
RD
Red
YE
Yellow
GN
Green
A
U
Function
EE
Latching
OA
Non-latching
Contact Material
AU
Gold
How To Order
Our easy build-a-switch concept allows you to mix and match options to create the switch you need. To order, select
desired option from each category and place it in the appropriate box.
Features/Benefits
High reliability/long life
Designed for low level
switching
Ready to implement on PCB
Latching function available
Several button options
RoHS compliant and compatible
Typical Applications
Medical
Instrumentation
Industrial electronics
Audio electronics
Electrical
SWITCHING POWER MAX.: 240 mW DC
SWITCHING VOLTAGE MAX.: 24 V DC
SWITCHING CURRENT MAX.: 10 mA DC
CARRYING CURRENT AT 20˚C (push-push version): 100 mA
DIELECTRIC STRENGTH (50 Hz, 1 min): 500 V
OPERATING LIFE with or without max. switching power
Momentary:
≥ 5 x 106 operations
Push-push:
≥ 5 x 105 operations
CONTACT RESISTANCE: Initial
≤ 50 mΩ
After 5 x 106 operations:
≤ 100 mΩ
INSULATION RESISTANCE:
≥ 1010
CAPACITANCE at f= 10 kHz:
≤ 0.8pF
BOUNCE TIME:
≤ 2.5 ms
Operating speed 400 mm/s (15.75/s)
Environmental
OPERATING TEMPERATURE: -25˚C to 85˚C.
Construction
FUNCTION: momentary or push-push
CONTACT ARRANGEMENT: 1 change over contact SPDT, NO
MODE OF SWITCHING: Non-shorting
DISTANCE BETWEEN BUTTON CENTERS:
HORIZONTAL MINIMUM: 12,7 (0.500) or 17,78 (0.700)
VERTICAL MINIMUM: 17,78 (0.700)
TERMINALS: PC pins
MOUNTING: Soldering, centering pins
Mechanical
TOTAL TRAVEL:
≤ 3 (.0018)
SWITCHING TRAVEL: 1,5 (0.0591)
LATCHING TRAVEL: 1,8 (0.0709)
OPERATING FORCE: 1.5 +/- 0.5 N (150 +/- 50 grams)
Process
SOLDERABILITY: Max. soldering time and temperature: 5 s at 260˚C
2nd LED Color
NONE No LED
RD
Red
YE
Yellow
GN
Green
Button Style
SR
Narrow
ST
Wide
Button Color**
BK
Black
GY
Gray
K
LED Spacing*
NONE Narrow LED Spacing
(TYP Europe)
7.62
Wide LED Spacing
(TYP No. America)
Body Color
NONE White (STD)
BRN
Brown
LED Holes
NONE No LED holes
L
1 LED hole
2L
2 LED holes
Latching
None For use with momentary switch
EE
With “EE” staple for latching
** Additional button colors available by request
* LED spacing only applies when 1 LED requested
Switch
Button


Similar Part No. - SERUOABRN

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
SER-485-FXC REDLION-SER-485-FXC Datasheet
682Kb / 2P
   Industrial Isolated Converter
SER-485-IC REDLION-SER-485-IC Datasheet
611Kb / 2P
   Industrial Isolated Converter
SER-485-IR REDLION-SER-485-IR Datasheet
717Kb / 2P
   Industrial Isolated Converter
logo
List of Unclassifed Man...
SER0002 ETC2-SER0002 Datasheet
138Kb / 3P
   Hitec HS422 Servo
5-30-17
logo
Coilcraft lnc.
SER1052 COILCRAFT-SER1052 Datasheet
407Kb / 2P
   Shielded Power Inductors
More results

Similar Description - SERUOABRN

ManufacturerPart #DatasheetDescription
logo
C&K Components
SRKLBKEE CK-COMPONENTS-SRKLBKEE Datasheet
203Kb / 3P
   Microminiature SPDT, Key Switches
DIGITAST CK-COMPONENTS-DIGITAST Datasheet
311Kb / 3P
   Microminiature SPDT, Key Switches
logo
List of Unclassifed Man...
MHSS1104 ETC2-MHSS1104 Datasheet
65Kb / 1P
   Microminiature Slide Switches
MMS22R ETC2-MMS22R Datasheet
149Kb / 2P
   Microminiature Slide Switches
logo
C&K Components
8600 CK-COMPONENTS-8600_V01 Datasheet
305Kb / 3P
   Microminiature Pushbutton Switches
2018
logo
List of Unclassifed Man...
MJS12 ETC2-MJS12 Datasheet
130Kb / 2P
   Microminiature Slide Switches
MHSS1104 ETC2-MHSS1104 Datasheet
65Kb / 1P
   Microminiature Slide Switches
logo
C&K Components
8600 CK-COMPONENTS-8600 Datasheet
183Kb / 3P
   Microminiature Pushbutton Switches
logo
ITT Industries
8600 ITT-8600 Datasheet
194Kb / 3P
   Microminiature Pushbutton Switches
logo
Copal Electronics
MRK COPAL-MRK Datasheet
1Mb / 8P
   Key Switches
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com