Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5095AAUA+ Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX5095AAUA+
Description  High-Performance, Single-Ended, Current-Mode PWM Controllers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5095AAUA+ Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX5095AAUA+ Datasheet HTML 7Page - Maxim Integrated Products MAX5095AAUA+ Datasheet HTML 8Page - Maxim Integrated Products MAX5095AAUA+ Datasheet HTML 9Page - Maxim Integrated Products MAX5095AAUA+ Datasheet HTML 10Page - Maxim Integrated Products MAX5095AAUA+ Datasheet HTML 11Page - Maxim Integrated Products MAX5095AAUA+ Datasheet HTML 12Page - Maxim Integrated Products MAX5095AAUA+ Datasheet HTML 13Page - Maxim Integrated Products MAX5095AAUA+ Datasheet HTML 14Page - Maxim Integrated Products MAX5095AAUA+ Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Detailed Description
The MAX5094_/MAX5095_ current-mode PWM con-
trollers are designed for use as the control and regulation
core of flyback or forward topology switching power sup-
plies. These devices incorporate an integrated low-side
driver, adjustable oscillator, error amplifier (MAX5094_
only), current-sense amplifier, 5V reference, and external
synchronization capability (MAX5095A/MAX5095B only).
An internal +26.5V current-limited VCC clamp prevents
overvoltage during startup.
Eight different versions of the MAX5094/MAX5095 are
available as shown in the Selector Guide. The
MAX5094A/MAX5094B are the standard versions with a
feedback input (FB) and internal error amplifier. The
MAX5095A/MAX5095B include bidirectional synchroniza-
tion (SYNC). This enables multiple MAX5095A/
MAX5095Bs to be connected and synchronized to the
device with the highest frequency. The MAX5095C
includes an ADV_CLK output, which precedes the
MAX5095C’s drive output (OUT) by 110ns. Figures 1, 2,
and 3 show the internal functional diagrams of the
MAX5094_, MAX5095A/MAX5095B, and MAX5095C,
respectively. The MAX5094A/MAX5094C/MAX5095A are
capable of 100% maximum duty cycle. The MAX5094B/
MAX5094D/MAX5095B/MAX5095C limit the maximum
duty cycle to 50%.
High-Performance, Single-Ended, Current-Mode
PWM Controllers
______________________________________________________________________________________
11
UVLO
REFERENCE
2.5V
PREREGULATOR
5V
VOLTAGE-
DIVIDER
THERMAL
SHUTDOWN
EN-REF
BG
SNS
VDD
5V REGULATOR
VOLTAGE-
DIVIDER
8
7
26.5V
VCC
REF
2.5V
VP
REG_OK
DELAY
S
R
Q
OSC
Q
4 RT/CT
6 OUT
ILIM
CPWM
1V (MAX5094A/B)
0.3V (MAX5094C/D)
EN-DRV-BAR
R
2R
VEA
3
5
2
1
CS
GND
FB
COMP
CLK
MAX5094_
VP
2.5V
8.4V/7.6V
100% MAX DUTY CYCLE (MAX5094A/MAX5094C)
50% MAX DUTY CYCLE (MAX5094B/MAX5094D)
Figure 1. MAX5094_ Functional Diagram


Similar Part No. - MAX5095AAUA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX509 MAXIM-MAX509 Datasheet
235Kb / 20P
   Quad, Serial 8-Bit DACs with Rail-to-Rail Outputs
Rev 2; 1/96
MAX509-MAX510 MAXIM-MAX509-MAX510 Datasheet
235Kb / 20P
   Quad, Serial 8-Bit DACs with Rail-to-Rail Outputs
Rev 2; 1/96
MAX5090 MAXIM-MAX5090 Datasheet
116Kb / 4P
   fully assembled and tested surface-mount circuit board
Rev 0; 2/06
MAX5090A MAXIM-MAX5090A Datasheet
658Kb / 17P
   2A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converters
Rev 0; 3/06
MAX5090A/B/C MAXIM-MAX5090A/B/C Datasheet
2Mb / 17P
   2A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converters
2014
More results

Similar Description - MAX5095AAUA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5070 MAXIM-MAX5070 Datasheet
365Kb / 22P
   High-Performance, Single-Ended, Current-Mode PWM Controllers
Rev 3; 10/06
logo
Cystech Electonics Corp...
PL384XBP8 CYSTEKEC-PL384XBP8 Datasheet
278Kb / 15P
   High Performance Current Mode PWM Controllers
logo
Unisonic Technologies
UC2844-45 UTC-UC2844-45 Datasheet
295Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
logo
Gamma Microelectronics ...
GM3842A GAMMA-GM3842A Datasheet
628Kb / 19P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
logo
Unisonic Technologies
UC2844 UTC-UC2844_16 Datasheet
228Kb / 6P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC2844 UTC-UC2844_12 Datasheet
294Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC2843B UTC-UC2843B_15 Datasheet
285Kb / 8P
   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
UC2845 UTC-UC2845_15 Datasheet
294Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC3844 UTC-UC3844 Datasheet
298Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
logo
Cystech Electonics Corp...
PL384XAQ8 CYSTEKEC-PL384XAQ8 Datasheet
281Kb / 15P
   High Performance Current Mode PWM Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com