Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5095BAUA+ Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX5095BAUA+
Description  High-Performance, Single-Ended, Current-Mode PWM Controllers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5095BAUA+ Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX5095BAUA+ Datasheet HTML 1Page - Maxim Integrated Products MAX5095BAUA+ Datasheet HTML 2Page - Maxim Integrated Products MAX5095BAUA+ Datasheet HTML 3Page - Maxim Integrated Products MAX5095BAUA+ Datasheet HTML 4Page - Maxim Integrated Products MAX5095BAUA+ Datasheet HTML 5Page - Maxim Integrated Products MAX5095BAUA+ Datasheet HTML 6Page - Maxim Integrated Products MAX5095BAUA+ Datasheet HTML 7Page - Maxim Integrated Products MAX5095BAUA+ Datasheet HTML 8Page - Maxim Integrated Products MAX5095BAUA+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
High-Performance, Single-Ended, Current-Mode
PWM Controllers
_______________________________________________________________________________________
5
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +15V, RT = 10k
Ω, CT = 3.3nF, REF = open, CREF = 0.1µF, COMP = open, VFB = 2V, CS = GND, TA = TJ = -40°C to +125°C,
unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
CURRENT-SENSE AMPLIFIER
MAX5094A/MAX5094B
2.85
3
3.26
Gain (Notes 3, 4)
ACS
MAX5094C/D, MAX5095_
2.85
3
3.40
V/V
MAX5094A/B (Note 3)
0.95
1
1.05
MAX5094C/MAX5094D (Note 3)
0.275
0.300
0.325
Maximum Current-Sense Signal
VCS_MAX
VCOMP = 5V, MAX5095_
0.275
0.300
0.325
V
Power-Supply Rejection Ratio
PSRR
12V
≤ VCC ≤ 25V
70
dB
Input Bias Current
ICS
VCOMP = 0V
-1
-2.5
µA
Delay From CS to OUT
tCS_DELAY
50mV overdrive
60
ns
MOSFET DRIVER
OUT Low-Side On-Resistance
VRDS_ONL
ISINK = 200mA
4.5
12
OUT High-Side On-Resistance
VRDS_ONH
ISOURCE = 100mA
3.5
9
ISOURCE (Peak)
ISOURCE
COUT = 10nF
2
A
ISINK (Peak)
ISINK
COUT = 10nF
1
A
Rise Time
tR
COUT = 1nF
15
ns
Fall Time
tF
COUT = 1nF
22
ns
UNDERVOLTAGE LOCKOUT/STARTUP
Startup Voltage Threshold
VCC_START
7.98
8.4
8.82
V
Minimum Operating Voltage After
Turn-On
VCC_MIN
7.1
7.6
8.0
V
Undervoltage-Lockout Hysteresis
UVLOHYST
0.8
V
PWM
MAX5094A/MAX5094C/MAX5095A
94.5
96
97.5
Maximum Duty Cycle
DMAX
MAX5094B/MAX5094D/MAX5095B/
MAX5095C
48
49.8
50
%
Minimum Duty Cycle
DMIN
0%
SUPPLY CURRENT
Startup Supply Current
ISTART
VCC = 7.5V
32
65
µA
Operating Supply Current
ICC
VFB = VCS = 0V
3
5
mA
Zener Bias Voltage at VCC
VZ
ICC = 25mA
24
26.5
V
THERMAL SHUTDOWN
Thermal Shutdown
TSHDN
Junction temperature rising
150
°C
Thermal Shutdown Hysteresis
THYST
4°C
SYNCHRONIZATION (MAX5095A/MAX5095B Only) (Note 5)
SYNC Frequency Range
fSYNC
20
1000
kHz
SYNC Clock Input High
Threshold
VSYNCINH
3.5
V
SYNC Clock Input-Low Threshold
VSYNCINL
0.8
V
SYNC Clock Input Minimum
Pulse Width
tPW_SYNCIN
200
ns


Similar Part No. - MAX5095BAUA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX509 MAXIM-MAX509 Datasheet
235Kb / 20P
   Quad, Serial 8-Bit DACs with Rail-to-Rail Outputs
Rev 2; 1/96
MAX509-MAX510 MAXIM-MAX509-MAX510 Datasheet
235Kb / 20P
   Quad, Serial 8-Bit DACs with Rail-to-Rail Outputs
Rev 2; 1/96
MAX5090 MAXIM-MAX5090 Datasheet
116Kb / 4P
   fully assembled and tested surface-mount circuit board
Rev 0; 2/06
MAX5090A MAXIM-MAX5090A Datasheet
658Kb / 17P
   2A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converters
Rev 0; 3/06
MAX5090A/B/C MAXIM-MAX5090A/B/C Datasheet
2Mb / 17P
   2A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converters
2014
More results

Similar Description - MAX5095BAUA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5070 MAXIM-MAX5070 Datasheet
365Kb / 22P
   High-Performance, Single-Ended, Current-Mode PWM Controllers
Rev 3; 10/06
logo
Cystech Electonics Corp...
PL384XBP8 CYSTEKEC-PL384XBP8 Datasheet
278Kb / 15P
   High Performance Current Mode PWM Controllers
logo
Unisonic Technologies
UC2844-45 UTC-UC2844-45 Datasheet
295Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
logo
Gamma Microelectronics ...
GM3842A GAMMA-GM3842A Datasheet
628Kb / 19P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
logo
Unisonic Technologies
UC2844 UTC-UC2844_16 Datasheet
228Kb / 6P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC2844 UTC-UC2844_12 Datasheet
294Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC2843B UTC-UC2843B_15 Datasheet
285Kb / 8P
   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
UC2845 UTC-UC2845_15 Datasheet
294Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC3844 UTC-UC3844 Datasheet
298Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
logo
Cystech Electonics Corp...
PL384XAQ8 CYSTEKEC-PL384XAQ8 Datasheet
281Kb / 15P
   High Performance Current Mode PWM Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com