Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BLU86 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # BLU86
Description  UHF power transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLU86 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button BLU86 Datasheet HTML 2Page - NXP Semiconductors BLU86 Datasheet HTML 3Page - NXP Semiconductors BLU86 Datasheet HTML 4Page - NXP Semiconductors BLU86 Datasheet HTML 5Page - NXP Semiconductors BLU86 Datasheet HTML 6Page - NXP Semiconductors BLU86 Datasheet HTML 7Page - NXP Semiconductors BLU86 Datasheet HTML 8Page - NXP Semiconductors BLU86 Datasheet HTML 9Page - NXP Semiconductors BLU86 Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
September 1991
9
Philips Semiconductors
Product specification
UHF power transistor
BLU86
PACKAGE OUTLINE
UNIT
A1
bp
cD
E
e1
HE
Lp
Qy
w
v
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
0.10
0.01
1.8
1.5
0.80
0.60
b1
3.1
2.9
0.32
0.22
6.7
6.3
3.7
3.3
2.3
e
4.6
7.3
6.7
1.1
0.7
0.95
0.85
0.1
0.1
0.2
DIMENSIONS (mm are the original dimensions)
SOT223
96-11-11
97-02-28
w M
bp
D
b1
e1
e
A
A1
Lp
Q
detail X
HE
E
v M A
A
B
B
c
y
0
2
4 mm
scale
A
X
13
2
4
Plastic surface mounted package; collector pad for good heat transfer; 4 leads
SOT223


Similar Part No. - BLU86

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
BLU10 NJSEMI-BLU10 Datasheet
201Kb / 3P
   UHF power transistor
logo
NXP Semiconductors
BLU11 PHILIPS-BLU11 Datasheet
51Kb / 9P
   UHF power transistor
July 1986
logo
New Jersey Semi-Conduct...
BLU11 NJSEMI-BLU11 Datasheet
216Kb / 4P
   UHF power transistor
BLU11SL NJSEMI-BLU11SL Datasheet
216Kb / 4P
   UHF power transistor
BLU12 NJSEMI-BLU12 Datasheet
201Kb / 3P
   UHF power transistor
More results

Similar Description - BLU86

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLU60-12 PHILIPS-BLU60-12 Datasheet
59Kb / 10P
   UHF power transistor
March 1986
logo
Motorola, Inc
MRA0510-50H MOTOROLA-MRA0510-50H Datasheet
60Kb / 4P
   UHF POWER TRANSISTOR
logo
NXP Semiconductors
BFG21W PHILIPS-BFG21W Datasheet
116Kb / 12P
   UHF power transistor
1998 Jul 06
BLT61 PHILIPS-BLT61 Datasheet
55Kb / 8P
   UHF power transistor
1998 Jan 28
BLV193 PHILIPS-BLV193 Datasheet
108Kb / 14P
   UHF power transistor
March 1993
BLV920 PHILIPS-BLV920 Datasheet
109Kb / 12P
   UHF power transistor
1997 Nov 17
BLV934 PHILIPS-BLV934 Datasheet
75Kb / 12P
   UHF power transistor
1995 Apr 11
BLV98CE PHILIPS-BLV98CE Datasheet
62Kb / 11P
   UHF power transistor
March 1993
BLW90 PHILIPS-BLW90 Datasheet
58Kb / 11P
   UHF power transistor
August 1986
logo
Motorola, Inc
TP3021 MOTOROLA-TP3021 Datasheet
88Kb / 4P
   UHF Power Transistor
logo
New Jersey Semi-Conduct...
BLT53 NJSEMI-BLT53 Datasheet
123Kb / 4P
   UHF power transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com