Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8153 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8153
Description  Single Buffered Switch 3.2 Gbps
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8153 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8153 Datasheet HTML 3Page - Analog Devices AD8153 Datasheet HTML 4Page - Analog Devices AD8153 Datasheet HTML 5Page - Analog Devices AD8153 Datasheet HTML 6Page - Analog Devices AD8153 Datasheet HTML 7Page - Analog Devices AD8153 Datasheet HTML 8Page - Analog Devices AD8153 Datasheet HTML 9Page - Analog Devices AD8153 Datasheet HTML 10Page - Analog Devices AD8153 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Preliminary Technical Data
AD8153
Rev. PrA | Page 7 of 18
Table 3. Pin Function Descriptions
Pin
Mnemonic
Type
Description
1,9,12
VCC
Power
Positive Supply
2
VTTO
Power
Output termination supply
3
ONA
I/O
High speed output complement
4
OPA
I/O
High speed output
5
VTTI
Power
Input termination supply
6
INA
I/O
High speed input complement
7
IPA
I/O
High speed input
8,32
VEE
Power
Negative Supply
10
ONB
I/O
High speed output complement
11
OPB
I/O
High speed output
13
INB
I/O
High speed input complement
14
IPB
I/O
High speed input
15
EQ_C
Control
Port C input equalization control
16
EQ_B/I2C_SDA
Control
Port B input equalization control/I2C data
17
EQ_A/I2C_SCL
Control
Port A input equalization control/I2C clock
18
LB_C
Control
Port C loopback enable
19
LB_B
Control
Port B loopback enable
20
LB_A
Control
Port A loopback enable
21
BICAST
Control
Bicast enable
22
SEL
Control
A/B select
23
RESETB
Control
Configuration registers reset
24
MODE
Control
Configuration mode
25
PE_C/I2C_ADDR2
Control
Port C pre-emphasis control/I2C address bit 2
26
PE_B/I2C_ADDR1
Control
Port B pre-emphasis control/I2C address bit 1
27
ONC
I/O
High speed output complement
28
OPC
I/O
High speed output
29
PE_A/I2C_ADDR0
Control
Port A pre-emphasis control/I2C address bit 0
30
INC
I/O
High speed input complement
31
IPC
I/O
High speed output


Similar Part No. - AD8153

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8153 AD-AD8153 Datasheet
708Kb / 24P
   3.2 Gbps Single Buffered Mux/Demux Switch
REV. 0
AD8153-EVALZ AD-AD8153-EVALZ Datasheet
708Kb / 24P
   3.2 Gbps Single Buffered Mux/Demux Switch
REV. 0
AD8153ACPZ AD-AD8153ACPZ Datasheet
708Kb / 24P
   3.2 Gbps Single Buffered Mux/Demux Switch
REV. 0
AD8153ACPZ-RL7 AD-AD8153ACPZ-RL7 Datasheet
708Kb / 24P
   3.2 Gbps Single Buffered Mux/Demux Switch
REV. 0
AD8153 AD-AD8153_07 Datasheet
708Kb / 24P
   3.2 Gbps Single Buffered Mux/Demux Switch
REV. 0
More results

Similar Description - AD8153

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8153 AD-AD8153_07 Datasheet
708Kb / 24P
   3.2 Gbps Single Buffered Mux/Demux Switch
REV. 0
logo
M/A-COM Technology Solu...
M21170 MA-COM-M21170 Datasheet
905Kb / 2P
   3.2 Gbps 288x288 Crosspoint Switch
211X1-DSH-001-I MA-COM-211X1-DSH-001-I Datasheet
793Kb / 65P
   72x72/144x144 3.2 Gbps Asynchronous Crosspoint Switch
logo
Analog Devices
AD8152JBPZ AD-AD8152JBPZ Datasheet
1Mb / 32P
   34  34, 3.2 Gbps Asynchronous Digital Crosspoint Switch
REV. A
AD8153 AD-AD8153_15 Datasheet
1Mb / 24P
   Single Buffered Mux/Demux Switch
REV. 0
logo
Broadcom Corporation.
BCM8040 BOARDCOM-BCM8040 Datasheet
194Kb / 2P
   QUAD XAUI/CX4/LX4 1.0-3.2-GBPS RETIMER/SWITCH
logo
Analog Devices
AD8152 AD-AD8152 Datasheet
1Mb / 32P
   34 x 34, 3.2 Gbps Asynchronous Digital Crosspoint Switch
REV. A
AD8159 AD-AD8159 Datasheet
595Kb / 24P
   3.2 Gbps Quad Buffer Mux/Demux
REV. A
ADN2891ACP AD-ADN2891ACP Datasheet
611Kb / 16P
   3.3 V, 3.2 Gbps, Limiting Amplifier
REV. A
ADN2891 AD-ADN2891_15 Datasheet
611Kb / 16P
   3.3 V, 3.2 Gbps, Limiting Amplifier
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com