Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLX6256NSR Datasheet(PDF) 5 Page - Honeywell Solid State Electronics Center

Part # HLX6256NSR
Description  32K x 8 STATIC RAM Low Power SOI
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HLX6256NSR Datasheet(HTML) 5 Page - Honeywell Solid State Electronics Center

  HLX6256NSR Datasheet HTML 1Page - Honeywell Solid State Electronics Center HLX6256NSR Datasheet HTML 2Page - Honeywell Solid State Electronics Center HLX6256NSR Datasheet HTML 3Page - Honeywell Solid State Electronics Center HLX6256NSR Datasheet HTML 4Page - Honeywell Solid State Electronics Center HLX6256NSR Datasheet HTML 5Page - Honeywell Solid State Electronics Center HLX6256NSR Datasheet HTML 6Page - Honeywell Solid State Electronics Center HLX6256NSR Datasheet HTML 7Page - Honeywell Solid State Electronics Center HLX6256NSR Datasheet HTML 8Page - Honeywell Solid State Electronics Center HLX6256NSR Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
HLX6256
IDDSB1
Static Supply Current
1.0
mA
IDDSBMF Standby Supply Current - Deselected
1.0
mA
IDDOPW
Dynamic Supply Current, Selected (Write)
3.0
mA
IDDOPR
Dynamic Supply Current, Selected (Read)
3.0
mA
II
Input Leakage Current
-1
+1
µA
IOZ
Output Leakage Current
-1
+1
µA
VIL
Low-Level Input Voltage
VIH
High-Level Input Voltage
DC ELECTRICAL CHARACTERISTICS
Units
Test Conditions
Min
Max
Worst Case (2)
Symbol
Parameter
Typical
(1)
NCS=VDD, IO=0,
f=40 MHz
VIH=VDD IO=0
VIL=VSS Inputs Stable
f=1 MHz, IO=0, CE=VIH=VDD
NCS=VIL=VSS
f=1 MHz, IO=0, CE=VIH=VDD
NCS=VIL=VSS
VSS
≤VI≤VDD
VSS
≤VIO≤VDD
Output=high Z
0.7xVDD VDD+.3
V
March Pattern
V
VDD = 3.6V
0.4
V
VDD = 3.0V, IOL = 8 mA
2.7
V
VDD = 3.0V, IOH = -4 mA
-0.3
0.3xVDD
V
March Pattern
V
VDD = 3.0V
VOL
Low-Level Output Voltage
VOH
High-Level Output Voltage
(1) Typical operating conditions: VDD=3.3 V, TA=25
°C, pre-radiation.
(2) Worst case operating conditions: VDD=3.0 V to 3.6 V, TA=-55
°C to +125°C, post total dose at 25°C.
(3) All inputs switching. DC average current.
DUT
output
Valid low
output
Vref1
CL >50 pF*
249
Tester Equivalent Load Circuit
2.2 V
Valid high
output
Vref2
-
+
-
+
*CL = 5 pF for TWLQZ, TSHQZ, TELQZ, and TGHQZ


Similar Part No. - HLX6256NSR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HLX6228 ETC-HLX6228 Datasheet
156Kb / 12P
   128K x 8 STATIC RAM-Low Power SOI
HLX6228ABF ETC-HLX6228ABF Datasheet
156Kb / 12P
   128K x 8 STATIC RAM-Low Power SOI
HLX6228ABH ETC-HLX6228ABH Datasheet
156Kb / 12P
   128K x 8 STATIC RAM-Low Power SOI
HLX6228ABN ETC-HLX6228ABN Datasheet
156Kb / 12P
   128K x 8 STATIC RAM-Low Power SOI
HLX6228ABR ETC-HLX6228ABR Datasheet
156Kb / 12P
   128K x 8 STATIC RAM-Low Power SOI
More results

Similar Description - HLX6256NSR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HX6356 ETC1-HX6356 Datasheet
145Kb / 12P
   32K x 8 STATIC RAM-SOI
HLX6228 ETC-HLX6228 Datasheet
156Kb / 12P
   128K x 8 STATIC RAM-Low Power SOI
65C256 ETC-65C256 Datasheet
74Kb / 11P
   32K x 8 LOW POWER CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T15M256B TMT-T15M256B_03 Datasheet
89Kb / 13P
   32K X 8 LOW POWER CMOS STATIC RAM
T15L256A TMT-T15L256A Datasheet
83Kb / 10P
   32K X 8 LOW POWER CMOS STATIC RAM???
T15V256A TMT-T15V256A Datasheet
80Kb / 11P
   32K X 8 LOW POWER CMOS STATIC RAM?
T15M256A TMT-T15M256A Datasheet
82Kb / 10P
   32K X 8 LOW POWER CMOS STATIC RAM????
T15M256B TMT-T15M256B Datasheet
87Kb / 13P
   32K X 8 LOW POWER CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62C256 ISSI-IS62C256 Datasheet
38Kb / 8P
   32K x 8 LOW POWER CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T15V256A TMT-T15V256A_03 Datasheet
77Kb / 11P
   32K X 8 LOW POWER CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com