Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDM-15SBSM7-A174 Datasheet(PDF) 2 Page - ITT Industries

Part # MDM-15SBSM7-A174
Description  Micro-D PCB - .050 Contact Spacing
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

MDM-15SBSM7-A174 Datasheet(HTML) 2 Page - ITT Industries

  MDM-15SBSM7-A174 Datasheet HTML 1Page - ITT Industries MDM-15SBSM7-A174 Datasheet HTML 2Page - ITT Industries MDM-15SBSM7-A174 Datasheet HTML 3Page - ITT Industries MDM-15SBSM7-A174 Datasheet HTML 4Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Micro-D PCB - .050" Contact Spacing
MDM-PCB
BS (Board Straight) Series
19
www.ittcannon.com
*
.096 ± .005
(2.44 ± 0.13) DIA.
Size 9-51)
.120 ± .005
(3.05 ± 0.13)
Size 100
CAV.
#1
LAST
CAV.
G
JACKPOST (9-51)
#2-56 UNC-2B TYP.
JACKPOST (100)
#4-40 UNC-2B TYP.
.186 (4.72) MAX. PLUG
.198 (5.03) MAX. RECEPTACLE
.109 ± 0.15
(2.77 ± 0.38)
D
E
H
J
K
LAST CAV.
CAV. #1
.050
(1.27)
6
7
8
9
1
2
3
4
5
9 10 11 12 13 14 15
1
2 3
4 5
6
7 8
12 13 14 15 16 17 18 19 20 21
1
2
3 4
5
6
7
8
9 10 11
14 15 16 17 18 19 20 21 22 23 24 25
1
2
3 4
5 6
7
8
9 10 11 12 13
17 18 19 20 21 22 23 24 25 26 27 28 29 30 31
1
2
3 4
5 6
7
8
9 10 11 12 13 14 15 16
20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37
1
2
3 4
5 6
7
8
9 10 11 12 13 14 15 16 17 18 19
36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51
19
35
1
2
3 4
5 6
7
8
9 10 11 12 13 14 15 16 17 18
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
76
77
78
79
80
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
100
52
53
54
55
56 57
58
59
60
61
62
63
64
65
66
67
68
69
70
71
72
73
74
75
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
.050
(1.27)
.050
(1.27)
.100
(2.54)
TYP.
.150
(3.81)
.150
(3.81)
.150
(3.81)
.150
(3.81)
.150
(3.81)
.050
(1.27)
.050
(1.27)
.050
(1.27)
.150
(3.81)
.375
(9.53)
.225
(5.72)
TYP.
.225
(5.72)
PCB Termination Arrangements* (Viewed from PCB solder side)
9 Contacts
31 Contacts
15 Contacts
37 Contacts
100 Contacts
51 Contacts
21 Contacts
25 Contacts
Identification number shown for plug connector, use reverse order for socket connector.
NOTE: Standard lead termination is #24 AWG, solid copper, solder or tin dipped
All Termination Configurations .100 (2.54) x .100 (2.54) Grid Pattern, Offset .050 (1.27)
NOTE: Dimensions shown are for reference only-consult factory for final design dimensions.
.100 (2.54)
REF.
F
A
B
C
B
±.007 (.18)
*For jackpost, add letter "P" or "M7" for sizes 9-51, "M17" for size 100.
Part Number
By Shell Size
A
Max.
C
±.005 (.13)
D
Max.
E
Max.
F
Max.
G
Max.
H
Max.
J
Max.
K
Max.
MDM-9PBS*
MDM-9SBS*
MDM-15PBS*
MDM-15SBS*
MDM-21PBS*
MDM-21SBS*
MDM-25PBS
MDM-25SBS*
MDM-31PBS*
MDM-31SBS*
MDM-37PBS*
MDM-37SBS*
MDM-51PBS*
MDM-51SBS*
MDM-100PBS*
MDM-100SBS*
1.390 (35.31)
1.390 (35.31)
1.390 (35.31)
1.390 (35.31)
1.690 (43.93)
1.690 (43.93)
1.740 (44.20)
1.740 (44.20)
2.040 (51.82)
2.040 (51.82)
2.340 (59.44)
2.340 (59.44)
2.270 (67.66)
2.270 (67.66)
3.070 (77.98)
3.070 (77.98)
1.150 (29.21)
1.150 (29.21)
1.150 (29.21)
1.150 (29.21)
1.450 (36.83)
1.450 (36.83)
1.500 (38.10)
1.500 (38.10)
1.800 (45.72)
1.800 (45.72)
2.100 (53.34)
2.100 (53.34)
2.000 (50.80)
2.000 (50.80)
2.800 (71.12)
2.800 (71.12)
.565 (14.35)
.565 (14.35)
.715 (18.16)
.715 (18.16)
.865 (21.97)
.865 (21.97)
.965 (24.51)
.965 (24.51)
1.115 (28.32)
1.115 (28.32)
1.265 (32.13)
1.265 (32.13)
1.215 (30.86)
1.215 (30.86)
1.800 (45.72)
1.800 (45.72)
.785 (19.94)
.785 (19.94)
.935 (23.75)
.935 (23.75)
1.085 (27.56)
1.085 (27.56)
1.185 (30.10)
1.185 (30.10)
1.335 (33.91)
1.335 (33.91)
1.485 (37.72)
1.485 (37.72)
1.435 (36.45)
1.435 (36.45)
2.175 (55.24)
2.175 (55.24)
.334 (8.48)
.402 (10.21)
.484 (12.29)
.552 (13.97)
.634 (16.10)
.702 (17.83)
.734 (18.64)
.802 (20.37)
.884 (22.45)
.952 (24.18)
1.034 (26.26)
1.102 (27.99)
.984 (24.99)
1.052 (26.72)
1.384 (35.15)
1.508 (38.30)
.185 (4.70)
.253 (6.43)
.185 (4.70)
.253 (6.43)
.185 (4.70)
.253 (6.43)
.185 (4.70)
.253 (6.43)
.185 (4.70)
.253 (6.43)
.185 (4.70)
.253 (6.43)
.228 (5.79)
.296 (7.52)
.271 (6.88)
.394 (10.01)
.308 (7.82)
.308 (7.82)
.308 (7.82)
.308 (7.82)
.308 (7.82)
.308 (7.82)
.308 (7.82)
.308 (7.82)
.308 (7.82)
.308 (7.82)
.308 (7.82)
.308 (7.82)
.351 (8.92)
.351 (8.92)
.460 (11.68)
.460 (11.68)
.165 (4.19)
.165 (4.19)
.165 (4.19)
.165 (4.19)
.165 (4.19)
.165 (4.19)
.165 (4.19)
.165 (4.19)
.165 (4.19)
.165 (4.19)
.165 (4.19)
.165 (4.19)
.165 (4.19)
.165 (4.19)
.303 (7.70)
.303 (7.70)
.355 (9.02)
.355 (9.02)
.355 (9.02)
.355 (9.02)
.355 (9.02)
.355 (9.02)
.355 (9.02)
.355 (9.02)
.355 (9.02)
.355 (9.02)
.355 (9.02)
.355 (9.02)
.355 (9.02)
.355 (9.02)
.550 (12.70)
.550 (12.70)
.555 (14.10)
.555 (14.10)
.555 (14.10)
.555 (14.10)
.555 (14.10)
.555 (14.10)
.555 (14.10)
.555 (14.10)
.555 (14.10)
.555 (14.10)
.555 (14.10)
.555 (14.10)
.555 (14.10)
.555 (14.10)
.686 (17.42)
.686 (17.75)
Dimensions shown in inch (mm)
Specifications and dimensions subject to change


Similar Part No. - MDM-15SBSM7-A174

ManufacturerPart #DatasheetDescription
logo
ITT Industries
MDM-15SBS ITT-MDM-15SBS Datasheet
825Kb / 17P
   The Micro Line - .050 Contact Spacing
More results

Similar Description - MDM-15SBSM7-A174

ManufacturerPart #DatasheetDescription
logo
ITT Industries
MDM ITT-MDM Datasheet
321Kb / 8P
   Micro-D Metal Shell - .050 Contact Spacing
logo
List of Unclassifed Man...
MDM-25PH001L ETC2-MDM-25PH001L Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
logo
ITT Industries
MDM-9PL1P ITT-MDM-9PL1P Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050 Contact Spacing
MDM-9PH009L ITT-MDM-9PH009L Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050 Contact Spacing
MDB1-9PH001P ITT-MDB1-9PH001P Datasheet
325Kb / 11P
   Micro-D Plastic Shell - .050 Contact Spacing
MDM-9PH003B ITT-MDM-9PH003B Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
015-9516-002 ITT-015-9516-002 Datasheet
385Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
logo
List of Unclassifed Man...
MDM-37PH003B ETC2-MDM-37PH003B Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
MDM-51PH001P ETC2-MDM-51PH001P Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
logo
ITT Industries
025-9524-000 ITT-025-9524-000 Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com