Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY-5610 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # HY-5610
Description  SUBMINIATURE CONTROLLER FOR THERMOELECTRIC COOLERS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HY-5610 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  HY-5610 Datasheet HTML 1Page - List of Unclassifed Manufacturers HY-5610 Datasheet HTML 2Page - List of Unclassifed Manufacturers HY-5610 Datasheet HTML 3Page - List of Unclassifed Manufacturers HY-5610 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
hytek
HY-5610
Microsystems
TEC CONTROLLER
hytek Microsystems 400 Hot Springs Rd. Carson City NV 89706 (702) 883-0820 Fax -0827 www.hytek.com
FIGURE 4
0
0.2
0.4 0.6
0.8
1.0 1.2
1.4 1.6
1.8
2.0 2.2
10
11
12
13
14
15
16
17
18
19
20
MAXIMUM SINK CURRENT (Is)
AMPERES
APPROXIMATE VALUE OF CURRENT
LIMIT SET RESISTOR Rc
vs
MAXIMUM SINK CURRENT
FIGURE 5
MECHANICAL DIMENSIONS
NOTES:
1. Make sure the heat sink to
which the HY-5610 is mounted is
flat and clean, otherwise the
ceramic substrate may break.
2. Usea thermal compound
such as Dow Corning 340
between the HY-5610 and the
heat sink for good thermal
conduction.
3. Note that the Pin1 identifier
is shown ina bottom view. From
a top view, Pin numbers ascend
in clockwise fashion.
R L
C L
R g
THERMAL TIME
CONSTANT
T (SECONDS)
1
2
3
5
10
15
20
100K
to
10M
10 M
20 M
3 M
4.7 M
10 M
15 M
20 M
0.1 µF
0.1 µF
1.0 µF
1.0 µF
1.0 µF
1.0 µF
1.0 µF
TYPICAL RESISTOR
AND CAPACITOR VALUES
FOR VARIOUS THERMAL
TIME CONSTANTS
TABLE 1
Specifications Subject to Change
Without Notice.
SLOT FOR 2-56
SCREWS
2 PLACES
0.900"
0.040"
1.150"
0.600"
0.950"
0.300"
0.090"
1
2
3
4
5
6
7
9
8
10
11
12
14
13
LEADS ON
0.100"
CENTERS
HY-5610
HYTEK
9326
0.720"
0.300"
MIN
0.720"
ALUMINUM
BASE
0.220"
MAX.
0.060"
0.110"
PIN 1
IDENTIFIER
DATE
CODE
20
15
10
5
0
-5
-10
-15
-20
-25
25
10
15
20
30
40
50
60
70
80
90
100
TEMPERATURE °C
TEMPERATURE SET
RESISTOR Rs
vs
SET TEMPERATURE
DALE 10K
THERMISTOR
TYPE 1M1002
11/97


Similar Part No. - HY-5610

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
HY-5 PERKINELMER-HY-5 Datasheet
49Kb / 6P
   Thyratrons
HY-53 PERKINELMER-HY-53 Datasheet
49Kb / 6P
   Thyratrons
More results

Similar Description - HY-5610

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C4877 HAMAMATSU-C4877 Datasheet
244Kb / 4P
   High Performance Thermoelectric Coolers
C10372 HAMAMATSU-C10372 Datasheet
160Kb / 2P
   HIGH PERFORMANCE THERMOELECTRIC COOLERS
logo
RMT Ltd.
1MDL06050 RMT-1MDL06050 Datasheet
544Kb / 5P
   1MDL06 Series of Miniature Thermoelectric Coolers for telecom applications.
1MDL06035 RMT-1MDL06035 Datasheet
540Kb / 5P
   1MDL06 Series of Miniature Thermoelectric Coolers for telecom applications.
1MDL06024 RMT-1MDL06024 Datasheet
552Kb / 5P
   1MDL06 Series of Miniature Thermoelectric Coolers for telecom applications.
1MDL06068 RMT-1MDL06068 Datasheet
537Kb / 5P
   1MDL06 Series of Miniature Thermoelectric Coolers for telecom applications.
1MDL06042 RMT-1MDL06042 Datasheet
540Kb / 5P
   1MDL06 Series of Miniature Thermoelectric Coolers for telecom applications.
1MDL06052 RMT-1MDL06052 Datasheet
533Kb / 5P
   1MDL06 Series of Miniature Thermoelectric Coolers for telecom applications.
logo
Analog Devices
ADN8830 AD-ADN8830 Datasheet
416Kb / 24P
   Thermoelectric Cooler Controller
REV. C
ADN8830 AD-ADN8830_15 Datasheet
279Kb / 22P
   Thermoelectric Cooler Controller
REV. D
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com