Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1303AEUP Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX1303AEUP
Description  8-/4-Channel, VREF Multirange Inputs, Serial 16-Bit ADCs
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1303AEUP Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1303AEUP Datasheet HTML 1Page - Maxim Integrated Products MAX1303AEUP Datasheet HTML 2Page - Maxim Integrated Products MAX1303AEUP Datasheet HTML 3Page - Maxim Integrated Products MAX1303AEUP Datasheet HTML 4Page - Maxim Integrated Products MAX1303AEUP Datasheet HTML 5Page - Maxim Integrated Products MAX1303AEUP Datasheet HTML 6Page - Maxim Integrated Products MAX1303AEUP Datasheet HTML 7Page - Maxim Integrated Products MAX1303AEUP Datasheet HTML 8Page - Maxim Integrated Products MAX1303AEUP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
8-/4-Channel, ±VREF Multirange Inputs,
Serial 16-Bit ADCs
_______________________________________________________________________________________
5
ELECTRICAL CHARACTERISTICS (continued)
(AVDD1 = AVDD2 = DVDD = DVDDO = 5V, AGND1 = DGND = DGNDO = AGND2 = AGND3 = 0, fCLK = 3.5MHz (50% duty cycle),
external clock mode, VREF = 4.096V (external reference operation), REFCAP = AVDD1, maximum single-ended bipolar input range
(±VREF), CDOUT = 50pF, CSSTRB = 50pF, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Preamplifier Supply Voltage
AVDD2
4.75
5.25
V
Digital I/O Supply Voltage
DVDDO
2.70
5.25
V
Internal reference
3
3.5
AVDD1 Supply Current
IAVDD1
External clock mode,
external acquisition
mode, or internal
clock mode
External reference
2.5
3
mA
DVDD Supply Current
IDVDD
External clock mode, external acquisition
mode, or internal clock mode
0.9
2
mA
AVDD2 Supply Current
IAVDD2
External clock mode, external acquisition
mode, or internal clock mode
17.5
25
mA
DVDDO Supply Current
IDVDDO
External clock mode, external acquisition
mode, or internal clock mode
0.2
1
mA
Partial power-down mode
1.3
mA
Total Supply Current
Full power-down mode
2
µA
Power-Supply Rejection Ratio
PSRR
All analog input ranges
±0.5
LSB
TIMING CHARACTERISTICS (Figures 15 and 16)
External clock mode
272
62
External acquisition mode
228
62
SCLK Period
tCP
Internal clock mode
100
83
µs
External clock mode
109
External acquisition mode
92
SCLK High Pulse Width (Note 5)
tCH
Internal clock mode
40
ns
External clock mode
109
External acquisition mode
92
SCLK Low Pulse Width (Note 5)
tCL
Internal clock mode
40
ns
DIN to SCLK Setup
tDS
40
ns
DIN to SCLK Hold
tDH
0ns
SCLK Fall to DOUT Valid
tDO
40
ns
CS Fall to DOUT Enable
tDV
40
ns


Similar Part No. - MAX1303AEUP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1303AEUG++ MAXIM-MAX1303AEUG+ Datasheet
509Kb / 29P
   4-Channel, ±VREF Multirange Inputs,Serial 16-Bit ADC
Rev 2; 3/12
More results

Similar Description - MAX1303AEUP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1034 MAXIM-MAX1034_12 Datasheet
431Kb / 31P
   8-/4-Channel, ±VREF Multirange Inputs, Serial 14-Bit ADCs
Rev 2; 3/12
MAX1300 MAXIM-MAX1300_10 Datasheet
1,017Kb / 32P
   8- and 4-Channel, 짹3 x VREF Multirange Inputs, Serial 16-Bit ADCs
Rev 2; 6/10
MAX1300 MAXIM-MAX1300_V01 Datasheet
2Mb / 31P
   8- and 4-Channel, 짹3 x VREF Multirange Inputs, Serial 16-Bit ADCs
2011
MAX1302 MAXIM-MAX1302_12 Datasheet
625Kb / 31P
   8-Channel, ±VREF Multirange Inputs, Serial 16-Bit ADC
Rev 0; 3/12
MAX1032_1112 MAXIM-MAX1032_1112 Datasheet
1Mb / 32P
   8- and 4-Channel, 3 x VREF Multirange Inputs, Serial 14-Bit ADCs
Rev 5; 12/11
MAX1303 MAXIM-MAX1303_12 Datasheet
509Kb / 29P
   4-Channel, ±VREF Multirange Inputs,Serial 16-Bit ADC
Rev 2; 3/12
MAX1032 MAXIM-MAX1032_11 Datasheet
859Kb / 32P
   8- and 4-Channel, 짹3 x VREF Multirange Inputs, Serial 14-Bit ADCs
Rev 4; 8/11
MAX1032 MAXIM-MAX1032_V01 Datasheet
904Kb / 32P
   8- and 4-Channel, 짹3 x VREF Multirange Inputs, Serial 14-Bit ADCs
2013
MAX1300 MAXIM-MAX1300 Datasheet
977Kb / 31P
   8-/4-Channel, 12V Multirange Inputs, Serial 16-Bit ADCs
Rev 1; 11/06
MAX1034 MAXIM-MAX1034 Datasheet
832Kb / 31P
   8-/4-Channel, 짹VREF Multirange Inputs, Serial 14-Bit ADCs
Rev 0; 5/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com