Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5095B Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX5095B
Description  High-Performance, Single-Ended, Current-Mode PWM Controllers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5095B Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX5095B Datasheet HTML 1Page - Maxim Integrated Products MAX5095B Datasheet HTML 2Page - Maxim Integrated Products MAX5095B Datasheet HTML 3Page - Maxim Integrated Products MAX5095B Datasheet HTML 4Page - Maxim Integrated Products MAX5095B Datasheet HTML 5Page - Maxim Integrated Products MAX5095B Datasheet HTML 6Page - Maxim Integrated Products MAX5095B Datasheet HTML 7Page - Maxim Integrated Products MAX5095B Datasheet HTML 8Page - Maxim Integrated Products MAX5095B Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
General Description
The MAX5094A/B/C/D/MAX5095A/B/C BiCMOS, high-
performance, current-mode PWM controllers have all the
features required for wide input-voltage range
isolated/nonisolated power supplies. These controllers
are used for low- and high-power universal input volt-
age and telecom power supplies.
The MAX5094/MAX5095 contain a fast comparator with
only 60ns typical delay from current sense to the output
for overcurrent protection. The MAX5094 has an inte-
grated error amplifier with the output at COMP. Soft-
start is achieved by controlling the COMP voltage rise
using external components.
The oscillator frequency is adjustable from 20kHz to
1MHz with an external resistor and capacitor. The tim-
ing capacitor discharge current is trimmed allowing for
programmable dead time and maximum duty cycle for
a given frequency. The available saw-toothed waveform
at RTCT can be used for slope compensation when
needed.
The MAX5095A/MAX5095B include a bidirectional syn-
chronization circuit allowing for multiple controllers to
run at the same frequency to avoid beat frequencies.
Synchronization is accomplished by simply connecting
the SYNC of all devices together. When synchronizing
with other devices, the MAX5095A/MAX5095B with the
highest frequency synchronizes the other devices.
Alternatively, the MAX5095A/MAX5095B can be syn-
chronized to an external clock with an open-drain out-
put stage running at a higher frequency.
The MAX5095C provides a clock output pulse
(ADV_CLK) that leads the driver output (OUT) by
110ns. The advanced clock signal is used to drive the
secondary-side synchronous rectifiers.
The MAX5094A/B/C are available in the 8-pin SO and
8-pin µMAX® packages. The MAX5094D and
MAX5095A/B/C are available in the 8-pin µMAX pack-
age. All devices operate over the automotive tempera-
ture range of -40°C to +125°C.
Applications
Universal Input AC/DC Power Supplies
Isolated Telecom Power Supplies
Isolated Power-Supply Modules
Networking Systems
Computer Systems/Servers
Industrial Power Conversion
Isolated Keep-Alive Circuits
Features
♦ Pin-for-Pin Replacement for UCC28C43
(MAX5094A) and UCC28C45 (MAX5094B)
♦ 2A Drive Source and 1A Sink Capability
♦ Up to 1MHz Switching Frequency Operation
♦ Bidirectional Frequency Synchronization
(MAX5095A/MAX5095B)
♦ Advanced Output Drive for Secondary-Side
Synchronous Rectification (MAX5095C)
♦ Fast 60ns Cycle-by-Cycle Current Limit
♦ Trimmed Oscillator Capacitor Discharge Current
Sets Maximum Duty Cycle Accurately
♦ Accurate ±5% Start Voltage with 0.8V Hysteresis
♦ Low 32µA Startup Current
♦ 5V Regulator Output (REF) with 20mA Capability
♦ Versions with 0.3V Current-Sense Threshold
♦ Overtemperature Shutdown
High-Performance, Single-Ended, Current-Mode
PWM Controllers
________________________________________________________________ Maxim Integrated Products
1
OUT
GND
RT/CT
1
2
8
7
REF
VCC
FB
CS
COMP
µMAX/SO
TOP VIEW
3
4
6
5
MAX5094
Pin Configurations
Ordering Information
19-3864; Rev 3; 10/06
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP RANGE
PIN-
PACKAGE
PKG
CODE
MAX5094AASA
-40°C to +125°C
8 SO
S8-4
MAX5094AASA+
-40°C to +125°C
8 SO
S8-4
MAX5094AAUA*
-40°C to +125°C
8 µMAX
U8-1
MAX5094AAUA+
-40°C to +125°C
8 µMAX
U8-1
MAX5094BASA*
-40°C to +125°C
8 SO
S8-4
MAX5094BASA+
-40°C to +125°C
8 SO
S8-4
MAX5094BAUA*
-40°C to +125°C
8 µMAX
U8-1
MAX5094BAUA+
-40°C to +125°C
8 µMAX
U8-1
Pin Configurations continued at end of data sheet.
µMAX is a registered trademark of Maxim Integrated Products, Inc.
+Denotes lead-free package.
*Future product—contact factory for availability.
Ordering Information continued at end of data sheet.


Similar Part No. - MAX5095B

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX509 MAXIM-MAX509 Datasheet
235Kb / 20P
   Quad, Serial 8-Bit DACs with Rail-to-Rail Outputs
Rev 2; 1/96
MAX509-MAX510 MAXIM-MAX509-MAX510 Datasheet
235Kb / 20P
   Quad, Serial 8-Bit DACs with Rail-to-Rail Outputs
Rev 2; 1/96
MAX5090 MAXIM-MAX5090 Datasheet
116Kb / 4P
   fully assembled and tested surface-mount circuit board
Rev 0; 2/06
MAX5090A MAXIM-MAX5090A Datasheet
658Kb / 17P
   2A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converters
Rev 0; 3/06
MAX5090A/B/C MAXIM-MAX5090A/B/C Datasheet
2Mb / 17P
   2A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converters
2014
More results

Similar Description - MAX5095B

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5070 MAXIM-MAX5070 Datasheet
365Kb / 22P
   High-Performance, Single-Ended, Current-Mode PWM Controllers
Rev 3; 10/06
logo
Cystech Electonics Corp...
PL384XBP8 CYSTEKEC-PL384XBP8 Datasheet
278Kb / 15P
   High Performance Current Mode PWM Controllers
logo
Unisonic Technologies
UC2844-45 UTC-UC2844-45 Datasheet
295Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
logo
Gamma Microelectronics ...
GM3842A GAMMA-GM3842A Datasheet
628Kb / 19P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
logo
Unisonic Technologies
UC2844 UTC-UC2844_16 Datasheet
228Kb / 6P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC2844 UTC-UC2844_12 Datasheet
294Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC2843B UTC-UC2843B_15 Datasheet
285Kb / 8P
   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
UC2845 UTC-UC2845_15 Datasheet
294Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC3844 UTC-UC3844 Datasheet
298Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
logo
Cystech Electonics Corp...
PL384XAQ8 CYSTEKEC-PL384XAQ8 Datasheet
281Kb / 15P
   High Performance Current Mode PWM Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com