Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5094A Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX5094A
Description  High-Performance, Single-Ended, Current-Mode PWM Controllers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5094A Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX5094A Datasheet HTML 1Page - Maxim Integrated Products MAX5094A Datasheet HTML 2Page - Maxim Integrated Products MAX5094A Datasheet HTML 3Page - Maxim Integrated Products MAX5094A Datasheet HTML 4Page - Maxim Integrated Products MAX5094A Datasheet HTML 5Page - Maxim Integrated Products MAX5094A Datasheet HTML 6Page - Maxim Integrated Products MAX5094A Datasheet HTML 7Page - Maxim Integrated Products MAX5094A Datasheet HTML 8Page - Maxim Integrated Products MAX5094A Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
High-Performance, Single-Ended, Current-Mode
PWM Controllers
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +15V, RT = 10k
Ω, CT = 3.3nF, REF = open, CREF = 0.1µF, COMP = open, VFB = 2V, CS = GND, TA = TJ = -40°C to +85°C,
unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
ADV_CLK (MAX5095C Only)
ADV_CLK High Voltage
VADV_CLKH
IADV_CLK = 10mA source
2.4
3
V
ADV_CLK Low Voltage
VADV_CLKL
IADV_CLK = 10mA sink
0.4
V
ADV_CLK Output Pulse Width
tPULSE
85
ns
ADV_CLK Rising Edge to OUT
Rising Edge
tADV_CLK
110
ns
ADV_CLK Source and Sink
Current
IADV_CLK
10
mA
ELECTRICAL CHARACTERISTICS
(VCC = +15V, RT = 10k
Ω, CT = 3.3nF, REF = open, CREF = 0.1µF, COMP = open, VFB = 2V, CS = GND, TA = TJ = -40°C to +125°C,
unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
REFERENCE
Output Voltage
VREF
TA = +25°C, IREF = 1mA
4.950
5.000
5.050
V
Line Regulation
∆VLINE
12V
≤ VCC ≤ 25V, IREF = 1mA
0.4
4
mV
Load Regulation
∆VLOAD
1mA
≤ IREF ≤ 20mA
6
25
mV
Total Output Variation
VREFT
1mA
≤ IREF ≤ 20mA, 12V ≤ VCC ≤ 25V
4.9
5.1
V
Reference Output-Noise Voltage
VNOISE
10Hz
≤ f ≤ 10kHz, TA = +25°C
50
µV
Reference Output Short Circuit
IS_SC
VREF = 0V
-30
-100
-180
mA
OSCILLATOR
Initial Accuracy
TA = +25°C
51
54
57
kHz
Voltage Stability
12V
≤ VCC ≤ 25V
0.2
0.5
%
Temp Stability
-40
°C ≤ TA ≤ +125°C
1
%
RT/CT Voltage Ramp (P-P)VRAMP
1.7
V
RT/CT Voltage Ramp Valley
VRAMP_VALLEY
1.1
V
VRT/CT = 2V, TA = +25°C
7.9
8.3
8.7
Discharge Current
IDIS
VRT/CT = 2V, -40°C
≤ TA ≤ +125°C
7.5
8.3
9.0
mA
Frequency Range
fOSC
20
1000
kHz
ERROR AMPLIFIER (MAX5094)
FB Input Voltage
VFB
FB shorted to COMP
2.465
2.5
2.535
V
FB Input Bias Current
IB(FB)
-0.01
-0.1
µA
Open-Loop Voltage Gain
AVOL
2V
≤ VCOMP ≤ 4V
100
dB
Unity-Gain Bandwidth
fGBW
1
MHz
Power-Supply Rejection Ratio
PSRR
12V
≤ VCC ≤ 25V (Note 2)
60
80
dB
COMP Sink Current
ISINK
VFB = 2.7V, VCOMP = 1.1V
2
6
mA
COMP Source Current
ISOURCE
VFB = 2.3V, VCOMP = 5V
-0.5
-1.2
-1.8
mA
COMP Output High Voltage
VCOMPH
VFB = 2.3V, RCOMP =15k
Ω to GND
5
5.8
V
COMP Output Low Voltage
VCOMPL
VFB = 2.7V, RCOMP = 15k
Ω to REF
0.1
1.1
V


Similar Part No. - MAX5094A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX509 MAXIM-MAX509 Datasheet
235Kb / 20P
   Quad, Serial 8-Bit DACs with Rail-to-Rail Outputs
Rev 2; 1/96
MAX509-MAX510 MAXIM-MAX509-MAX510 Datasheet
235Kb / 20P
   Quad, Serial 8-Bit DACs with Rail-to-Rail Outputs
Rev 2; 1/96
MAX5090 MAXIM-MAX5090 Datasheet
116Kb / 4P
   fully assembled and tested surface-mount circuit board
Rev 0; 2/06
MAX5090A MAXIM-MAX5090A Datasheet
658Kb / 17P
   2A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converters
Rev 0; 3/06
MAX5090A/B/C MAXIM-MAX5090A/B/C Datasheet
2Mb / 17P
   2A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converters
2014
More results

Similar Description - MAX5094A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5070 MAXIM-MAX5070 Datasheet
365Kb / 22P
   High-Performance, Single-Ended, Current-Mode PWM Controllers
Rev 3; 10/06
logo
Cystech Electonics Corp...
PL384XBP8 CYSTEKEC-PL384XBP8 Datasheet
278Kb / 15P
   High Performance Current Mode PWM Controllers
logo
Unisonic Technologies
UC2844-45 UTC-UC2844-45 Datasheet
295Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
logo
Gamma Microelectronics ...
GM3842A GAMMA-GM3842A Datasheet
628Kb / 19P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
logo
Unisonic Technologies
UC2844 UTC-UC2844_16 Datasheet
228Kb / 6P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC2844 UTC-UC2844_12 Datasheet
294Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC2843B UTC-UC2843B_15 Datasheet
285Kb / 8P
   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
UC2845 UTC-UC2845_15 Datasheet
294Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC3844 UTC-UC3844 Datasheet
298Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
logo
Cystech Electonics Corp...
PL384XAQ8 CYSTEKEC-PL384XAQ8 Datasheet
281Kb / 15P
   High Performance Current Mode PWM Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com