Electronic Components Datasheet Search |
|
S29PL256N65FAW003 Datasheet(PDF) 8 Page - SPANSION |
|
S29PL256N65FAW003 Datasheet(HTML) 8 Page - SPANSION |
8 / 85 page 6 S29PL-N MirrorBit™ Flash Family S29PL-N_00_A4 November 23, 2005 Preliminary 1 Ordering Information The ordering part number is formed by a valid combination of the following: S29PL 256 N 65 GA W W0 0 PACKING TYPE 0= Tray 2 = 7-inch Tape and Reel 3 = 13-inch Tape and Reel MODEL NUMBER (VCC Range) W0 = 2.7 – 3.1 V 00 = 2.7 – 3.6 V TEMPERATURE RANGE W = Wireless (–25°C to +85°C) I = Industrial (–40°C to +85°C) PACKAGE TYPE AND MATERIAL FA = Fortified BGA, Lead (Pb)-free Compliant package FF = Fortified BGA, Lead (Pb)-free package GA = Very Thin Fine-Pitch MCP-compatible BGA, Lead (Pb)-free Compliant Package GF = Very Thin Fine-Pitch MCP-compatible BGA, Lead (Pb)-free Package SPEED OPTION 65 = 65 ns 70 = 70 ns 80 = 80 ns PROCESS TECHNOLOGY N = 110 nm MirrorBit™ Technology FLASH DENSITY 256 = 256 Mb 129 = 128 Mb (Dual CE#) 127 = 128 Mb (Single CE#) DEVICE FAMILY S29PL = 3.0 Volt-only Simultaneous Read/Write, Page Mode Flash Memory Valid Combinations VIO Range Package Type (Note 2) Base Ordering Part Number Speed Option Package Type, Material, & Temperature Range Model Number Packing Type S29PL256N 65, 70 GAW, GFW W0 0, 2, 3 (Note 1) 2.7 – 3.1 V VBH084 8.0 x 11.6 mm 84-ball MCP-Compatible (FBGA) S29PL127N S29PL129N VBH064 8.0 x 11.6 mm 64-ball MCP-Compatible (FBGA) S29PL256N, S29PL127N 80 FAW, FFW 00 0, 2, 3 (Note 1) 2.7 – 3.6 V LAA064 11x13 mm 64-Ball (Fortified BGA) Notes: 1. Type 0 is standard. Specify other options as required. 2. BGA package marking omits leading S29 and packing type designator from ordering part number. Valid Combinations Valid Combinations list configurations planned to be supported in volume for this device. Consult your local sales office to confirm availability of specific valid combinations and to check on newly released combinations. |
Similar Part No. - S29PL256N65FAW003 |
|
Similar Description - S29PL256N65FAW003 |