Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLC Datasheet(PDF) 2 Page - ITT Industries

Part # SLC
Description  Snap/Clip-Lock Environmentally Sealed - Circular
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

SLC Datasheet(HTML) 2 Page - ITT Industries

  SLC Datasheet HTML 1Page - ITT Industries SLC Datasheet HTML 2Page - ITT Industries SLC Datasheet HTML 3Page - ITT Industries SLC Datasheet HTML 4Page - ITT Industries SLC Datasheet HTML 5Page - ITT Industries SLC Datasheet HTML 6Page - ITT Industries SLC Datasheet HTML 7Page - ITT Industries SLC Datasheet HTML 8Page - ITT Industries SLC Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
8 Position
10 Position
15 Position
5
www.ittcannon.com
Dimensions shown in mm
Specifications and dimensions subject to change
Plug
Receptacle
Plug
Receptacle
Plug
Receptacle
PCB
Inline
Snap-thru
PCB
Inline
Snap-thru
Snap-thru
See page 14
See page 14
See page 14
See page 14
See page 14
See page 14
See page 14
Snap Lock
(Double)
Snap Lock
(Double)
Snap Lock
(Double)
Snap Lock
(Double)
Snap Lock
(Double)
Snap Lock
(Double)
Snap Lock (Double)
CS-210
CS-210
CS-210
CS-206
CS-206
CS-210
CS-210
098532-0010
098532-0008
098532-0010
098532-0002 (5 A)
098532-0003 (13 A)
098532-0002 (5 A)
098532-0003 (13 A)
098532-0002 (5 A)
098532-0003 (13 A)
086-0060-000
--
098533-0010
098531-0002 (5 A)
098531-0003 (13 A)
098530-0002 (5 A)
098530-0003 (13 A)
098533-0002
098533-0003
086-0059-000
1
2
3
4
5
6
7
8
2
1
7
6
5
4
3
8
1
2
3
4
5
6
7
8
9
10
1
2
3
4
5
6
7
8
9
10
1
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
15
14
13
12
11
10
9
8
7
6
5
4
3
2
Engineering Quick Reference Selection Guide
Snap/Clip-Lock Environmentally Sealed - Circular


Similar Part No. - SLC

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SLC LITTELFUSE-SLC Datasheet
457Kb / 2P
   SLC Class G Fuses
SLC LITTELFUSE-SLC Datasheet
277Kb / 1P
   SLC CLASS G FUSES
logo
Ningbo songle relay co....
SLC SONGLERELAY-SLC Datasheet
3Mb / 2P
   Miniature volume, PCB usage
logo
Sanyou Corporation Limi...
SLC SANYOU-SLC Datasheet
112Kb / 4P
   Miniature High Power Relay
logo
List of Unclassifed Man...
SLC-001T-P2.0 ETC2-SLC-001T-P2.0 Datasheet
232Kb / 8P
   Crimping tools and machines
More results

Similar Description - SLC

ManufacturerPart #DatasheetDescription
logo
ITT Industries
SLE ITT-SLE Datasheet
388Kb / 14P
   Snap-Lock Environmentally Sealed - Rectangular
logo
List of Unclassifed Man...
WB15L ETC2-WB15L Datasheet
353Kb / 5P
   Environmentally Sealed Pushbuttons
logo
Nihon Kaiheiki Industry...
WR11AS NKK-WR11AS Datasheet
214Kb / 5P
   Environmentally Sealed Rockers
WT11S NKK-WT11S Datasheet
432Kb / 6P
   Environmentally Sealed Toggles
WB12S-DA NKK-WB12S-DA Datasheet
179Kb / 4P
   Environmentally Sealed Pushbuttons
logo
Texas Instruments
7BT2 TI-7BT2 Datasheet
567Kb / 2P
[Old version datasheet]   HIGH CAPACITY ENVIRONMENTALLY SEALED
logo
Astrodyne Corporation
T100100070-LF ASTRODYNE-T100100070-LF Datasheet
54Kb / 2P
   500W 27 Volt Environmentally Sealed Power Module
logo
Laird Tech Smart Techno...
MS3 LSTD-MS3 Datasheet
541Kb / 2P
   Environmentally friendly
logo
DDK Ltd.
CM04TA-8DP8S-010 DDK-CM04TA-8DP8S-010 Datasheet
990Kb / 2P
   M12 Sized & Sealed Circular Connectors
CM08 DDK-CM08 Datasheet
178Kb / 2P
   M8 Sized & Sealed Circular Connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com