Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MF604F Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # MF604F
Description  Micro filter for South Africa
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MF604F Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  MF604F Datasheet HTML 1Page - List of Unclassifed Manufacturers MF604F Datasheet HTML 2Page - List of Unclassifed Manufacturers MF604F Datasheet HTML 3Page - List of Unclassifed Manufacturers MF604F Datasheet HTML 4Page - List of Unclassifed Manufacturers MF604F Datasheet HTML 5Page - List of Unclassifed Manufacturers MF604F Datasheet HTML 6Page - List of Unclassifed Manufacturers MF604F Datasheet HTML 7Page - List of Unclassifed Manufacturers MF604F Datasheet HTML 8Page - List of Unclassifed Manufacturers MF604F Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Product Specification
MF604F
Data sheet subject to change without notice
RDPS-MF050(R0)08/27/2002
SHEET 5 OF 12
4.2. Electrical specification :
Electrical requirements
Splitter parameter
Range
values
Frequency range
Splitter bandwidth
DC to 16KHz
Nominal voice band
0KHz to 4KHz
Ringing frequency
17Hz , 25Hz
ADSL band
26KHz to 1104KHz
Line Impedance ZL
270ohm + (750ohm // 150nF)
CO impedance ZTc
270ohm + (750ohm // 150nF)
RT impedance ZTr
270ohm + (750ohm // 150nF)
Modem impedance
26KHz< f< 1104KHz
100 ohm
Operation voltage voice band
Nominal signal
21mVpp to 5.4 Vpp
Ringing signal
35Vrms to 75Vrms
DC voltage
0V to 78V
Max. AC voltage
25Hz < f <50Hz
100Vrms with78VDC offset
Current voice band
Loop current
<=125mA
Transient current(on/off hook)
<=125mA
DC Resistance
DC Resistance
<=25 ohm
Isolation resistance between any
wire and earth
>25 Mohm
Isolation resistance between wires At 200Vdc
>25Mohm
Voice–band characteristic
Delay distortion
200Hz<f<4KHz
<200 usec


Similar Part No. - MF604F

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
MF60 RIEDON-MF60 Datasheet
237Kb / 1P
   Film Resistors
logo
List of Unclassifed Man...
MF600SWI ETC-MF600SWI Datasheet
119Kb / 11P
   Mirco Filter For ADSL CPE Side
MF601F ETC-MF601F Datasheet
99Kb / 10P
   Mirco Filter For ADSL CPE Side
logo
Mitsubishi Electric Sem...
MF601G2-02BJXX MITSUBISHI-MF601G2-02BJXX Datasheet
145Kb / 18P
   2.5 Flash Drive
logo
List of Unclassifed Man...
MF602F ETC-MF602F Datasheet
56Kb / 11P
   Mirco Filter For ADSL CPE Side
More results

Similar Description - MF604F

ManufacturerPart #DatasheetDescription
logo
CUI INC
SMI-SA-1 CUI-SMI-SA-1 Datasheet
218Kb / 2P
   SOUTH AFRICA BLADE
12/21/2015
logo
List of Unclassifed Man...
2131H10C3 ETC2-2131H10C3 Datasheet
56Kb / 2P
   CORDSET -SOUTH AFRICA POWER SUPPLY CORD
logo
PowerDynamics, Inc
16012 POWERDYNAMICS-16012 Datasheet
56Kb / 1P
   INDIA / SOUTH AFRICA CORD SET; 250cm LONG; BS546/A TO IEC 60320 C13
logo
Beckhoff Automation Gmb...
CU8210-D001-0102 BECKHOFF-CU8210-D001-0102 Datasheet
75Kb / 2P
   WLAN USB stick for Europe, Russia, South Africa, Brazil, Israel, Korea, Taiwan, China, Japan, Australia, New Zealand
logo
List of Unclassifed Man...
VT8231 ETC-VT8231 Datasheet
1Mb / 132P
   SOUTH BRIDGE PC99 COMPLIANT
logo
Beckhoff Automation Gmb...
CU8210-D004-0102 BECKHOFF-CU8210-D004-0102 Datasheet
88Kb / 2P
   LTE USB stick for Europe, Middle East, Africa
logo
LinkCom Manufacturing C...
LAF0016 LINKCOM-LAF0016 Datasheet
226Kb / 1P
   MICRO FILTER
logo
Festo Corporation.
529460 FESTO-529460 Datasheet
78Kb / 1P
   Micro filter
3/6/22
535768 FESTO-535768 Datasheet
79Kb / 1P
   Micro filter
3/6/22
537223 FESTO-537223 Datasheet
81Kb / 2P
   Micro filter
3/6/22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com