Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N6331US Datasheet(PDF) 2 Page - Microsemi Corporation

Part # 1N6331US
Description  VOIDLESS-HERMETICALLY-SEALED Surface Mount 500 mW Glass Zener Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N6331US Datasheet(HTML) 2 Page - Microsemi Corporation

  1N6331US Datasheet HTML 1Page - Microsemi Corporation 1N6331US Datasheet HTML 2Page - Microsemi Corporation 1N6331US Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
VOIDLESS-HERMETICALLY-SEALED
Surface Mount 500 mW Glass Zener Diodes
SCOTTSD A L E DIVISION
1N6309US thru 1N6355US
ELECTRICAL CHARACTERISTICS
VZ2
NOM.
+/-5%
@ IZ2
VZ1
MIN.
@ IZ1
250 uA
Test
Current
IZ2
Dynamic
Impedance
ZZ
@
IZ2
Dynamic
Impedance
ZZK
@
250
µA
Max.
Current
IZM
Voltage
Reg.
VZ(reg)
(
∆VZ
)
Note 2
Max.
Surge
Current
IZSM
Reverse
Voltage
VR
Max.
Reverse
Current
IR1 @ VR
25
oC
Max.
Reverse
Current
IR2 @ VR
150
oC
Maximum
Noise
Density
ND
@ 250
µA
1 to 3 kHz
Max.
Temp.
Coeff. of
Zener
Voltage
αVZ
Max.
Cap.
@
O V
TYPE
Note 1
VOLTS
VOLTS
mA
OHMS
OHMS
mA
VOLTS
AMPS
VOLTS
µA
µA
µV /√Hz
%/
oC
pF
1N6309US
1N6310 US
1N6311 US
1N6312 US
2.4
2.7
3.0
3.3
1.1
1.2
1.3
1.5
20
20
20
20
30
30
29
24
1200
1300
1400
1400
177
157
141
128
1.5
1.5
1.5
1.6
2.5
2.2
2.0
1.8
1.0
1.0
1.0
1.0
100
60
30
5.0
200
150
100
20
1.0
1.0
1.0
1.0
-.085
-.080
-.075
-.065
2000
1900
1800
1650
1N6313 US
3.6
1.8
20
22
1400
109
1.6
1.65
1.0
3.0
12
1.0
-.055
+.020
1600
1N6314 US
3.9
2.0
20
20
1700
118
1.6
1.5
1.0
2.0
12
1.0
-.043
+.025
1400
1N6315 US
4.3
2.4
20
18
1400
99
0.9
1.4
1.0
2.0
12
1.0
-.030
+.030
1350
1N6316 US
4.7
2.8
20
16
1500
90
0.5
1.27
1.5
5.0
12
1.0
-.028
+.032
1300
1N6317 US
1N6318 US
1N6319 US
1N6320 US
5.1
5.6
6.2
6.8
3.3
4.3
5.2
6.0
20
20
20
20
14
8.0
3.0
3.0
1300
1200
800
400
83
76
68
63
0.4
0.4
0.3
0.35
1.17
1.10
0.97
1.23
2.0
2.5
3.5
4.0
5.0
5.0
5.0
2.0
12
10
10
10
1.0
2.0
5.0
5.0
+.045
+.050.
060
.062
1200
1150
1050
1000
1N6321 US
1N6322 US
1N6323 US
1N6324 US
7.5
8.2
9.1
10
6.6
7.5
8.4
9.1
20
20
20
20
4.0
5.0
6.0
6.0
400
400
500
500
57
52
47
43
0.4
0.4
0.5
0.5
1.16
1.07
0.97
.89
5.0
6.0
7.0
8.0
2.0
1.0
1.0
1.0
10
10
10
10
5.0
20
40
80
.068
.075
.076
.079
900
800
700
600
1N6325 US
1N6326 US
1N6327 US
1N6328 US
11
12
13
15
10
11
11.9
13.8
20
20
9.5
8.5
7.0
7.0
8.0
10
550
550
550
600
39
35
33
28
0.5
0.55
0.55
.70
.83
.77
.71
.62
8.5
9.0
9.9
11
1.0
1.0
.05
.05
10
10
10
10
100
100
100
100
.082
.083
.079
.082
500
450
400
350
1N6329 US
1N6330 US
1N6331 US
1N6332 US
16
18
20
22
14.7
16.6
18.5
20.4
7.8
7.0
6.2
5.6
12
14
18
20
600
600
500
500
27
24
21
19
.75
.85
.95
1.05
.58
.52
.47
.43
12
14
15
17
.05
.05
.05
.05
10
10
10
10
100
100
100
100
.083
.085
.086
.087
325
300
275
260
1N6333 US
1N6334 US
1N6335 US
1N6336 US
24
27
30
33
22.3
25.2
28
30.9
5.2
4.6
4.2
3.8
24
27
32
40
500
500
500
600
18
16
14
13
1.15
1.30
1.45
1.60
.39
.35
.31
.28
18
21
23
25
.05
.05
.05
.05
10
10
10
10
100
100
100
100
.088
+.090
.091
.092
240
220
200
185
1N6337 US
1N6338 US
1N6339 US
1N6340 US
36
39
43
47
33.7
36.6
40.4
44.2
3.4
3.2
3.0
2.7
50
55
65
75
600
700
800
900
12
11
9.9
9.0
1.75
1.90
2.10
2.25
.26
.24
.22
.20
27
30
33
36
.05
.05
.05
.05
10
10
10
10
100
100
80
80
.093
.094
.095
.095
175
170
165
155
1N6341 US
1N6342 US
1N6343 US
1N6344 US
51
56
62
68
48
52.7
58.4
64.1
2.5
2.2
2.0
1.8
85
100
125
155
1000
1200
1300
1500
8.3
7.6
6.8
6.3
2.50
2.70
2.90
3.20
.18
.17
.15
.13
39
43
47
52
.05
.05
.05
.05
10
10
10
10
80
80
80
80
.096
.097
.097
.098
145
135
130
120
1N6345 US
1N6346 US
1N6347 US
1N6348 US
75
82
91
100
70.8
77.4
86
94.5
1.7
1.5
1.4
1.3
180
220
270
340
1600
1800
2100
2400
5.7
5.2
4.7
4.3
3.40
3.80
4.20
4.40
.125
.115
.100
.095
56
62
69
76
.05
.05
.05
.05
10
10
10
10
80
80
80
80
.098
.099
.099
.110
110
105
100
95
1N6349 US
1N6350 US
1N6351 US
1N6352 US
110
120
130
150
104
113
122
141
1.1
1.0
0.95
.85
500
600
850
1000
2800
3200
4100
4500
3.9
3.5
3.3
2.8
4.80
5.20
5.60
7.00
.085
.080
.070
.065
84
91
99
114
.05
.05
.05
.05
10
10
10
10
80
80
80
80
.110
.110
.110
.110
90
70
70
65
1N6353 US
1N6354 US
1N6355 US
160
180
200
151
170
189
.80
.68
.65
1200
1500
1800
5000
5600
6500
2.7
2.4
2.1
7.50
9.00
12.0
.060
.050
.045
122
137
152
.05
.05
.05
10
10
10
80
80
80
.110
.110
.110
65
60
55
NOTE 1: Tight tolerances available in plus or minus 2% or 1% with C or D suffix respectively, e.g. 1N6309CUS, 1N6335DUS, etc.
NOTE 2: Voltage regulation VZ(reg) is the measured voltage change at thermal equilibrium between the current of 10% and 50%
of Maximum Zener Current IZM when the lead temperature is maintained at 25°C =+8°C, -2°C.
Microsemi
Scottsdale Division
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 2
Copyright
 2005
2-02-2005 REV A


Similar Part No. - 1N6331US

ManufacturerPart #DatasheetDescription
logo
Sensitron
1N6331US SENSITRON-1N6331US Datasheet
127Kb / 4P
   ZENER 500mW VOLTAGE REGULATOR
logo
Microsemi Corporation
1N6331US MICROSEMI-1N6331US Datasheet
276Kb / 6P
   VOIDLESS HERMETICALLY SEALED 500mV GLASS ZENER DIODES
More results

Similar Description - 1N6331US

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
JANS1N6320US MICROSEMI-JANS1N6320US Datasheet
276Kb / 6P
   VOIDLESS HERMETICALLY SEALED 500mV GLASS ZENER DIODES
1N6309 MICROSEMI-1N6309_V01 Datasheet
481Kb / 6P
   VOIDLESS HERMETICALLY SEALED 500mW GLASS ZENER DIODES
Rev. 2
1N4954US MICROSEMI-1N4954US Datasheet
503Kb / 4P
   VOIDLESS-HERMETICALLY-SEALED Surface Mount 5 WATT GLASS ZENER
1N4465JANTX MICROSEMI-1N4465JANTX Datasheet
446Kb / 6P
   VOIDLESS HERMETICALLY SEALED 1.5 WATT GLASS ZENER DIODES
1N5221UR MICROSEMI-1N5221UR Datasheet
149Kb / 3P
   500 mW GLASS SURFACE MOUNT ZENER DIODES
logo
Taiwan Semiconductor Co...
BZX79C2V0 TSC-BZX79C2V0 Datasheet
115Kb / 2P
   500 mW Hermetically Sealed Glass Zener Voltage Regulators
BZX79B2V4 TSC-BZX79B2V4 Datasheet
125Kb / 2P
   500 mW Hermetically Sealed Glass Zener Voltage Regulators
logo
Microsemi Corporation
JANS1N5618US MICROSEMI-JANS1N5618US Datasheet
155Kb / 3P
   VOIDLESS-HERMETICALLY-SEALED VOIDLESS-HERMETICALLY-SEALED RECOVERY GLASS RECTIFIERS
1N5985BUR-1 MICROSEMI-1N5985BUR-1 Datasheet
397Kb / 5P
   Surface Mount 500 mW Zener Diodes
Rev. 1
1N4614UR-1 MICROSEMI-1N4614UR-1_V01 Datasheet
467Kb / 6P
   500 mW Metallurgically Bonded Glass Surface Mount Zener Diodes
Rev. 2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com