Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIKQ9-7PL2-G Datasheet(PDF) 2 Page - ITT Industries

Part # MIKQ9-7PL2-G
Description  Microminiature Circular - .050 Contact Spacing
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

MIKQ9-7PL2-G Datasheet(HTML) 2 Page - ITT Industries

  MIKQ9-7PL2-G Datasheet HTML 1Page - ITT Industries MIKQ9-7PL2-G Datasheet HTML 2Page - ITT Industries MIKQ9-7PL2-G Datasheet HTML 3Page - ITT Industries MIKQ9-7PL2-G Datasheet HTML 4Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
45
www.ittcannon.com
Dimensions shown in inch (mm)
Specifications and dimensions subject to change
Microminiature Circular - .050" Contact Spacing
MIK
Standard Wire Termination Codes
The following termination codes are listed for your
information. For additional codes please refer to
Appendix on page 79 and 81. All wire lengths are
minimum.
HARNESS TYPES (H)
#26 AWG per MIL-W-16878 Type E, Teflon Stranded
Length
020
019
026
029
028
001
038
009
010
011
013
017
042
027
016
034
025
002
003
023
004
005
006
048
046
041
3 (76.2)
6 (152.4)
8 (203.2)
10 (254.0)
12 (304.8)
18 (457.2)
20 (508.0)
24 (609.6)
30 (762.0)
36 (914.4)
48 (1219.2)
72 (1828.8)
120 (3048.0)
-All Yellow
Color Coded
Contact Arrangements
Face View, Pin Side-(Male Twist Pin Contacts)
MIK/MIKM/MIKQ
7 Contacts
MASTER KEY (TYP)
2
36
7
7
8
1
1
14
13
1
5
12
20
29
39
48
58
67
74
66
57
47
38
28
19
11
4
75
81
82
85
49
10
16
17
24
25
31
32
39
4046
4752
53
55
59
10
15
16
22
23
28
29
33
34
37
3
12
16
19
17
13
4
4
5
MIKQ
19 Contacts
MIKQ
37 Contacts
MIK/MIKM
55 Contacts
MIKM
85 Contacts
Cavity identification numbers are for reference only, they do not appear on connectors.
Shell Dimensions
++
D
DIA.
L
A THD.
.335 (8.51)
Max.
R
S
H (TYP.)
K
A THD
D
DIA.
D
DIA.
R
S
H (TYP.)
D
DIA.
A THD.
K
F
L
A THD.
L
F
L
MIK (Rear Panel Mount Thickness - see Tabulation "T")
Weight given is 1/2" uninsulated, solid #25 AWG gold plated copper pigtails
Plug
Receptacle
Shell Size 7 only
Receptacle
Shell Size 55 only
Plug
Plug
Part Number
by Shell Size
MIK6-7P
MIK6-55P
A
Thread
D
Max.
L
Max.
Avg. Weight
oz. (gm.) ±5%
5/16-24UNF-2B
9/16-24UNF-2A
.375 (9.52)
.755 (19.18)
.315 (8.00)
.460 (11.68)
.054 (1.54)
.202 (5.72)
Part Number
by Shell Size
MIK0-7S
MIK0-55S
A
Thread
D
± .010 (0.25)
F
Max.
H
± .003 (0.08)
K
± .010 (0.25)
L
Max.
R
± .005 (0.13)
S
Max.
T
Max.
Avg. Weight
oz. (gm.) ± 5%
5/16-24UNF-2B
9/16-24UNF-2A
.325 (8.26)
.625 (15.88)
.315 (8.00)
.440 (11.18)
.078 (1.98)
.089 (2.26)
.062 (1.57)
.100 (2.54)
.355 (9.02)
.495 (12.57)
.460 (11.68)
.580 (14.73)
.630 (16.00)
.760 (19.30)
.032 (0.81)
.062 (1.57)
.022 (.635)
.134 (3.81)
Receptacle


Similar Part No. - MIKQ9-7PL2-G

ManufacturerPart #DatasheetDescription
logo
Ultralife Corporation.
MIK-21-75 ULTRALIFE-MIK-21-75 Datasheet
710Kb / 2P
   Radio Agnostic SATCOM On-the-Move-System
14 March 2016 Rev A
logo
List of Unclassifed Man...
MIK2152 ETC2-MIK2152 Datasheet
384Kb / 17P
   Video Decoder
logo
Estek Electronics Co. L...
MIK2576HVS-12 ESTEK-MIK2576HVS-12 Datasheet
200Kb / 8P
   Simple high-efficiency step-down (buck) regulator
MIK2576HVS-15 ESTEK-MIK2576HVS-15 Datasheet
200Kb / 8P
   Simple high-efficiency step-down (buck) regulator
MIK2576HVS-33 ESTEK-MIK2576HVS-33 Datasheet
200Kb / 8P
   Simple high-efficiency step-down (buck) regulator
More results

Similar Description - MIKQ9-7PL2-G

ManufacturerPart #DatasheetDescription
logo
ITT Industries
MIK6-55PH084 ITT-MIK6-55PH084 Datasheet
201Kb / 4P
   Microminiature Circular - .050 Contact Spacing
MIK6-55PH067 ITT-MIK6-55PH067 Datasheet
201Kb / 4P
   Microminiature Circular - .050 Contact Spacing
logo
Hirose Electric
HR25 HIROSE-HR25 Datasheet
948Kb / 8P
   High Performance, Microminiature Circular Connectors
SR38-4P-3P HIROSE-SR38-4P-3P Datasheet
134Kb / 4P
   MICROMINIATURE HIGH-PERFORMANCE MODEL SR38 CIRCULAR CONNECTORS
logo
ITT Industries
MTV1-16PH00101 ITT-MTV1-16PH00101 Datasheet
174Kb / 6P
   Microstrips .050 Contact Spacing
logo
Harwin Plc
S70-332002045R HARWIN-S70-332002045R Datasheet
64Kb / 1P
   SMT CIRCULAR CONTACT PAD
logo
ITT Industries
MEB1-128PL ITT-MEB1-128PL Datasheet
196Kb / 5P
   Micro Edgeboard - .050 Contact Spacing
logo
Hirose Electric
RM HIROSE-RM_18 Datasheet
522Kb / 13P
   Multi-contact Compact Circular Connectors
logo
List of Unclassifed Man...
MDM-21PCBRP ETC2-MDM-21PCBRP Datasheet
825Kb / 17P
   The Micro Line - .050" Contact Spacing
MDM-51PCBRP ETC2-MDM-51PCBRP Datasheet
825Kb / 17P
   The Micro Line - .050" Contact Spacing
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com