Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IE1215H Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # IE1215H
Description  DC/DC Converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IE1215H Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  IE1215H Datasheet HTML 1Page - List of Unclassifed Manufacturers IE1215H Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Mechanical Details
Derating Curve
OUTPUT VOLTAGE & CURRENT RATINGS
IE
Output
Output
3.3 VDC
5 VDC
12 VDC
24 VDC
48 VDC
Voltage
Current
Input
Input
Input
Input
Input
3.3 VDC
300 mA
IE0303
IE0503
IE1203
IE2403
IE4803
5.0 VDC
200 mA
IE0305
IE0505
IE1205
IE2405
IE4805
9.0 VDC
111 mA
IE0309
IE0509
IE1209
IE2409
IE4809
12.0 VDC
84 mA
IE0312
IE0512
IE1212
IE2412
IE4812
15.0 VDC
66 mA
IE0315
IE0515
IE1215
IE2415
IE4815
Add suffix “S” for single-in-line package, suffix “D” for dual-in-line package.
Add suffix “H” for 3000 VDC isolation.
* Derate output by 50% for 3.3 VDC input models.
Notes
BOTTOM
0.10
0.300
0.045
0.010
(BOTTOM VIEW)
0.010
max
0.20
0.300
0.300
.500 max
*0.24
max
0.400
max
0.150
max
0.020
0.020
0.500 max
0.400
max
*0.27
max
0.15
max
0.020
SINGLE-IN-LINE PACKAGE
DUAL-IN-LINE PACKAGE
Pins .01 x .02 inches
* 0.30 max for 48VDC input models
* 0.30 max for 48VDC input models
SINGLE-IN-LINE PACKAGE
DUAL-IN-LINE PACKAGE (TOP VIEW)
12
3
4
Vcc
GND
0V
+V
14
75
Vcc
GND
0V
+V
PH: 508 429.9883
FAX: 800 226.2100
Email: sales@xpiq.com
Holliston, MA 01746 USA
www.XPiQ.com
IE.qxd
6/6/03
4:18 pm
Page 2


Similar Part No. - IE1215H

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
IE1215KS-1W MORNSUN-IE1215KS-1W Datasheet
166Kb / 2P
   DUAL OUTPUT DC-DC CONVERTER
logo
XP Power Limited
IE1215S XPPOWER-IE1215S Datasheet
47Kb / 1P
   DC-DC Power Supplies
IE1215S XPPOWER-IE1215S Datasheet
188Kb / 1P
   Single Output
IE1215S XPPOWER-IE1215S Datasheet
105Kb / 1P
   1 Watt IE Series
IE1215S XPPOWER-IE1215S Datasheet
105Kb / 1P
   Single Output
More results

Similar Description - IE1215H

ManufacturerPart #DatasheetDescription
logo
CUI INC
VBD10 CUI-VBD10 Datasheet
108Kb / 3P
   DC-DC Converters
VBWQ10 CUI-VBWQ10 Datasheet
110Kb / 3P
   DC-DC Converters
logo
Emerson Network Power
PTH12030 EMERSON-NETWORKPOWER-PTH12030 Datasheet
207Kb / 4P
   DC-DC CONVERTERS
logo
Central Technologies
CTDD1605S-D CT-CTDD1605S-D Datasheet
205Kb / 2P
   DC/DC Converters
CTDD1712MF-SU1K-2 CT-CTDD1712MF-SU1K-2 Datasheet
536Kb / 2P
   DC/DC Converters
CTDD3220DF-S1.5K-5M CT-CTDD3220DF-S1.5K-5M Datasheet
282Kb / 2P
   DC/DC Converters
CTDD1907SF-D1K-2 CT-CTDD1907SF-D1K-2 Datasheet
258Kb / 2P
   DC/DC Converters
CTDD1907SF-DU3K-2 CT-CTDD1907SF-DU3K-2 Datasheet
185Kb / 2P
   DC/DC Converters
CTDD5025DF-S1K-10M CT-CTDD5025DF-S1K-10M Datasheet
244Kb / 2P
   DC/DC Converters
logo
Central Semiconductor C...
CTDD5025DF-2403-30M CENTRAL-CTDD5025DF-2403-30M Datasheet
443Kb / 2P
   DC/DC Converters
logo
XP Power Limited
WC101 XPPOWER-WC101 Datasheet
60Kb / 2P
   DC-DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com