Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EE06-FT1E4-K500 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # EE06-FT1E4-K500
Description  Small Size Transmitter for Humidity and Temperature
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

EE06-FT1E4-K500 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  EE06-FT1E4-K500 Datasheet HTML 1Page - List of Unclassifed Manufacturers EE06-FT1E4-K500 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
38
EE06
MODEL
OUTPUT T-SENSOR
TYPE
FILTER
CABLE LENGTH
(only passive)
(Type A + C)
humidity and temperature
(FT)
0 - 1 V
(1)
Pt 100 DIN A
(A)
with housing
(A)
membrane filter
(1)
0.5m (1.6ft)
(no code)
humidity
(F)
Pt 100 DIN B
(B)
without housing (B)
plastic grid
(4)
1.5m (4.9ft)
(K150)
humidity and temperature passive (FP)
Pt 1000 DIN A
(C)
with thread
(C)
metal grid filter
(6)
3m (9.8ft)
(K300)
Pt 1000 DIN B
(D)
5m (16.4ft)
(K500)
NTC 10K at 25°C
(E)
10m (32.8ft)
(K1000)
Ø12
34
82
Ø12
34
60
Ø12
34
80
7
M10x1
EE06-
EE06-FT1A1-K300
model:
humidity and temperature
output:
0-1 V
housing:
with housing
filter:
membrane filter
cable length
3m (9.8ft)
+
-
V
V
power supply
4.5...30V DC
+V (white)
GND (brown)
RH (green)
T (yellow)
Housing dimensions (mm)
Housing dimensions (mm)
Connection Dia
Connection Dia g
g r
r am
am
Or
Or dering Guide
dering Guide
Type A
Type B
Type C
cable length standard =
500mm (19.7”)
cable length standard =
500mm (19.7”)
cable length standard =
200mm (7.9”)
Or
Or der
der Example
Example
+
-
V
power supply
4.5...30V DC
+V (white)
GND (brown)
RH (green)
W
Tpassive2 (gray)
Tpassive1 (yellow)
1 mm = 0.03937” / 1” = 25.4 mm
- radiation shield (for more information please refer to data sheet “Accessories”)
(HA010502)
Accessories
Accessories


Similar Part No. - EE06-FT1E4-K500

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
EE012EMM150FM041A8RA1SS HUBERSUHNER-EE012EMM150FM041A8RA1SS Datasheet
336Kb / 3P
   MLE, 12F, 6x FLC/PC duplex, 6x ODC-2 plug, SM
logo
E+E Elektronik Ges.m.b....
EE03 EPLUSE-EE03 Datasheet
792Kb / 2P
   Humidity and Temperature Module with Digital Interface
logo
Sanken electric
EE04 SANKEN-EE04 Datasheet
85Kb / 3P
   Schottky Barrier Diodes
logo
E+E Elektronik Ges.m.b....
EE040 EPLUSE-EE040 Datasheet
951Kb / 7P
   OEM Humidity and Temperature Sensor
01-2023
EE046 EPLUSE-EE046 Datasheet
1Mb / 7P
   Condensation Monitor
01-2024
More results

Similar Description - EE06-FT1E4-K500

ManufacturerPart #DatasheetDescription
logo
Vaisala
HMT310 VAISALA-HMT310 Datasheet
585Kb / 3P
   Humidity and Temperature Transmitter
PTU300 VAISALA-PTU300 Datasheet
5Mb / 5P
   Combined Pressure, Humidity and Temperature Transmitter
logo
Greystone Energy System...
HTDT GREYSTONE-HTDT Datasheet
274Kb / 2P
   DUCT HUMIDITY/TEMPERATURE TRANSMITTER
RH110B GREYSTONE-RH110B Datasheet
196Kb / 2P
   ROOM HUMIDITY/TEMPERATURE TRANSMITTER
HTOB GREYSTONE-HTOB Datasheet
216Kb / 2P
   OUTSIDE HUMIDITY/TEMPERATURE TRANSMITTER
logo
Amphenol Corporation
T8700 AMPHENOL-T8700 Datasheet
118Kb / 4P
   Precision humidity and temperature transmitter for HVAC control applications
logo
Greystone Energy System...
HTOS GREYSTONE-HTOS Datasheet
237Kb / 2P
   OUTSIDE HUMIDITY/TEMPERATURE TRANSMITTER
HTRC GREYSTONE-HTRC Datasheet
226Kb / 2P
   ROOM HUMIDITY / TEMPERATURE TRANSMITTER
logo
E+E Elektronik Ges.m.b....
EE211 EPLUSE-EE211 Datasheet
1Mb / 9P
   Humidity and Temperature Sensor for Continuous High Humidity
09-2022
logo
Greystone Energy System...
PS-HAHTOB GREYSTONE-PS-HAHTOB Datasheet
237Kb / 2P
   HIGH ACCURACY OUTSIDE HUMIDITY/TEMPERATURE TRANSMITTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com