Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

60HQ060 Datasheet(PDF) 2 Page - International Rectifier

Part # 60HQ060
Description  SCHOTTKY RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

60HQ060 Datasheet(HTML) 2 Page - International Rectifier

  60HQ060 Datasheet HTML 1Page - International Rectifier 60HQ060 Datasheet HTML 2Page - International Rectifier 60HQ060 Datasheet HTML 3Page - International Rectifier 60HQ060 Datasheet HTML 4Page - International Rectifier 60HQ060 Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
60HQ... Series
2
Bulletin PD-2.055 rev. E 11/02
www.irf.com
I
F(AV)
Max. Average Forward Current
60
A
50% duty cycle @ T
C
= 118 °C, rectangular wave form
* See Fig. 5
I
FSM
Max. Peak One Cycle Non-Repetitive
8400
5µs Sine or 3µs Rect. pulse
Surge Current * See Fig. 7
1200
10ms Sine or 6ms Rect. pulse
E
AS
Non-RepetitiveAvalancheEnergy
15
mJ
T
J
= 25 °C, I
AS
= 1 Amps, L = 30 mH
I
AR
RepetitiveAvalancheCurrent
1
A
Current decaying linearly to zero in 1 µsec
Frequency limited by T
J
max. V
A
= 1.5 x V
R
typical
Parameters
60HQ
Units
Conditions
Absolute Maximum Ratings
V
FM
Max. Forward Voltage Drop
(1)
0.89
V
@ 60A
* See Fig. 1
1.09
V
@ 120A
0.70
V
@ 60A
0.84
V
@ 120A
I
RM
Max. Reverse Leakage Current (1)
1.5
mA
T
J
= 25 °C
* See Fig. 2
20
mA
T
J
= 125 °C
C
T
Max. Junction Capacitance
1400
pF
V
R
= 5V
DC
, (test signal range 100Khz to 1Mhz) 25 °C
L
S
Typical Series Inductance
7.5
nH
Measured from top of terminal to mounting plane
dv/dt Max. Voltage Rate of Change
10000
V/ µs
(Rated V
R
)
T
J
= 25 °C
T
J
= 125 °C
V
R
= rated V
R
Electrical Specifications
Parameters
60HQ
Units
Conditions
(1) Pulse Width < 300µs, Duty Cycle < 2%
T
J
Max. Junction Temperature Range
-65 to 175
°C
T
stg
Max. Storage Temperature Range
-65 to 175
°C
R
thJC
Max. Thermal Resistance Junction
0.83
°C/W
DC operation
* See Fig. 4
to Case
R
thCS
Typical Thermal Resistance, Case to
0.25
°C/W
Mounting surface , smooth and greased
Heatsink
wt
Approximate Weight
15 (0.53) g (oz.)
T
Mounting Torque
Min.
23 (20)
Non-lubricatedthreads
Max.
46 (40)
CaseStyle
DO-203AB(DO-5) JEDEC
Kg-cm
(Ibf-in)
Thermal-Mechanical Specifications
Parameters
60HQ
Units
Conditions
A
Following any rated
load condition and
with rated V
RRM
applied
Part number
60HQ060
60HQ080
60HQ090
60HQ100
V
R
Max. DC Reverse Voltage (V)
V
RWM
Max. Working Peak Reverse Voltage (V)
60
80
90
100
Voltage Ratings


Similar Part No. - 60HQ060

ManufacturerPart #DatasheetDescription
logo
International Rectifier
60HQ060 IRF-60HQ060 Datasheet
88Kb / 5P
   SCHOTTKY RECTIFIER
logo
New Jersey Semi-Conduct...
60HQ060 NJSEMI-60HQ060 Datasheet
135Kb / 1P
   Schottky Rectifiers Single Chip Devices
60HQ060 NJSEMI-60HQ060 Datasheet
135Kb / 1P
   Schottky Rectifiers Single Chip Devices
More results

Similar Description - 60HQ060

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com