Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM25LV010-33KGBS Datasheet(PDF) 6 Page - ELAN Microelectronics Corp

Part # EM25LV010-33KGBS
Description  1 Megabit (128K x 8) Serial Flash Memory
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM25LV010-33KGBS Datasheet(HTML) 6 Page - ELAN Microelectronics Corp

Back Button EM25LV010-33KGBS Datasheet HTML 2Page - ELAN Microelectronics Corp EM25LV010-33KGBS Datasheet HTML 3Page - ELAN Microelectronics Corp EM25LV010-33KGBS Datasheet HTML 4Page - ELAN Microelectronics Corp EM25LV010-33KGBS Datasheet HTML 5Page - ELAN Microelectronics Corp EM25LV010-33KGBS Datasheet HTML 6Page - ELAN Microelectronics Corp EM25LV010-33KGBS Datasheet HTML 7Page - ELAN Microelectronics Corp EM25LV010-33KGBS Datasheet HTML 8Page - ELAN Microelectronics Corp EM25LV010-33KGBS Datasheet HTML 9Page - ELAN Microelectronics Corp EM25LV010-33KGBS Datasheet HTML 10Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
EM25LV010
1 Megabit (128K x 8) Serial Flash Memory
SPECIFICATION
Status Register
The Status Register contains a number of status and control bits that can be read or set by
specific instructions. Refer to Table 3 below for details.
BUSY Bit
The (BUSY) bit is a read only bit in the status register, which is set to “1” state when the device
is executing the Write Status Register, Program, or Erase cycle while the device ignores
further instructions except for the Read Status Register instruction. When the Program,
Erase, or Write Status Register instruction is completed, the (BUSY) bit will be cleared to “0”
state indicating the device is ready for further instructions.
WEL Bit
The Write Enable Latch (WEL) bit indicates the status of the internal Write Enable Latch.
When setting to “1,” the internal Write Enable Latch is set. When setting to “0,” the internal
Write Enable Latch is reset and no Write Status Register, Program, nor Erase instruction is
accepted.
BP1, BP0 Bits
The Block Protect (BP1, BP0) bits are non-volatile. They define the size of the area to be
software protected against Program and Erase instructions. These bits are written with the
Write Status Register (WRSR) instruction. When one or both of the Block Protect (BP1, BP0)
bits is set to “1”, the relevant memory area, as defined in Table 4, becomes protected against
Page Program (PP) and Block Erase (BE) instructions. The Block Protect (BP1, BP0) bits can
be written provided that the Hardware Protected mode has not been set. The Chip Erase
(CE) instruction is executed if, and only if, both Block Protect (BP1, BP0) bits are set to “0.”
SRWD Bit
The Status Register Write Disable (SRWD) bit is operated in conjunction with the Write
Protect (W#) signal. The Status Register Write Disable bit and Write Protect signal allow the
device to be located in the Hardware Protected mode (when the Status Register Write Disable
(SRWD) bit is set to “1,” and Write Protect (W#) is driven Low). In this mode, the non-volatile
bits of the Status Register (SRWD, BP1, and BP0) become read-only bits and the Write Status
Register (WRSR) instruction is no longer accepted for execution.
This specification is subject to change without further notice. (11.08.2004 V1.0)
Page 6 of 30


Similar Part No. - EM25LV010-33KGBS

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM25LV512 EMC-EM25LV512 Datasheet
394Kb / 30P
   512 K (64K x 8) Bits Serial Flash Memory
EM25LV512-25KGBS EMC-EM25LV512-25KGBS Datasheet
394Kb / 30P
   512 K (64K x 8) Bits Serial Flash Memory
EM25LV512-25MS EMC-EM25LV512-25MS Datasheet
394Kb / 30P
   512 K (64K x 8) Bits Serial Flash Memory
EM25LV512-33KGBS EMC-EM25LV512-33KGBS Datasheet
394Kb / 30P
   512 K (64K x 8) Bits Serial Flash Memory
EM25LV512-33MS EMC-EM25LV512-33MS Datasheet
394Kb / 30P
   512 K (64K x 8) Bits Serial Flash Memory
More results

Similar Description - EM25LV010-33KGBS

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29F010 EON-EN29F010 Datasheet
429Kb / 35P
   1 Megabit (128K x 8-bit) 5V Flash Memory
logo
ATMEL Corporation
AT29C010A ATMEL-AT29C010A_08 Datasheet
408Kb / 18P
   1-megabit (128K x 8) 5-volt Only Flash Memory
AT49F001 ATMEL-AT49F001 Datasheet
152Kb / 16P
   1-Megabit 128K x 8 5-volt Only Flash Memory
AT29LV010A-12TU ATMEL-AT29LV010A-12TU Datasheet
721Kb / 16P
   1-megabit (128K x 8) 3-volt Only Flash Memory
AT29C010A-70TI ATMEL-AT29C010A-70TI Datasheet
314Kb / 18P
   1-megabit (128K x 8) 5-volt Only Flash Memory
AT29C010A ATMEL-AT29C010A_02 Datasheet
214Kb / 18P
   1-Megabit (128K x 8) 5-volt Only Flash Memory
AT29C010A ATMEL-AT29C010A Datasheet
727Kb / 12P
   1 Megabit 128K x 8 5-volt Only CMOS Flash Memory
AT49F010 ATMEL-AT49F010 Datasheet
248Kb / 10P
   1-Megabit 128K x 8 5-volt Only CMOS Flash Memory
AT49BV010 ATMEL-AT49BV010 Datasheet
88Kb / 11P
   1-Megabit 128K x 8 Single 2.7-volt Battery-Voltage Flash Memory
AT49BV001A ATMEL-AT49BV001A Datasheet
182Kb / 18P
   1-megabit (128K x 8) Single 2.7-volt Battery-Voltage??Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com