Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W200132V205AQ Datasheet(PDF) 4 Page - ITT Industries

Part # W200132V205AQ
Description  4 & 6 Tumbler Switchlocks
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

W200132V205AQ Datasheet(HTML) 4 Page - ITT Industries

  W200132V205AQ Datasheet HTML 1Page - ITT Industries W200132V205AQ Datasheet HTML 2Page - ITT Industries W200132V205AQ Datasheet HTML 3Page - ITT Industries W200132V205AQ Datasheet HTML 4Page - ITT Industries W200132V205AQ Datasheet HTML 5Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
M–47
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
M
C&K W Series
4 & 6 Tumbler Switchlocks
TERMINATIONS
MOUNTING/LOCK STYLE
CONTACT MATERIAL
22 AWG INSULATED WIRE,
BLACK STD.
WC
WIRE LEAD
05
QUICK CONNECT
A
WITH NUT
All models
with all options.
Switch and Lock Assembly Instructions
1. Place lock assembly in mounting hole on panel,
secure with mounting nut.
2. Place locking ring on lock assembly.
3. Align keying tab on switch assembly with keying slot
on lock assembly.
4. Snap assemblies together.
5. Slide locking ring over junction of lock and switch
assemblies.
6. Switch installation is permanent. Switch cannot be removed
from lock after assembly. Attempting to separate switch and
lock may cause damage to switchlock.
1 CONTACTS & TERMINALS: Copper, silver plated (standard with all termination options).
* Note: See Technical Data section of this catalog for RoHS compliant and compatible definitions and specifications.
NOTE: Other colors and lengths available, consult
Customer Service Center. UL style 1015.
Nut part number: 175050700
.195 (4,95) max.
(STD.) WITH NUT
A
PANEL THICKNESS
MOUNTING
STYLE
OPTION
CODE
CONTACT AND
OPTION
CODE
TERMINAL MATERIAL
RATING
Q
4 AMPS @ 125 V AC; 2 AMPS @ 250 V AC (UL/CSA).
SILVER
1
POWER
RoHS
COMPLIANT*
RoHS
COMPATIBLE*
YES
YES
2 AMPS @ 125 V AC; 1 AMP @ 250 V AC, T65 (VDE).


Similar Part No. - W200132V205AQ

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
W2001BP KEYSIGHT-W2001BP Datasheet
936Kb / 9P
   GoldenGate RFIC Solutions
More results

Similar Description - W200132V205AQ

ManufacturerPart #DatasheetDescription
logo
ITT Industries
Y100132A203NQ ITT-Y100132A203NQ Datasheet
582Kb / 8P
   4, 5 & 6 Tumbler Switchlocks
logo
C&K Components
H101132F205NQ2 CK-COMPONENTS-H101132F205NQ2 Datasheet
268Kb / 5P
   4 & 6 Tumbler Power Switchlocks
logo
ITT Industries
H101132F205NQ ITT-H101132F205NQ Datasheet
430Kb / 5P
   4 & 6 Tumbler Power Switchlocks
logo
C&K Components
Y10013 CK-COMPONENTS-Y10013 Datasheet
433Kb / 8P
   4, 5 & 6 Tumbler Switchlocks
H CK-COMPONENTS-H Datasheet
722Kb / 5P
   4 & 6 Tumbler Power Switchlocks
18 May 22
Y CK-COMPONENTS-Y Datasheet
923Kb / 8P
   4, 5 & 6 Tumbler Switchlocks
2018
logo
ITT Industries
YF01132C2803NQ ITT-YF01132C2803NQ Datasheet
356Kb / 4P
   4 Tumbler Miniature Switchlocks
logo
C&K Components
YF01132C203NQ CK-COMPONENTS-YF01132C203NQ Datasheet
211Kb / 4P
   4 Tumbler Miniature Switchlocks
YM06132C205NQ CK-COMPONENTS-YM06132C205NQ Datasheet
182Kb / 3P
   4 Tumbler Miniature Switchlocks
logo
ITT Industries
YM06132C205NQ ITT-YM06132C205NQ Datasheet
319Kb / 3P
   4 Tumbler Miniature Switchlocks
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com