Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM25LV010-25MS Datasheet(PDF) 5 Page - ELAN Microelectronics Corp

Part # EM25LV010-25MS
Description  1 Megabit (128K x 8) Serial Flash Memory
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM25LV010-25MS Datasheet(HTML) 5 Page - ELAN Microelectronics Corp

  EM25LV010-25MS Datasheet HTML 1Page - ELAN Microelectronics Corp EM25LV010-25MS Datasheet HTML 2Page - ELAN Microelectronics Corp EM25LV010-25MS Datasheet HTML 3Page - ELAN Microelectronics Corp EM25LV010-25MS Datasheet HTML 4Page - ELAN Microelectronics Corp EM25LV010-25MS Datasheet HTML 5Page - ELAN Microelectronics Corp EM25LV010-25MS Datasheet HTML 6Page - ELAN Microelectronics Corp EM25LV010-25MS Datasheet HTML 7Page - ELAN Microelectronics Corp EM25LV010-25MS Datasheet HTML 8Page - ELAN Microelectronics Corp EM25LV010-25MS Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
EM25LV010
1 Megabit (128K x 8) Serial Flash Memory
SPECIFICATION
Memory Organization
The memory is organized as:
131,072 Bytes (8 bits per byte)
4 Blocks (256K bits or 32,768 bytes per block)
512 Pages (256 bytes per page)
Each page can be individually programmed (bits are programmed from “1” to “0”). The
device is Block or Chip Erasable (bits are erased from “0” to “1”), but not Page Erasable.
Block
Address Range
3
18000h
1FFFFh
2
10000h
17FFFh
1
08000h
0FFFFh
0
00000h
07FFFh
Table 2: Memory Organization
Control Logic
I/O Buffer and Data Latches
Address Register
and Counter
256 Byte Data Buffer
Status
Register
Y-Decoder
Hold#
W#
S#
C
D
Q
18000h
10000h
08000h
00000h
1FFFFh
000FFh
Size of the
read-only
m em ory area
256 Bytes (Page Size)
Block3
Block2
Block1
Block0
Figure 2: SPI Modes Supported
This specification is subject to change without further notice. (11.08.2004 V1.0)
Page 5 of 30


Similar Part No. - EM25LV010-25MS

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM25LV512 EMC-EM25LV512 Datasheet
394Kb / 30P
   512 K (64K x 8) Bits Serial Flash Memory
EM25LV512-25KGBS EMC-EM25LV512-25KGBS Datasheet
394Kb / 30P
   512 K (64K x 8) Bits Serial Flash Memory
EM25LV512-25MS EMC-EM25LV512-25MS Datasheet
394Kb / 30P
   512 K (64K x 8) Bits Serial Flash Memory
EM25LV512-33KGBS EMC-EM25LV512-33KGBS Datasheet
394Kb / 30P
   512 K (64K x 8) Bits Serial Flash Memory
EM25LV512-33MS EMC-EM25LV512-33MS Datasheet
394Kb / 30P
   512 K (64K x 8) Bits Serial Flash Memory
More results

Similar Description - EM25LV010-25MS

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29F010 EON-EN29F010 Datasheet
429Kb / 35P
   1 Megabit (128K x 8-bit) 5V Flash Memory
logo
ATMEL Corporation
AT29C010A ATMEL-AT29C010A_08 Datasheet
408Kb / 18P
   1-megabit (128K x 8) 5-volt Only Flash Memory
AT49F001 ATMEL-AT49F001 Datasheet
152Kb / 16P
   1-Megabit 128K x 8 5-volt Only Flash Memory
AT29LV010A-12TU ATMEL-AT29LV010A-12TU Datasheet
721Kb / 16P
   1-megabit (128K x 8) 3-volt Only Flash Memory
AT29C010A-70TI ATMEL-AT29C010A-70TI Datasheet
314Kb / 18P
   1-megabit (128K x 8) 5-volt Only Flash Memory
AT29C010A ATMEL-AT29C010A_02 Datasheet
214Kb / 18P
   1-Megabit (128K x 8) 5-volt Only Flash Memory
AT29C010A ATMEL-AT29C010A Datasheet
727Kb / 12P
   1 Megabit 128K x 8 5-volt Only CMOS Flash Memory
AT49F010 ATMEL-AT49F010 Datasheet
248Kb / 10P
   1-Megabit 128K x 8 5-volt Only CMOS Flash Memory
AT49BV010 ATMEL-AT49BV010 Datasheet
88Kb / 11P
   1-Megabit 128K x 8 Single 2.7-volt Battery-Voltage Flash Memory
AT49BV001A ATMEL-AT49BV001A Datasheet
182Kb / 18P
   1-megabit (128K x 8) Single 2.7-volt Battery-Voltage??Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com