Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM78P351NM Datasheet(PDF) 7 Page - ELAN Microelectronics Corp

Part # EM78P351NM
Description  8-Bit Microprocessor with OTP ROM
Download  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P351NM Datasheet(HTML) 7 Page - ELAN Microelectronics Corp

Back Button EM78P351NM Datasheet HTML 3Page - ELAN Microelectronics Corp EM78P351NM Datasheet HTML 4Page - ELAN Microelectronics Corp EM78P351NM Datasheet HTML 5Page - ELAN Microelectronics Corp EM78P351NM Datasheet HTML 6Page - ELAN Microelectronics Corp EM78P351NM Datasheet HTML 7Page - ELAN Microelectronics Corp EM78P351NM Datasheet HTML 8Page - ELAN Microelectronics Corp EM78P351NM Datasheet HTML 9Page - ELAN Microelectronics Corp EM78P351NM Datasheet HTML 10Page - ELAN Microelectronics Corp EM78P351NM Datasheet HTML 11Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 110 page
background image
EM78P350N
8-Bit Microprocessor with OTP ROM
Product Specification (V 1.0) 09.14.2006
• 1
(This specification is subject to change without further notice)
1
General Description
The EM78P350N is an 8-bit microprocessors designed and developed with low-power and high-speed CMOS
technology. It has an on-chip 8K
×13-bit Electrical One Time Programmable Read Only Memory (OTP-ROM). It provides
a protection bit to prevent intrusion of user’s OTP memory code. Three Code option bits are also available to meet user’s
requirements.
With its enhanced OTP-ROM feature, the EM78P350N provides a convenient way of developing and verifying user’s
programs. Moreover, this OTP device offers the advantages of easy and effective program updates, using development
and programming tools. User can avail of the ELAN Writer to easily program his development code.
2
Features
CPU configuration
8K×13 bits on chip ROM
144×8 bits on chip registers (SRAM)
8 level stacks for subroutine nesting
4 programmable Level Voltage Detector
(LVD) :
4.5V, 4.0V, 3.3V, 2.2V
4 programmable Level Voltage Reset
(LVR) : 4.0V, 3.5V, 2.7V, 1.8V (POR)
Less than 2.2 mA at 5V/4MHz
Typically 15 µA, at 3V/32kHz
Typically 1 µA, during sleep mode
I/O port configuration
4 bidirectional I/O ports : P5, P6, P7, P8
29 I/O pins
Wake-up port : P6
29 Programmable pull-down I/O pins
29 programmable pull-high I/O pins
External interrupt : P52, P53
Operating voltage range:
OTP version:
Operating voltage range: 2.1V~5.5V
Mask ROM version:
Operating voltage range: 1.8V~5.5V
Operating temperature range: -40~85℃
Operating frequency range:
Main clock
Crystal mode:
DC ~ 20MHz/2clks @ 5V; DC ~100ns inst.
cycle @ 5V
DC ~ 8MHz/2clks @ 3V;DC ~ 250ns inst.
cycle @ 3V
ERC mode:
DC ~ 16MHz/2clks @ 5V; DC ~ 125ns inst.
cycle @ 5V
DC ~ 8MHz/2clks @ 3V; DC ~ 250ns inst.
cycle @ 3V
IRC mode:
Oscillation mode : 4MHz, 8MHz, 1MHz, 455kHz
Process deviation : Typ±3%, Max±5%
Temperature deviation : ±10% (-40°C~85°C )
Sub clock
Crystal: 32.768kHz
Peripheral configuration
Serial peripheral interface (SPI) available
8-bit real time clock/counter (TCC) with selective signal
sources, trigger edges, and overflow interrupt
8-bit channels Analog-to-Digital Converter with 12-bit
resolution
Three Pulse Width Modulation (PWM ) with 10-bit
resolution
One pair of comparators or OP
Eight available interrupts:
TCC overflow interrupt
Input-port status changed interrupt (wake-up from sleep
mode)
Two External interrupt
ADC completion interrupt
PWM time period match completion interrupt
Comparator high/low interrupt
Serial I/O interrupt
Low voltage detect (LVD)
Special features
Programmable free running watchdog timer
High ESD immunity
High EFT immunity
Power saving Sleep mode
Selectable Oscillation mode
Package types:
28 pin DIP
600mil
EM78P350NP
28 pin SOP
300mil
EM78P350NM
28 pin SDIP
400mil
EM78P350NK
28 pin SDIP
300mil
EM78P350NAK
32 pin LQFP
EM78P351NQ
32 pin SDIP
400mil
EM78P351NK
32 pin DIP
600mil
EM78P351NP
32 pin SOP l
300mil
EM78P351NM
3
Pin Assignment


Similar Part No. - EM78P351NM

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78P311N EMC-EM78P311N Datasheet
667Kb / 68P
   8-BIT Microcontroller
EM78P311SXS/XJ EMC-EM78P311SXS/XJ Datasheet
667Kb / 68P
   8-BIT Microcontroller
EM78P311SXY EMC-EM78P311SXY Datasheet
667Kb / 68P
   8-BIT Microcontroller
EM78P312N EMC-EM78P312N Datasheet
668Kb / 68P
   8-BIT Microcontroller
EM78P312NAK EMC-EM78P312NAK Datasheet
668Kb / 68P
   8-BIT Microcontroller
More results

Similar Description - EM78P351NM

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78P330 EMC-EM78P330 Datasheet
1,020Kb / 112P
   8-Bit Microprocessor with OTP ROM
EM78P510N EMC-EM78P510N Datasheet
2Mb / 116P
   8-Bit Microprocessor with OTP ROM
EM78P528N EMC-EM78P528N Datasheet
4Mb / 164P
   8-Bit Microprocessor with OTP ROM
EM78P258N EMC-EM78P258N Datasheet
1Mb / 81P
   8-Bit Microprocessor with OTP ROM
EM78P520N EMC-EM78P520N Datasheet
3Mb / 124P
   8-Bit Microprocessor with OTP ROM
EM78P342N EMC-EM78P342N Datasheet
3Mb / 118P
   8-Bit Microprocessor with OTP ROM
EM78P417N EMC-EM78P417N Datasheet
1Mb / 84P
   8-Bit Microprocessor with OTP ROM
EM78P341 EMC-EM78P341 Datasheet
1Mb / 102P
   8-Bit Microprocessor with OTP ROM
EM78P142 EMC-EM78P142 Datasheet
905Kb / 96P
   8-Bit Microprocessor with OTP ROM
EM78P259N EMC-EM78P259N Datasheet
1Mb / 88P
   8-Bit Microprocessor with OTP ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com