Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W1011U2C205AQ Datasheet(PDF) 5 Page - ITT Industries

Part # W1011U2C205AQ
Description  4 & 6 Tumbler Switchlocks
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

W1011U2C205AQ Datasheet(HTML) 5 Page - ITT Industries

  W1011U2C205AQ Datasheet HTML 1Page - ITT Industries W1011U2C205AQ Datasheet HTML 2Page - ITT Industries W1011U2C205AQ Datasheet HTML 3Page - ITT Industries W1011U2C205AQ Datasheet HTML 4Page - ITT Industries W1011U2C205AQ Datasheet HTML 5Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
C&K W Series
4 & 6 Tumbler Switchlocks
AVAILABLE HARDWARE
Key Code: A126
PART NO. (ONE KEY)
115140126
Material: Brass
Finish: Nickel plate
Key Code: AAAA
PART NO. (ONE KEY)
363C1AAAA
Material: Zinc Alloy
Finish: Chrome plate
Key Code: A126
PART NO. (ONE KEY)
1159112602
BLACK
Material: Brass
Finish: Nickel plate
6/6 Nylon insert molded head
M
M–48
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com


Similar Part No. - W1011U2C205AQ

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
W1010 PULSE-W1010 Datasheet
1Mb / 7P
   Solutions for Mobile Phone Antennas
W1010 PULSE-W1010 Datasheet
663Kb / 2P
   Wireless External Antenna for 2.4 GHz Application
logo
Bourns Electronic Solut...
W101000J BOURNS-W101000J Datasheet
422Kb / 3P
   Wirewound Power Resistor
logo
Lumins Inc.
W1012 LUMINIS-W1012 Datasheet
93Kb / 2P
   Ceiling mount
logo
Bourns Electronic Solut...
W101200J BOURNS-W101200J Datasheet
422Kb / 3P
   Wirewound Power Resistor
More results

Similar Description - W1011U2C205AQ

ManufacturerPart #DatasheetDescription
logo
ITT Industries
Y100132A203NQ ITT-Y100132A203NQ Datasheet
582Kb / 8P
   4, 5 & 6 Tumbler Switchlocks
logo
C&K Components
H101132F205NQ2 CK-COMPONENTS-H101132F205NQ2 Datasheet
268Kb / 5P
   4 & 6 Tumbler Power Switchlocks
logo
ITT Industries
H101132F205NQ ITT-H101132F205NQ Datasheet
430Kb / 5P
   4 & 6 Tumbler Power Switchlocks
logo
C&K Components
Y10013 CK-COMPONENTS-Y10013 Datasheet
433Kb / 8P
   4, 5 & 6 Tumbler Switchlocks
H CK-COMPONENTS-H Datasheet
722Kb / 5P
   4 & 6 Tumbler Power Switchlocks
18 May 22
Y CK-COMPONENTS-Y Datasheet
923Kb / 8P
   4, 5 & 6 Tumbler Switchlocks
2018
logo
ITT Industries
YF01132C2803NQ ITT-YF01132C2803NQ Datasheet
356Kb / 4P
   4 Tumbler Miniature Switchlocks
logo
C&K Components
YF01132C203NQ CK-COMPONENTS-YF01132C203NQ Datasheet
211Kb / 4P
   4 Tumbler Miniature Switchlocks
YM06132C205NQ CK-COMPONENTS-YM06132C205NQ Datasheet
182Kb / 3P
   4 Tumbler Miniature Switchlocks
logo
ITT Industries
YM06132C205NQ ITT-YM06132C205NQ Datasheet
319Kb / 3P
   4 Tumbler Miniature Switchlocks
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com