Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM25LV512-33MS Datasheet(PDF) 9 Page - ELAN Microelectronics Corp

Part # EM25LV512-33MS
Description  512 K (64K x 8) Bits Serial Flash Memory
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM25LV512-33MS Datasheet(HTML) 9 Page - ELAN Microelectronics Corp

Back Button EM25LV512-33MS Datasheet HTML 5Page - ELAN Microelectronics Corp EM25LV512-33MS Datasheet HTML 6Page - ELAN Microelectronics Corp EM25LV512-33MS Datasheet HTML 7Page - ELAN Microelectronics Corp EM25LV512-33MS Datasheet HTML 8Page - ELAN Microelectronics Corp EM25LV512-33MS Datasheet HTML 9Page - ELAN Microelectronics Corp EM25LV512-33MS Datasheet HTML 10Page - ELAN Microelectronics Corp EM25LV512-33MS Datasheet HTML 11Page - ELAN Microelectronics Corp EM25LV512-33MS Datasheet HTML 12Page - ELAN Microelectronics Corp EM25LV512-33MS Datasheet HTML 13Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
EM25LV512
512 K (64K x 8) Bits Serial Flash Memory
SPECIFICATION
If Chip Select (S#) goes High while the device is in the Hold condition, the internal logic of the
device will be reset. To restart communication with the device, it is necessary to drive Hold
(HOLD#) to High, and then drive Chip Select (S#) to Low. This prevents the device from
going back to the Hold condition.
Write Protect
The EM25LV512 offers the following data protection mechanism features to prevent
inadvertent write from noisy environment:
Power-On Reset and an internal timer (tPUW) can provide protection against inadvertent
changes while the power supply is outside the operating specification.
Program, Erase, and Write Status Register instructions consisting of a number of clock
pulses in multiple of eight, will be checked before they are accepted for execution.
All instructions that modify data must be preceded by a Write Enable (WREN) instruction
to set the Write Enable Latch (WEL) bit.
This bit is returned to its reset state by the
following events:
Power-up
Write Disable (WRDI) instruction completion
Write Status Register (WRSR) instruction completion
Page Program (PP) instruction completion
Block Erase (BE) instruction completion
Chip Erase (CE) instruction completion
The Block Protect (BP1, BP0) bits allow part of the memory to be configured as read-only.
This is the Software Protected Mode (SPM).
The Write Protect (W#) signal, in collaboration with the Status Register Write Disable
(SRWD) bit, allows the Block Protect (BP1, BP0) bits and Status Register Write Disable
(SRWD) bit to be write-protected.
This is the Hardware Protected Mode (HPM).
In addition to the low power consumption feature, the Deep Power-down mode offers
extra software protection from inadvertent Write from Program and Erase because all
instructions are ignored except one particular instruction (the Release from Deep Power
down instruction).
The protection features of the device are summarized in the following table (Table 6).
When the Status Register Write Disable (SRWD) bit of the Status Register is set at “0” (its
initial delivery state), it is possible to write to the Status Register provided that the Write
Enable Latch (WEL) bit has previously been set by a Write Enable (WREN) instruction,
regardless of whether Write Protect (W#) is driven High or Low.
This specification is subject to change without further notice. (11.08.2004 V1.0)
Page 9 of 30


Similar Part No. - EM25LV512-33MS

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM25LV010 EMC-EM25LV010 Datasheet
399Kb / 30P
   1 Megabit (128K x 8) Serial Flash Memory
EM25LV010-25KGBS EMC-EM25LV010-25KGBS Datasheet
399Kb / 30P
   1 Megabit (128K x 8) Serial Flash Memory
EM25LV010-25MS EMC-EM25LV010-25MS Datasheet
399Kb / 30P
   1 Megabit (128K x 8) Serial Flash Memory
EM25LV010-25RKGBS EMC-EM25LV010-25RKGBS Datasheet
399Kb / 30P
   1 Megabit (128K x 8) Serial Flash Memory
EM25LV010-25RMS EMC-EM25LV010-25RMS Datasheet
399Kb / 30P
   1 Megabit (128K x 8) Serial Flash Memory
More results

Similar Description - EM25LV512-33MS

ManufacturerPart #DatasheetDescription
logo
Winbond
W39L040 WINBOND-W39L040 Datasheet
334Kb / 27P
   512 K X 8 CMOS FLASH MEMORY
logo
Eon Silicon Solution In...
EN29F512 EON-EN29F512 Datasheet
429Kb / 35P
   512 Kbit (64K x 8-bit) 5V Flash Memory
logo
AiT Semiconductor Inc.
A24C64 AITSEMI-A24C64 Datasheet
918Kb / 20P
   MEMORY EEPROM 64k BITS (8192 X 8) TWO-WIRE SERIAL
REV2.1
logo
SPANSION
MBM29F004TC-70 SPANSION-MBM29F004TC-70 Datasheet
474Kb / 53P
   FLASH MEMORY CMOS 4 M (512 K X 8) BIT
logo
Winbond
W29EE512 WINBOND-W29EE512 Datasheet
153Kb / 22P
   64K X 8 CMOS FLASH MEMORY
logo
Samsung semiconductor
K9K8G08U1M SAMSUNG-K9K8G08U1M Datasheet
1Mb / 41P
   512M x 8 Bits / 1G x 8 Bits NAND Flash Memory
logo
SPANSION
MBM29SL800TE-90 SPANSION-MBM29SL800TE-90 Datasheet
451Kb / 52P
   FLASH MEMORY CMOS 8 M (1 M X 8/512 K X 16) BIT
MBM29SL800TD-10 SPANSION-MBM29SL800TD-10 Datasheet
519Kb / 56P
   FLASH MEMORY CMOS 8 M (1 M X 8/512 K X 16) BIT
logo
Samsung semiconductor
K9T1G08U0M SAMSUNG-K9T1G08U0M Datasheet
888Kb / 38P
   128M x 8 Bits NAND Flash Memory
logo
Intel Corporation
AN28F512 INTEL-AN28F512 Datasheet
1Mb / 24P
   512K (64K x 8) CMOS FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com