Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM25LV512-33MS Datasheet(PDF) 2 Page - ELAN Microelectronics Corp

Part # EM25LV512-33MS
Description  512 K (64K x 8) Bits Serial Flash Memory
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM25LV512-33MS Datasheet(HTML) 2 Page - ELAN Microelectronics Corp

  EM25LV512-33MS Datasheet HTML 1Page - ELAN Microelectronics Corp EM25LV512-33MS Datasheet HTML 2Page - ELAN Microelectronics Corp EM25LV512-33MS Datasheet HTML 3Page - ELAN Microelectronics Corp EM25LV512-33MS Datasheet HTML 4Page - ELAN Microelectronics Corp EM25LV512-33MS Datasheet HTML 5Page - ELAN Microelectronics Corp EM25LV512-33MS Datasheet HTML 6Page - ELAN Microelectronics Corp EM25LV512-33MS Datasheet HTML 7Page - ELAN Microelectronics Corp EM25LV512-33MS Datasheet HTML 8Page - ELAN Microelectronics Corp EM25LV512-33MS Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
EM25LV512
512 K (64K x 8) Bits Serial Flash Memory
SPECIFICATION
Pin Assignments
1
2
3
4
5
6
7
8
S#
Q
W#
VSS
VCC
HOLD#
C
D
SO8
Top View
Figure 0: Pin Assignments
Pin Description
Pin Name
Function
C
Serial Clock
1
D
Serial Data Input
2
Q
Serial Data Output
3
S#
Chip Select
4
W#
Write Protect
5
Hold#
Hold
6
VDD
Supply Voltage
VSS
Ground
Table 1: Pin Description
1 Serial Clock (C):
This input pin provides the timing for serial input and output operations. Instructions,
addresses, or data present at Serial Data Input (D) are latched on the rising edge of Serial
Clock (C). Data on Serial Data Output (Q) changes after the falling edge of Serial Clock (C).
2 Serial Data Input (D):
This input pin provides a means for instructions, addresses, and data to be serially written to
the device. Data is latched on the rising edge of Serial Clock (C).
3 Serial Data Output (Q):
This output pin provides a means for data and status to be serially read from the device. Data
is shift out on the falling edge of Serial Clock (C).
This specification is subject to change without further notice. (11.08.2004 V1.0)
Page 2 of 30


Similar Part No. - EM25LV512-33MS

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM25LV010 EMC-EM25LV010 Datasheet
399Kb / 30P
   1 Megabit (128K x 8) Serial Flash Memory
EM25LV010-25KGBS EMC-EM25LV010-25KGBS Datasheet
399Kb / 30P
   1 Megabit (128K x 8) Serial Flash Memory
EM25LV010-25MS EMC-EM25LV010-25MS Datasheet
399Kb / 30P
   1 Megabit (128K x 8) Serial Flash Memory
EM25LV010-25RKGBS EMC-EM25LV010-25RKGBS Datasheet
399Kb / 30P
   1 Megabit (128K x 8) Serial Flash Memory
EM25LV010-25RMS EMC-EM25LV010-25RMS Datasheet
399Kb / 30P
   1 Megabit (128K x 8) Serial Flash Memory
More results

Similar Description - EM25LV512-33MS

ManufacturerPart #DatasheetDescription
logo
Winbond
W39L040 WINBOND-W39L040 Datasheet
334Kb / 27P
   512 K X 8 CMOS FLASH MEMORY
logo
Eon Silicon Solution In...
EN29F512 EON-EN29F512 Datasheet
429Kb / 35P
   512 Kbit (64K x 8-bit) 5V Flash Memory
logo
AiT Semiconductor Inc.
A24C64 AITSEMI-A24C64 Datasheet
918Kb / 20P
   MEMORY EEPROM 64k BITS (8192 X 8) TWO-WIRE SERIAL
REV2.1
logo
SPANSION
MBM29F004TC-70 SPANSION-MBM29F004TC-70 Datasheet
474Kb / 53P
   FLASH MEMORY CMOS 4 M (512 K X 8) BIT
logo
Winbond
W29EE512 WINBOND-W29EE512 Datasheet
153Kb / 22P
   64K X 8 CMOS FLASH MEMORY
logo
Samsung semiconductor
K9K8G08U1M SAMSUNG-K9K8G08U1M Datasheet
1Mb / 41P
   512M x 8 Bits / 1G x 8 Bits NAND Flash Memory
logo
SPANSION
MBM29SL800TE-90 SPANSION-MBM29SL800TE-90 Datasheet
451Kb / 52P
   FLASH MEMORY CMOS 8 M (1 M X 8/512 K X 16) BIT
MBM29SL800TD-10 SPANSION-MBM29SL800TD-10 Datasheet
519Kb / 56P
   FLASH MEMORY CMOS 8 M (1 M X 8/512 K X 16) BIT
logo
Samsung semiconductor
K9T1G08U0M SAMSUNG-K9T1G08U0M Datasheet
888Kb / 38P
   128M x 8 Bits NAND Flash Memory
logo
Intel Corporation
AN28F512 INTEL-AN28F512 Datasheet
1Mb / 24P
   512K (64K x 8) CMOS FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com