Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H3YN-41-Z Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # H3YN-41-Z
Description  Solid-state Timer (Miniature Timer with Multiple Time Ranges and Multiple Operating Modes)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H3YN-41-Z Datasheet(HTML) 5 Page - Omron Electronics LLC

  H3YN-41-Z Datasheet HTML 1Page - Omron Electronics LLC H3YN-41-Z Datasheet HTML 2Page - Omron Electronics LLC H3YN-41-Z Datasheet HTML 3Page - Omron Electronics LLC H3YN-41-Z Datasheet HTML 4Page - Omron Electronics LLC H3YN-41-Z Datasheet HTML 5Page - Omron Electronics LLC H3YN-41-Z Datasheet HTML 6Page - Omron Electronics LLC H3YN-41-Z Datasheet HTML 7Page - Omron Electronics LLC H3YN-41-Z Datasheet HTML 8Page - Omron Electronics LLC H3YN-41-Z Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Solid-state Timer
H3YN
B-91
Connections
I Connection
Pulse Operation
A pulse output for a certain period can be obtained with a random external input signal.
Use the H3YN in interval mode as shown in the following timing charts.
!Caution
Be careful when connecting wires.
UP
PW
H3YN-2/-21
DIN Indication
DIN Indication
UP
PW
Timer
circuit
Timer
circuit
H3YN-4/-41
H3YN-4-Z/-41-Z
H3YN-2/-21
External input
Power (9-14)
Power (9-14)
External input
H3YN-4/-41
H3YN-4-Z/-41-Z
Timer
circuit
Timer
circuit
External short circuit
(5-13)
External input
(9-13)
Time limit contact
NO (12-8)
Time limit contact
NC (12-4)
Run/Power indicator
(PW)
Output indicator (UP)
50 ms
min.
Note: t:
Set time
Rt: Reset time
External short circuit
(5-13)
External input
(9-13)
Time limit contact NO
(10-6, 11-7, 12-8)
Time limit contact NC
(10-2, 11-3, 12-4)
Run/Power indicator
(PW)
Output indicator (UP)
50 ms
min.
Note: t:
Set time
Rt: Reset time
Mode
Terminals
Pulse operation
Power supply between 9 and 14
Short-circuit between 5 and 13
Input signal between 9 and 13
Operating mode; interval and all other modes
Power supply between 13 and 14


Similar Part No. - H3YN-41-Z

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
H3YN-2-DC24 OMRON-H3YN-2-DC24 Datasheet
1Mb / 14P
   Miniature Timer with Multiple Time Ranges and Multiple Operating Modes
More results

Similar Description - H3YN-41-Z

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
H3YN-2-DC24 OMRON-H3YN-2-DC24 Datasheet
1Mb / 14P
   Miniature Timer with Multiple Time Ranges and Multiple Operating Modes
H3CR OMRON-H3CR Datasheet
2Mb / 61P
   Solid-state Timer
H3DE-M OMRON-H3DE-M Datasheet
1Mb / 34P
   Solid-state Timer
H3BA-N OMRON-H3BA-N Datasheet
1Mb / 22P
   Solid-state Timer
H3JA OMRON-H3JA Datasheet
288Kb / 8P
   Solid-state Timer
H3Y OMRON-H3Y Datasheet
149Kb / 8P
   Solid-state Timer
H3BA-X OMRON-H3BA-X Datasheet
1Mb / 16P
   Solid-state Timer
Y92F-40 OMRON-Y92F-40 Datasheet
1,000Kb / 7P
   Solid-state Timer
logo
List of Unclassifed Man...
1071 ETC2-1071 Datasheet
79Kb / 1P
   INDUSTRIAL SOLID STATE TIMER
logo
Omron Electronics LLC
H3CA OMRON-H3CA Datasheet
398Kb / 15P
   Solid-State Digital Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com