Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H3YN-41-Z Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # H3YN-41-Z
Description  Solid-state Timer (Miniature Timer with Multiple Time Ranges and Multiple Operating Modes)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H3YN-41-Z Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button H3YN-41-Z Datasheet HTML 3Page - Omron Electronics LLC H3YN-41-Z Datasheet HTML 4Page - Omron Electronics LLC H3YN-41-Z Datasheet HTML 5Page - Omron Electronics LLC H3YN-41-Z Datasheet HTML 6Page - Omron Electronics LLC H3YN-41-Z Datasheet HTML 7Page - Omron Electronics LLC H3YN-41-Z Datasheet HTML 8Page - Omron Electronics LLC H3YN-41-Z Datasheet HTML 9Page - Omron Electronics LLC H3YN-41-Z Datasheet HTML 10Page - Omron Electronics LLC H3YN-41-Z Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Solid-state Timer
H3YN
B-93
I DIP Switch Settings
The 1-s range and ON-delay mode for H3YN-2/-4/-4-Z, the 1-min range and ON-delay mode for H3YN-21/-41/-41-Z are factory-set before shipping.
Time Ranges
Note: The top two DIP switch pins are used to select the time ranges.
Operating Modes
Note: The bottom two DIP switch pins are used to select the operating mode.
Nomenclature
1 min 10 min
1 s
10 s
Model
Time range
Time setting
range
Setting
Factory-set
H3YN-2,
H3YN-4
H3YN-4-Z
1 s
0.1 to 1 s
Yes
10 s
1 to 10 s
No
1 min
0.1 to 1 min
No
10 min
1 to 10 min
No
H3YN-21,
H3YN-41
H3YN-41-Z
1 min
0.1 to 1 min
Yes
10 min
1 to 10 min
No
1 h
0.1 to 1 h
No
10 h
1 to 10 h
No
Operating mode
Setting
Factory-set
ON-delay
Yes
Interval
No
Flicker OFF-start
No
Flicker ON-start
No
Run/Power Indicator (Green)
(Lit: Power ON)
Output Indicator (Orange)
(Lit: Output ON)
Main Dial
Set the desired time according
to time range selectable by
DIP switch.


Similar Part No. - H3YN-41-Z

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
H3YN-2-DC24 OMRON-H3YN-2-DC24 Datasheet
1Mb / 14P
   Miniature Timer with Multiple Time Ranges and Multiple Operating Modes
More results

Similar Description - H3YN-41-Z

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
H3YN-2-DC24 OMRON-H3YN-2-DC24 Datasheet
1Mb / 14P
   Miniature Timer with Multiple Time Ranges and Multiple Operating Modes
H3CR OMRON-H3CR Datasheet
2Mb / 61P
   Solid-state Timer
H3DE-M OMRON-H3DE-M Datasheet
1Mb / 34P
   Solid-state Timer
H3BA-N OMRON-H3BA-N Datasheet
1Mb / 22P
   Solid-state Timer
H3JA OMRON-H3JA Datasheet
288Kb / 8P
   Solid-state Timer
H3Y OMRON-H3Y Datasheet
149Kb / 8P
   Solid-state Timer
H3BA-X OMRON-H3BA-X Datasheet
1Mb / 16P
   Solid-state Timer
Y92F-40 OMRON-Y92F-40 Datasheet
1,000Kb / 7P
   Solid-state Timer
logo
List of Unclassifed Man...
1071 ETC2-1071 Datasheet
79Kb / 1P
   INDUSTRIAL SOLID STATE TIMER
logo
Omron Electronics LLC
H3CA OMRON-H3CA Datasheet
398Kb / 15P
   Solid-State Digital Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com