Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BLT70 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BLT70
Description  UHF power transistor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLT70 Datasheet(HTML) 5 Page - NXP Semiconductors

  BLT70 Datasheet HTML 1Page - NXP Semiconductors BLT70 Datasheet HTML 2Page - NXP Semiconductors BLT70 Datasheet HTML 3Page - NXP Semiconductors BLT70 Datasheet HTML 4Page - NXP Semiconductors BLT70 Datasheet HTML 5Page - NXP Semiconductors BLT70 Datasheet HTML 6Page - NXP Semiconductors BLT70 Datasheet HTML 7Page - NXP Semiconductors BLT70 Datasheet HTML 8Page - NXP Semiconductors BLT70 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
1996 Feb 06
5
Philips Semiconductors
Product specification
UHF power transistor
BLT70
APPLICATION INFORMATION
RF performance at Ts ≤ 60 °C in a common emitter test circuit (see note 1 and Fig.7).
Note
1. Ts is the temperature at the soldering point of the collector pin.
Ruggedness in class-AB operation
The BLT70 is capable of withstanding a load mismatch corresponding to VSWR = 6 : 1 through all phases under the
following conditions: f = 900 MHz; VCE = 6.5 V; PL = 0.5 W; Ts ≤ 60 °C.
MODE OF OPERATION
f
(MHz)
VCE
(V)
ICQ
(mA)
PL
(W)
Gp
(dB)
ηC
(%)
CW, class-AB
900
4.8
0.01
0.6
≥6
≥60
typ. 8.1
typ. 73
Fig.5
Power gain and collector efficiency as
functions of load power; typical values.
f = 900 MHz; VCE = 4.8 V; ICQ = 0.01 mA; Ts ≤ 60 °C.
handbook, halfpage
0
1.0
10
Gp
(dB)
0
2
MGD200
4
6
8
0.2
0.4
0.6
0.8
PL (W)
100
ηC
(%)
ηC
80
20
40
0
60
Gp
Fig.6
Load power as a function of input
power; typical values.
f = 900 MHz; VCE = 4.8 V; ICQ = 0.01 mA; Ts ≤ 60 °C.
handbook, halfpage
0
100
PIN (mW)
200
1.0
PL
(W)
0
0.8
MGD201
0.6
0.4
0.2


Similar Part No. - BLT70

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLT70 NXP-BLT70 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
More results

Similar Description - BLT70

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLU60-12 PHILIPS-BLU60-12 Datasheet
59Kb / 10P
   UHF power transistor
March 1986
logo
Motorola, Inc
MRA0510-50H MOTOROLA-MRA0510-50H Datasheet
60Kb / 4P
   UHF POWER TRANSISTOR
logo
NXP Semiconductors
BFG21W PHILIPS-BFG21W Datasheet
116Kb / 12P
   UHF power transistor
1998 Jul 06
BLT61 PHILIPS-BLT61 Datasheet
55Kb / 8P
   UHF power transistor
1998 Jan 28
BLV193 PHILIPS-BLV193 Datasheet
108Kb / 14P
   UHF power transistor
March 1993
BLV920 PHILIPS-BLV920 Datasheet
109Kb / 12P
   UHF power transistor
1997 Nov 17
BLV934 PHILIPS-BLV934 Datasheet
75Kb / 12P
   UHF power transistor
1995 Apr 11
BLV98CE PHILIPS-BLV98CE Datasheet
62Kb / 11P
   UHF power transistor
March 1993
BLW90 PHILIPS-BLW90 Datasheet
58Kb / 11P
   UHF power transistor
August 1986
logo
Motorola, Inc
TP3021 MOTOROLA-TP3021 Datasheet
88Kb / 4P
   UHF Power Transistor
logo
New Jersey Semi-Conduct...
BLT53 NJSEMI-BLT53 Datasheet
123Kb / 4P
   UHF power transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com