Our premium waterborne acrylic bonding primer, fast
drying, primer-sealer and stain killer for use on all
wood, masonry or previously painted surfaces.
Suitable for interior or exterior applications. Provides
excellent adhesion to a variety of surfaces including
drywall, wood, cured plaster, masonry or galvanized
metal and aluminum. An excellent stain killer for
water stains, lipstick, smoke, ink, crayons and knots
or sap streaks. Resists nail head and tannin staining
over woods such as redwood or cedar. Resists
checking and cracking when used over bare exterior
plywood, T-1-11, Douglas Fir or yellow pine. Highly
alkali resistant. May be applied to new concrete or
masonry surfaces with a pH up to 13.0 and prior to a
30 day cure.
Product Description
Features
Composition
Specifications
Color:
White (tintable, limit 2 oz/gal)
Finish:
Flat
Clean-up Solvent:
Soap and water
Density:
11.2 lbs/gal (1.34 kg/L)
VOC:
0.79 lbs/gal (95 g/L)
Solids:
Volume - 50% ± 1%
Weight - 63% ± 1%
Practical Coverage:
Apply at 300-450 sq ft/gal (7-11 m2/L). Actual
coverage may vary depending on substrate and
application method.
Flash Point:
None
Dry Time 77°F (25°C) & 50% RH:
To touch - 30 minutes
To recoat - 1 hour
Shelf Life:
1 year minimum - unopened
• Interior/exterior usage
• Blocks stains
• High hiding
• Excellent sealing
• Excellent adhesion and hide
• Quick drying and recoat
• Easy application
• Moisture and alkali resistant up to 13.0 pH
• Good stain resistance over cedar and redwood
• Multiple surface usage
• Low VOC and odor
• Waterborne Acrylic Resin
• Titanium Dioxide and Extender Pigments
• Not manufactured with lead or mercury
containing materials.
Performance Data
Property
Test Method
Results
Dry Opacity (Hiding)
ASTM D 2805
Excellent, 0.96
Directional Reflectance
ASTM E 97
92%
Adhesion
ASTM D 3359
Excellent, 5A
Flexibility
ASTM D 522, 1/8” mandel
Excellent, no cracking or flaking
ULTRA-HIDE
®
Aquacrylic GRIPPER
Stain Killer Primer-Sealer
GL3210