Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H3YN Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # H3YN
Description  Solid-state Timer (Miniature Timer with Multiple Time Ranges and Multiple Operating Modes)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H3YN Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button H3YN Datasheet HTML 4Page - Omron Electronics LLC H3YN Datasheet HTML 5Page - Omron Electronics LLC H3YN Datasheet HTML 6Page - Omron Electronics LLC H3YN Datasheet HTML 7Page - Omron Electronics LLC H3YN Datasheet HTML 8Page - Omron Electronics LLC H3YN Datasheet HTML 9Page - Omron Electronics LLC H3YN Datasheet HTML 10Page - Omron Electronics LLC H3YN Datasheet HTML 11Page - Omron Electronics LLC H3YN Datasheet HTML 12Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Solid-state Timer
H3YN
B-95
I Accessories (Order Separately)
Connecting Sockets
Use the PYF
@A, PY@, PY@-02, or PY@QN(2) to mount the H3YN. When ordering any one of these Sockets, replace “@” with “08” or “14.”
90.5
86.6
6
16.5
35.4
3.4
4
6
59
±0.3
15
±0.2
6
16.5
35.4
3.4
4
6
59
±0.3
22
±0.2
4
42
1
8
5
12
9
14
14
13
44
12
14
41
11
A2 A2 A1
19.8
4
42
8
44
1
12
5
14
41
12
A2
14
11
9
A1
13
A2
14
PYF-08A-N
4
3
2
1
8
7
6
5
12 11 10
9
14 14
13
42 32 22 12
44 34 24 14
41 31 21 11
A2 A2
A1
20.8
4
42
3
32
2
22
1
12
8
44
7
34
6
24
5
14
41
12
31
11
21
10
11
9
A1
13
A2
14
A2
14
PYF-14A-N
PYF
@A
Mounting Holes
72 max.
23 max.
30 max.
PYF-14A
Mounting Holes
72 max.
29.5 max.
30 max.
PYF-08A-N
Terminal Arrangement
3.2 dia.
3.6 dia.
22 max.
66.5 max.
30 max.
Two, 3.5 dia.
30 max.
66.5 max.
29.5 max.
PYF-14A-N
Terminal Arrangement
Track Mounting/Front Connecting Sockets
PYF08A
Two, 4.2
× 5
mounting holes
Eight, M3
×
8 sems
Two, 4.5 dia.
M4 or M3
H3YN
Series
Two, 4.5 dia.
M4 or M3
Fourteen, M3
×
8 sems
Two, 4.2
× 5
mounting holes
Terminal Arrangement
(Top View)
Terminal Arrangement
(Top View)
Mounting Holes
(for Surface Mounting)
Mounting Holes
(for Surface Mounting)


Similar Part No. - H3YN

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
H3YN OMRON-H3YN Datasheet
1Mb / 14P
   Miniature Timer with Multiple Time Ranges and Multiple Operating Modes
H3YN-2-DC24 OMRON-H3YN-2-DC24 Datasheet
1Mb / 14P
   Miniature Timer with Multiple Time Ranges and Multiple Operating Modes
logo
Amphenol Corporation
H3YNC2DI AMPHENOL-H3YNC2DI Datasheet
318Kb / 2P
   HELIOS H4 Amphenol solar connector
H3YNC4DI AMPHENOL-H3YNC4DI Datasheet
318Kb / 2P
   HELIOS H4 Amphenol solar connector
H3YNC6DI AMPHENOL-H3YNC6DI Datasheet
318Kb / 2P
   HELIOS H4 Amphenol solar connector
More results

Similar Description - H3YN

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
H3YN-2-DC24 OMRON-H3YN-2-DC24 Datasheet
1Mb / 14P
   Miniature Timer with Multiple Time Ranges and Multiple Operating Modes
H3CR OMRON-H3CR Datasheet
2Mb / 61P
   Solid-state Timer
H3DE-M OMRON-H3DE-M Datasheet
1Mb / 34P
   Solid-state Timer
H3BA-N OMRON-H3BA-N Datasheet
1Mb / 22P
   Solid-state Timer
H3JA OMRON-H3JA Datasheet
288Kb / 8P
   Solid-state Timer
H3Y OMRON-H3Y Datasheet
149Kb / 8P
   Solid-state Timer
H3BA-X OMRON-H3BA-X Datasheet
1Mb / 16P
   Solid-state Timer
Y92F-40 OMRON-Y92F-40 Datasheet
1,000Kb / 7P
   Solid-state Timer
logo
List of Unclassifed Man...
1071 ETC2-1071 Datasheet
79Kb / 1P
   INDUSTRIAL SOLID STATE TIMER
logo
Omron Electronics LLC
H3CA OMRON-H3CA Datasheet
398Kb / 15P
   Solid-State Digital Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com